Part Number Hot Search : 
BAT54WS HT6337 TN020 PLS159 CQYP95 61100 MBRF2010 LES015YH
Product Description
Full Text Search
 

To Download IRF7324D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 91789
PRELIMINARY
IRF7324D1
8
FETKYTM MOSFET / Schottky Diode
l l l l
Co-packaged HEXFET(R) Power MOSFET and Schottky Diode Ideal for Mobile Phone Applications Generation V Technology SO-8 Footprint
A A S G
1
K K D D
2
7
VDSS = -20V RDS(on) = 0.18 Schottky Vf = 0.39V
3
6
4
5
T op V ie w
Description
The FETKYTM family of co-packaged HEXFETs and Schottky diodes offer the designer an innovative board space saving solution for switching regulator applications. Generation 5 HEXFETs utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. Combining this technology with International Rectifier's low forward drop Schottky rectifiers results in an extremely efficient device suitable for use in a wide variety of portable electronics applications. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics. The SO-8 package is designed for vapor phase, infrared or wave soldering techniques.
S O -8
Absolute Maximum Ratings (TA = 25C unless otherwise noted)
Parameter
ID @ TA = 25C ID @ TA = 70C I DM PD @TA = 25C PD @TA = 70C VGS dv/dt TJ, TSTG Continuous Drain Current, VGS@4.5V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Maximum
-2.9 -2.3 -23 2.0 1.3 16 12 -5.0 -55 to +150
Units
A
W mW/C V V/ns C
Thermal Resistance Ratings
Parameter
RJA Junction-to-Ambient
Maximum
62.5
Units
C/W
Notes: Repetitive rating; pulse width limited by maximum junction temperature (see figure 11) ISD -2.2A, di/dt -50A/s, VDD V(BR)DSS, TJ 150C Pulse width 300s; duty cycle 2% Surface mounted on FR-4 board, t 10sec.
www.irf.com
1
IRF7324D1
MOSFET Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter V(BR)DSS RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Drain-to-Source Breakdown Voltage Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. -20 -- -- -0.70 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. -- 0.070 0.115 -- -- -- -- -- -- 15 2.2 6.0 8.4 26 51 33 610 310 170 Max. Units Conditions -- V VGS = 0V, ID = -250A 0.180 VGS = -4.5V, ID = -2.9A 0.375 VGS = -2.7V, ID = -2.5A -- V VDS = VGS, ID = -250A -- S VDS = -16V, ID = -2.2A -1.0 VDS = -16V, VGS = 0V A -25 VDS = -16V, VGS = 0V, TJ = 125C -100 VGS = -12V nA 100 VGS = 12V 22 ID = -2.2A 3.3 nC VDS = -16V 9.0 VGS = -4.5V (see figure 10) -- VDD = -10V -- ID = -2.2A ns -- RG = 6.0 -- RD = 4.5 -- VGS = 0V -- pF VDS = -15V -- = 1.0MHz (see figure 9) Conditions
MOSFET Source-Drain Ratings and Characteristics
Parameter Min. Typ. Max. Units IS Continuous Source Current (Body Diode) -- -- -2.0 A I SM Pulsed Source Current (Body Diode) -- -- -23 VSD Body Diode Forward Voltage -- -- -1.2 V trr Reverse Recovery Time (Body Diode) -- 43 65 ns Q rr Reverse Recovery Charge -- 44 66 nC
TJ = 25C, IS = -2.0A, VGS = 0V TJ = 25C, IF = -2.3A di/dt = 100A/s
Schottky Diode Maximum Ratings
IF(av)
I SM
Parameter Max. Average Forward Current Max. peak one cycle Non-repetitive Surge current
Max. Units. 1.7 A 1.2 120 11 A
Conditions 50% Duty Cycle. Rectangular Wave, TA = 25C TA = 70C 5s sine or 3s Rect. pulse Following any rated 10ms sine or 6ms Rect. pulse load condition & with VRRM applied
Schottky Diode Electrical Specifications
V FM Parameter Max. Forward voltage drop Max. Units 0.50 0.62 V 0.39 0.57 0.05 mA 10 92 pF 3600 V/ s Conditions IF = 1.0A, TJ = 25C IF = 2.0A, TJ = 25C IF = 1.0A, TJ = 125C IF = 2.0A, TJ = 125C . VR = 20V TJ = 25C TJ = 125C VR = 5Vdc ( 100kHz to 1 MHz) 25C Rated VR
IRM Ct dv/dt
Max. Reverse Leakage current Max. Junction Capacitance Max. Voltage Rate of Charge
2
www.irf.com
IRF7324D1
Power Mosfet Characteristics
100
VGS - 7.5V - 5.0V - 4.0V - 3.5V - 3.0V - 2.5V - 2.0V BOTTOM - 1.5V TOP
100
-I D , D rain-to-S ourc e C urrent (A )
10
-ID , D rain-to-S ourc e C urrent (A )
VGS - 7.5V - 5.0V - 4.0V - 3.5V - 3.0V - 2.5V - 2.0V BOTTOM - 1.5V TOP
10
1
1
-1.5V
-1.5V 20 s P U LS E W ID TH TJ = 25C A
0.1 1 10 100
0.1 0.01
0.1 0.01
20 s P U LS E W ID TH TJ = 150C
0.1 1 10
100
A
-V D S , D rain-to-S ource V oltage (V )
-VD S , D rain-to-S ource V oltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
100
-I D , D rain -to -S ou rc e C u rre n t (A )
TJ = 2 5 C
10
TJ = 1 5 0 C
-I S D , R evers e D rain C urrent (A )
10
TJ = 150C T J = 25C
1
1
0.1 1.5 2.0 2.5 3.0
V D S = -1 5 V 2 0 s P U L S E W ID T H
3.5 4.0 4.5 5.0
A
0.1 0.3 0.6 0.9 1.2
V G S = 0V
A
1.5
-VG S , G a te -to -S o u rc e V o lta g e (V )
-V S D , S ource-to-D rain V oltage (V )
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Source-Drain Diode Forward Voltage
www.irf.com
3
IRF7324D1
Power Mosfet Characteristics
R D S (o n) , D rain-to-S ource O n R es istance (N orm alized)
I D = -3.6 A
RDS (on) , Drain-to-Source On Resistance ()
2.0
0.10
0.09
1.5
V G S = -5.0V
0.08
1.0
0.07
0.5
0.06
0.0 -60 -40 -20 0 20 40 60 80
V G S = -4.5V
100 120 140 160
A
0.05 0 1 2 3
A
T J , Junction T em perature (C )
-I D , D rain C urrent (A )
Fig 5. Normalized On-Resistance Vs. Temperature
Fig 6. Typical On-Resistance Vs. Drain Current
0.14
100
RDS (on) , Drain-to-Source On Resistance ()
O P E R A TIO N IN TH IS A R E A LIM ITE D B Y R D S (on)
0.12
-I D , D rain C urrent (A )
10 100 s
0.10
I D = -2.9A
0.08
1m s 1 10m s
0.06
0.04 2 4 6 8
A
0.1 1
T A = 25C T J = 100C S ingle P ulse
10 100
A
-VG S , G ate-to-S ource V oltage (V )
-V D S , D rain-to-S ource V oltage (V )
Fig 7. Typical On-Resistance Vs. Gate Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7324D1
Power Mosfet Characteristics
1500
-V G S , G ate-to-S ource V oltage (V )
V GS C is s C rs s C oss
= = = =
0V , f = 1M H z C gs + C gd , Cds S H O R TE D C gd C ds + C gd
10
I D = -2.2A V D S = -16V
8
C , C apacitanc e (pF )
C is s
1000
C oss C rs s
500
6
4
2
0 1 10 100
A
0 0 5 10
FO R TE S T C IR C U IT S E E FIG U R E 1 2
15 20 25
A
-VD S , D rain-to-S ource V oltage (V )
Q G , Total G ate C harge (nC )
Fig 9. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 10. Typical Gate Charge Vs. Gate-to-Source Voltage
100
Thermal Response (Z thJA )
D = 0.50 0.20 10 0.10 0.05 0.02 1 0.01 SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.001 0.01 0.1 1 10 100 PDM
0.1 0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 9. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7324D1
Schottky Diode Characteristics
10
100
10
TJ = 150C 125C
Reverse Current - IR (mA)
1
100C 75C 50C
0.1
In sta n ta n e o u s F o rw a rd C u rre n t - I F (A )
0.01
25C
0.001
0.0001 0 4 8 12 16 20
)
Reverse Voltage - V R (V)
1
T J = 1 5 0 C T J = 1 2 5 C T J = 2 5 C
Fig. 13 - Typical Values of Reverse Current Vs. Reverse Voltage
1000
Ju n ctio n C a p a cita n ce - C
T
(p F )
100
TJ = 2 5 C
0.1 0.0 0.2 0.4 0.6 0.8 1.0
F o rw a rd V o lta g e D ro p - V F M (V )
Fig. 12 -Typical Forward Voltage Drop Characteristics
10 0 5 10 15 20
A R e ve rse V o lta g e - V R (V )
Fig.14 - Typical Junction Capacitance Vs. Reverse Voltage
6
www.irf.com
IRF7324D1
SO-8 Package Details
D -B-
D IM
5
IN C H E S M IN .05 32 .00 40 .01 4 .0 0 75 .1 8 9 .15 0 MAX .06 88 .00 98 .01 8 .0 09 8 .1 96 .15 7
M IL LIM E T E R S M IN 1 .3 5 0 .1 0 0 .3 6 0 .19 4 .80 3 .8 1 M AX 1 .75 0 .25 0 .46 0.25 4.98 3 .99
A A1 B
5
8 E -A-
7
6
5 H 0.25 (.010) M AM
1
2
3
4
C D E e e1 H K
e 6X
e1 A
K x 45
.05 0 B A S IC .02 5 B A S IC .2 2 84 .01 1 0 .16 0 .2 44 0 .01 9 .05 0 8
1.2 7 B A S IC 0 .6 35 B A S IC 5 .8 0 0 .2 8 0 .4 1 0 6.20 0 .48 1.27 8
-CB 8X 0.25 (.010) N O TE S : A1 M CASBS
0.10 (.004)
L 8X
6
C 8X
L
R E C O M M E N D E D F O O TP R IN T 0.72 (.028 ) 8X
1. D IM E N S IO N IN G A N D TO LE R A N C IN G P E R A N S I Y 14.5M -1982. 2. C O N T R O LLIN G D IM E N S IO N : IN C H . 3. D IM E N S IO N S A R E S H O W N IN M ILLIM E TE R S (IN C H E S ). 4. O U TLIN E C O N F O R M S TO JE D E C O U TLIN E M S -012A A . 5 D IM E N S IO N D O E S N O T IN C LU D E M O LD P R O TR U S IO N S M O LD P R O TR U S IO N S N O T TO E XC E E D 0.25 (.006). 6 D IM E N S IO N S IS TH E LE N G TH O F LE A D F O R S O LD E R IN G TO A S U B S TR A TE ..
6.46 ( .255 )
1.78 (.070) 8X
1.27 ( .050 ) 3X
Part Marking
(IRF7101 example )
www.irf.com
7
IRF7324D1
T E R M IN A L N U M B E R 1
Tape and Reel
12 .3 ( .48 4 ) 11 .7 ( .46 1 )
8 .1 ( .31 8 ) 7 .9 ( .31 2 )
F E E D D IR E C T IO N
NOTES: 1 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2 . A L L D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S (IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 .
33 0.00 (12 .9 92 ) MAX.
14 .4 0 ( .5 66 ) 12 .4 0 ( .4 88 ) NO TES : 1. C O N T R O LL IN G D IM E N S IO N : M IL L IM E T E R . 2. O U T L IN E C O N F O R M S T O E IA -48 1 & E IA -54 1.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 http://www.irf.com/ Data and specifications subject to change without notice.
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7324D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X