Part Number Hot Search : 
DDTA114 MM1278XD DD667 83905 SO767090 MAX828 ENA1307 DDTA114
Product Description
Full Text Search
 

To Download IRF7240PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 95253
IRF7240PBF
HEXFET(R) Power MOSFET
l l l l l
Ultra Low On-Resistance P-Channel MOSFET Surface Mount Available in Tape & Reel Lead-Free
VDSS
-40V
RDS(on) max
0.015@VGS = -10V 0.025@VGS = -4.5V
ID
-10.5A -8.4A
Description
These P-Channel MOSFETs from International Rectifier utilize advanced processing techniques to achieve the extremely low on-resistance per silicon area. This benefit provides the designer with an extremely efficient device for use in battery and load management applications.. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infrared, or wave soldering techniques.
S
1
8
A D D D D
S
S G
2
7
3
6
4
5
Top View
SO-8
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ -10V Continuous Drain Current, VGS @ -10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
-40 -10.5 -8.6 -43 2.5 1.6 20 20 -55 to + 150
Units
V A W mW/C V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Max.
50
Units
C/W
www.irf.com
1
06/06/05
IRF7240PBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. -40 --- --- --- -1.0 17 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- -0.025 --- --- --- --- --- --- --- --- 73 31 17 52 490 210 97 9250 580 520
Max. Units Conditions --- V VGS = 0V, ID = -250A --- V/C Reference to 25C, ID = -1mA 0.015 VGS = -10V, ID = -10.5A 0.025 VGS = -4.5V, ID = -8.4A -3.0 V VDS = VGS, ID = -250A --- S VDS = -10V, ID = -10.5A -15 VDS = -32V, VGS = 0V A -25 VDS = -32V, VGS = 0V, TJ = 70C -100 VGS = -20V nA 100 VGS = 20V 110 ID = -10.5A 47 nC VDS = -20V 26 VGS = -10V --- VDD = -20V --- ID = -1.0A ns --- RG = 6.0 --- VGS = -10V --- VGS = 0V --- pF VDS = -25V --- = 1.0kHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- 43 75 -2.5 -43 -1.2 65 110 V ns nC A
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -2.5A, VGS = 0V TJ = 25C, IF = -2.5A di/dt = -100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Surface mounted on 1 in square Cu board, t 5sec.
Pulse width 400s; duty cycle 2%.
2
www.irf.com
IRF7240PBF
1000
VGS -15V -10V -4.5V -3.7V -3.5V -3.3V -3.0V BOTTOM -2.7V TOP
1000
-I D , Drain-to-Source Current (A)
100
-I D , Drain-to-Source Current (A)
100
VGS -15V -10V -4.5V -3.7V -3.5V -3.3V -3.0V BOTTOM -2.7V TOP
10
10
1
-2.70V
1
0.1
-2.70V
20s PULSE WIDTH TJ = 25 C
1 10 100
0.01 0.1
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
TJ = 150 C
10
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = -10.5A
-I D , Drain-to-Source Current (A)
1.5
1
TJ = 25 C
1.0
0.1
0.5
0.01 2.5
V DS = -25V 20s PULSE WIDTH 3.0 3.5 4.0 4.5
0.0 -60 -40 -20
VGS = -10V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7240PBF
16000 VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + C ds gd
20
ID = -10.5A VDS =-32V VDS =-20V VDS =-8V
-VGS , Gate-to-Source Voltage (V)
16
12000
C, Capacitance(pF)
Ciss
8000
12
8
4000
4
Coss Crss
0 1 10 100
0 0 20 40 60 80 100
-V DS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10
-ID , Drain Current (A) I
TJ = 150 C
100us
10
1ms
1
TJ = 25 C
10ms
0.1 0.4
V GS = 0 V
0.6 0.8 1.0 1.2
1 0.1
TA = 25 C TJ = 150 C Single Pulse
1 10 100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7240PBF
12
VDS
10
RD
VGS RG
D.U.T.
+
-ID , Drain Current (A)
8
6
VGS
Pulse Width 1 s Duty Factor 0.1 %
4
Fig 10a. Switching Time Test Circuit
2
td(on) tr t d(off) tf
VGS
0 25 50 75 100 125 150
10%
TC , Case Temperature ( C)
90%
Fig 9. Maximum Drain Current Vs. Case Temperature
VDS
Fig 10b. Switching Time Waveforms
100
Thermal Response (Z thJA )
D = 0.50 10 0.20 0.10 0.05 1 0.02 0.01 PDM t1 0.1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.01 0.1 1 10 100 t2
0.01 0.00001
0.0001
0.001
t1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
-
VDD
5
IRF7240PBF
RDS(on) , Drain-to -Source On Resistance ()
RDS (on) , Drain-to-Source On Resistance ( )
0.035
0.025
0.030
0.020
VGS = -4.5V
0.025
0.020
0.015 VGS = -10V
0.015
ID = -10.5A
0.010 0.0 4.0 8.0 12.0 16.0
0.010 0 10 20 30 40 50 -I D , Drain Current (A)
-V GS, Gate -to -Source Voltage (V)
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
50K
QG QGS VG QGD
12V
.2F .3F
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 14a. Basic Gate Charge Waveform
Fig 14b. Gate Charge Test Circuit
6
www.irf.com
+
D.U.T.
-
VDS
IRF7240PBF
3.0
200
160
-VGS(th) , Variace ( V )
2.5
ID = -250A
2.0
Power (W)
120
80
40
1.5 -75 -50 -25 0 25 50 75 100 125 150
0 0.001 0.010 0.100 1.000 10.000 100.000
T J , Temperature ( C )
Time (sec)
Fig 15. Typical Vgs(th) Variance Vs. Juction Temperature
Fig 16. Typical Power Vs. Time
www.irf.com
7
IRF7240PBF
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
D A 5 B
DIM A b INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040
8 6 E 1
7
6
5 H 0.25 [.010] A
c D E e e1 H K L y
2
3
4
.050 BASIC .025 BASIC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BASIC 0.635 BASIC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e
e1 A C 0.10 [.004] 8X b 0.25 [.010] A1 CAB y
K x 45
8X L 7
8X c
NOT ES : 1. DIMENS IONING & TOLERANCING PER ASME Y14.5M-1994. 2. CONT ROLLING DIMENS ION: MILLIMET ER 3. DIMENS IONS ARE SHOWN IN MILLIMETERS [INCHES]. 4. OUTLINE CONFORMS TO JEDEC OUTLINE MS -012AA. 5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROTRUS IONS NOT TO EXCEED 0.15 [.006]. 6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROTRUS IONS NOT TO EXCEED 0.25 [.010]. 7 DIMENS ION IS T HE LENGT H OF LEAD FOR SOLDERING TO A S UBST RAT E. 3X 1.27 [.050]
F OOTPRINT 8X 0.72 [.028]
6.46 [.255]
8X 1.78 [.070]
SO-8 Part Marking
EXAMPLE: T HIS IS AN IRF7101 (MOS FET ) DAT E CODE (YWW) P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) Y = LAS T DIGIT OF T HE YEAR WW = WEEK A = AS S EMBLY S IT E CODE LOT CODE PART NUMBER
INT ERNAT IONAL RECT IFIER LOGO
XXXX F7101
8
www.irf.com
IRF7240PBF
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualifications Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.06/05
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of IRF7240PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X