Part Number Hot Search : 
01901 3EMC111 DL6709 AP161502 MA4ST408 IRF7309 DDTA114 MC33502
Product Description
Full Text Search
 

To Download IRDCIP2002-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 REFERENCE DESIGN
International Rectifier
This reference design is capable of delivering up to 120A at an ambient temperature of 45C if the enclosed heatsink is attached and 250LFM of airflow is provided. Performance graphs and waveforms are provided in figures 1 - 9. The figures and table in pages 4 - 7 are provided as a reference design to enable engineers to very quickly and easily design a 4-phase converter. Refer to the data sheet for the controller listed in the bill of materials in order to optimize this design to your specific requirements. A variety of other controllers may also be used, but the design will require layout and control circuit modifications.
IRDCIP2002-C
* 233 Kansas Street, El Segundo, CA 90245 USA
IRDCIP2002-C: 1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002 Overview
Demoboard Quick Start Guide
Initial Settings:
The output is set to 1.3V, but can be adjusted from 0.8V to 3.3V by changing the values of R3 and R32 according to the following formula: R3 = R32 = (24.91k * 0.8) / (VOUT - 0.8) The switching frequency per phase is set to 1MHz with the frequency set resistor R4. This creates an effective output frequency of 4MHz. The graph in figure 11 shows the relationship between R4 and the switching frequency per phase. The frequency may be adjusted by changing R4 as indicated; however, extreme changes from the 1MHz set point may require redesigning the control loop and adjusting the values of input and output capacitors. Refer to the SOA graph in the iP2002 datasheet for maximum operating current at different conditions.
Procedure for Connecting and Powering Up Demoboard:
1. Apply input voltage (+12V) across VIN and PGND 2. Apply load across VOUT pads and PGND pads 3. Adjust load to desired level. See recommendations below.
iP2002 Recommended Operating Conditions
(refer to the iP2002 datasheet for maximum operating conditions) Input voltage: Output voltage: Switching Freq: Output current: 6.5 - 12V 0.8 - 3.3V 1MHz per phase, 4MHz effective output frequency. The reference design is capable of delivering up to 120A at an ambient temperature of 45C if the enclosed heatsink is attached and 250LFM of airflow is provided. With a heatsink and no airflow, the reference board is capable of delivering 110A at 25C ambient. With 250LFM and no heatsink, the reference board is capable of delivering 100A at 25C ambient.
07/22/03
IRDCIP2002-C
35
87%
30
25
VIN = 12V VOUT = 1.3V fSW = 1MHz TA = 25C
Efficiency
86%
85%
Power Loss (W)
84%
20
83%
15
82%
10
81%
5
80%
VIN = 12V VOUT = 1.3V fSW = 1MHz TA = 25C
0 10 20 30 40 50 60 70 80 90 100 110 120
0 0 10 20 30 40 50 60 70 80 90 100 110 120
79%
Output Current (A)
Output Current (A)
Fig. 1: Power Loss vs. Current
Fig. 2: Efficiency vs. Current
Phase Margin = 59 Cross-Over Freq = 123kHz
VIN = 12V VOUT = 1.3V IOUT = 120A fSW = 1MHz TA = 21C
Fig. 3: Bode Plot
V IN = 12V V OUT = 1.3V I OUT = 120A f SW = 1MHz T A = 25C
V IN = 12V VOUT = 1.3V IOUT = 120A fSW = 1MHz T A = 25C
Ripple = 132mVp-p
Ripple = 12.8mVp-p
Fig: 4: Input Voltage Ripple Waveform
2
Fig. 5: Output Voltage Ripple Waveform
www.irf.com
IRDCIP2002-C
101.2% 101.1% 101.0% 100.9% 100.8% Output Voltage Accuracy 100.7% 100.6% 100.5% 100.4% 100.3% 100.2% 100.1% 100.0% 99.9% 99.8% 0 10 20 30 40 50 60 Output Current (A) 70 80 90 100 110 120
VIN = 12V VOU T = 1.3V IO UT = 120A f SW = 1MHz TA = 25C
Fig. 6: Output Voltage Accuracy vs. Current
Ch1: VIN 5V/div
Ch1: VIN 2V/div
Ch2: VO UT 0.2V/div
VIN = 12V VOU T = 1.3V IOUT = 40A fSW = 1MHz TA = 25C
VIN = 12V VOU T = 1.3V IOUT = 120A f SW = 1MHz TA = 25C
Ch2: VOUT 0.5V/div
Fig. 7: Power Up Waveform
Fig. 8: Power Down Waveform
Ch2: VOUT 0.5V/div
Short circuit at start-up V IN = 12V V OUT = 1.3V f SW = 1MHz T A = 25C
Hiccups until short circuit is removed
Ch4: IOUT 100A/div
Fig 9: Short Circiut Condition Waveform
www.irf.com 3
IRDCIP2002-C
Adjusting the Over-Current Limit
R5, R7, R8 & R9 are the resistors used to adjust the over-current trip point. The trip point is a function of the controller and corresponds to the per phase output current indicated on the x-axis of Fig. 10. For example, selecting 2.7k resistors will set the trip point of each phase to 49.5A. (Note: Fig. 10 is based on iP2002 TBLK = 125C. The trip point will be higher than expected if the reference board is cool and is being used for short circuit testing.)
2.8 2.7 2.6 2.5 2.4
RISEN (k)
2.3 2.2 2.1 2.0 1.9 1.8 1.7 32 34 36 38 40 42 44 46 48 50
Over-Current Trip Point (per Phase)
Fig. 10: RISEN vs. Current (per Phase)
100
90
80
70
60
R4 (k )
50
40
30
20
10 300
400
500
600
700
800
900
1000
Output Frequency (kHz) (per Phase)
Fig. 11: R4 vs. Frequency (per Phase)
4 www.irf.com
IRDCIP2002-C
Fig. 12: Component Placement Top Layer
127mm
1.5mm 5mm 17mm
20mm
3mm
Heatsink Notes: 1) Always use the supplied Bergquist Gap PadTM A2000 thermal interface material with heatsink. 2) Torque 4 x #2-56 machine screws to 15 1 in-oz. 3) The heatsink is optimized for 250 LFM with unconfined airflow. Performance will improve with more airflow or confined airflow. 4) Airflow direction should be parallel to fins for maximum performance.
Fig. 13: Heatsink Specificationss
www.irf.com 5
5
4
3
FB
COMP
DROOP
10uF
Adj/Gnd
1
6
R1
20k 1%
R35
+5V
R6
20
499 1%
VOUTS
IP2002-1 PWM1.sch
TP13
Vin VIN1
VIN VINS
R2
15pF 560pF
C26 C25
SGND1
C1 C3
PWM1
10uF PGND 10uF 10uF open 330uF 330uF 330uF
VDD1
TP18 C33 C39 TP19 C40 C41
24.9k 1%
220pF
C4 C5
40.2k 1% 10k 1%
R3 R19 TP17
PGNDS
R36
+5V
open
+5V VCC 1 ENABLE1
10k 1%
R21
ENABLE1
2.74k 1% VSW1
R5
VSW1 VSW1
0.3uH
TP6 L1
VOUT
C2
10uF open
R22 C15
100uF 100uF open
TP10
VOUT
ISEN1 PGND1
14
C16
C42
TP11
VOUT
PRDY1 PWM1
0
PRDY1
TP12
VOUT
R31
13
R10
24.9k 1%
IRDCIP2002-C
6
VSEN
R32
ISEN2 VDD2 VIN2 SGND2 PWM2
0 10uF 10uF 10uF open
C47
11 Vin +5V
40.2k 1%
open
IP2002-2 PWM2.sch
TP14
PGND
TP15 C6 C7 C8 C30
PGND
D1
12 PWM2
R11 R16
10k 1%
PRDY3
CMPD3003A
TP16
PGND
3
+5V
TP5 R23 R7
VSW2 10k 1%
0.22uF
C35
ISEN3 10 ENABLE2 ENABLE2 +5V VSW2 VSW2
2.74k 1%
PRDY2
1
PGOOD
TP7
2
2
PGOOD
0.22uF open
C36 R24
open
R30
9
TP21 L2
0.3uH
VOUTS
VOUT S
7 PWM3
FS/EN
R12 R29
+5V PRDY2 PRDY2 PGND2
open 0
C17
100uF
C18
100uF
C43
open
C34
0.1uF
C46
10uF
PRDY1 PWM4 16
R4
PGNDS
3
20k 1%
0.22uF 0
C37 R13
PRDY4
1
TP22
PGNDS
2
0.22uF
C38
ISEN4 VDD3 VIN3 SGND3 15 +5V
D2
CMPD3003A
8
GND
IP2002-3 PWM3.sch
Vin
U1 C9
10uF
ISL6558CB
C10
10uF
C11
10uF
C31
open
PWM3 +5V
R17
10k 1% 10k 1%
R25
ENABLE3 ENABLE3
2.74k 1%
R8
TP8
VSW3
U6
open
R26
VSW3 +5V
VSW3
L3
0.3uH
LM1117DTX-5.0
Vin PRDY3 PRDY3
Vout
4
C19
100uF
C20
100uF
C44
open
3
Input
Fig. 14: Reference Design Schematic
PGND3
C27 C28
10uF
Output
2
+5V VDD4 SGND4
IP2002-4 PWM4.sch
VIN4
Vin
C12
PWM4 +5V
10uF
C13
10uF
C14
10uF
C32
open
R18
10k 1% 10k 1%
R27
ENABLE4 ENABLE4
2.74k 1%
R9
VSW4
TP9
VSW4
R28
open
VSW4
L4
0.3uH
C21
100uF
C22
100uF
C45
open
www.irf.com
PRDY4
PRDY4
PGND4
IP2002_4 phase demo board
IRDCIP2002-C
Quantity 1 14 8 2 1 1 31 1 4 3 2 4 4 2 4 8 2 2 1 4 1 8 4 8 1 4 1 Designator C1 C10, C11, C12, C13, C14, C27, C3, C4, C46, C5, C6, C7, C8, C9 C15, C16, C17, C18, C19, C20, C21, C22 C2, C28 C25 C26 C30, C31, C32, C33, C42, C43, C44, C45, C47, R22, R24, R26, R28, R29, R30, R36, SHORT, SHORT1, C34 C35, C36, C37, C38 C39, C40, C41 D1, D2 HN1, HN2, HN3, HN4 L1, L2, L3, L4 R1, R4 R10, R11, R12, R13 R16, R17, R18, R19, R21, R23, R25, R27 R2, R31 R3, R32 R35 R5, R7, R8, R9 R6 SC1, SC2, SC3, SC4, SC5, SC6, SC7, SC8 ST1, ST2, ST3, ST4 TC1, TC2, TC3, TC4, TC5, TC6, TC7, TC8 U1 U2, U3, U4, U5 U6 Type 1 capacitor capacitor capacitor capacitor capacitor capacitor open capacitor capacitor capacitor diode hardware inductor resistor resistor resistor resistor resistor resistor resistor resistor hardware hardware hardware ISL6558 iP2002 LM1117 Type 2 NPO X5R X5R X5R NPO NPO X7R X5R polymer general purpose hexnut ferrite thick film thick film thick film thick film thick film thick film thick film thick film hexnut stand off machine screw PWM controller BGA unit LDO linear regulator Value 1 560pF 10.0uF 100uF 10.0uF 15.0pF 220pF 0.100uF 0.22uF 330uF 200V 4-40 0.30uH 20.0K 0 10.0K 24.9K 40.2K 20 2.74K 499 10-24 4-40 10-24 4.5 - 5.5V 5 - 12V 5.0V Value 2 50V 16V 6.3V 6.3V 50V 50V 50V 6.3V 16V 600mA 36A 1/8W 1/8W 1/10W 1/8W 1/8W 1/8W 1/8W 1/8W 2 3/4 0.8 - 5V 30A 800mA Tolerance 5% 10% 20% 10% 5% 5% 10% 10% 20% 20% 1% <50m 1% 1% 1% 1% 1% 1% Package 0805 1206 1210 1206 0805 0805 0805 0603 SMD sot23 SMT 0805 0805 0603 0805 0805 0805 0805 0805 alumininum 16 Ld SOIC 11mm x 11mm TO-252 Manufac 1 ROHM Murata TDK TDK ROHM Phicomp ROHM TDK Panasonic Central semiconductor Building Fasteners Panasonic KOA ROHM KOA KOA KOA KOA KOA KOA McMaster Carr Keystone McMaster Carr Intersil International Rectifier National Semiconductor
Table 1: Reference Design Bill of Materials
Refer to the following application notes for detailed guidelines and suggestions when implementing iPOWIR Technology products:
AN-1028: Recommended Design, Integration and Rework Guidelines for International Rectifier's iPOWIR Technology BGA Packages This paper discusses the assembly considerations that need to be taken when mounting iPOWIR BGA's on printed circuit boards. This includes soldering, pick and place, reflow, inspection, cleaning and reworking recommendations. AN-1029: Optimizing a PCB Layout for an iPOWIR Technology Design This paper describes how to optimize the PCB layout design for both thermal and electrical performance. This includes placement, routing, and via interconnect suggestions. AN-1030: Applying iPOWIR Products in Your Thermal Environment This paper explains how to use the Power Loss and SOA curves in the data sheet to validate if the operating conditions and thermal environment are within the Safe Operating Area of the iPOWIR product. AN-1047: Graphical solution for two branch heatsinking Safe Operating Area Detailed explanation of the dual axis SOA graph and how it is derived. Use of this design for any application should be fully verified by the customer. International Rectifier cannot guarantee suitability for your applications, and is not liable for any result of usage for such applications including, without limitation, personal or property damage or violation of third party intellectual property rights. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 www.irf.com 7


▲Up To Search▲   

 
Price & Availability of IRDCIP2002-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X