Part Number Hot Search : 
50N50 70HF140 ODUCT 1N524 7082B AON6558L CP0003 AN8472SA
Product Description
Full Text Search
 

To Download ILX551B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ILX551B
2048-pixel CCD Linear Sensor (B/W)
Description The ILX551B is a reduction type CCD linear sensor designed for facsimile, image scanner and OCR use. This sensor reads B4 size documents at a density of 200DPI (Dot Per Inch). A built-in timing generator and clock-drivers ensure direct drive at 5V logic for easy use. Features * Number of effective pixels: 2048 pixels * Pixel size: 14m x 14m (14m pitch) * Built-in timing generator and clock-drivers * Ultra low lag * Maximum clock frequency: 5MHz Absolute Maximum Ratings * Supply voltage VDD1 VDD2 * Operating temperature * Storage temperature Pin Configuration (Top View)
NC 15
S2
22 pin DIP (Cer-DIP)
Block Diagram
NC
10
Read out gate pulse generator
12
Read out gate
CCD analog shift register
NC
14
Clock-drivers
Mode selector
NC
1 2 3 4 5 6 7 8 9 10 11 2048 1
Clock pulse generator Sample-and-hold pulse generator
VDD1
20
CLK NC NC VDD2 VDD2 NC ROG
VDD2
18 NC 17 GND
22
NC
18
16 NC 15 NC 14 NC 13 NC 12 GND
Output amplifier Sample-and-hold circuit
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E01Y35
VOUT
1
NC
2
NC
3
NC
6
NC
7
VDD2
SHSW
19 GND
8
D15
NC
20 VDD1
17
NC
21 VDD2
GND
CLK
5
D33
VOUT
22 VDD2
16
GND
19
VDD2
21
SHSW
NC
13
4
S2048
S2047
D36
D35
D34
11 6 -10 to +55 -30 to +80
V V C C
GND
ROG
11
VDD2
9
D39 D38 D37 D14 S1
ILX551B
Pin Description Pin No. 1 2 3 4 5 6 7 8 9 10 11 Symbol VOUT NC NC SHSW CLK NC NC VDD2 VDD2 NC ROG Description Signal output NC NC Switch { With S/H GND Without S/H VDD2 Clock pulse NC NC 5V power supply 5V power supply NC Clock pulse Pin No. 12 13 14 15 16 17 18 19 20 21 22 Symbol GND NC NC NC NC GND NC GND VDD1 VDD2 VDD2 GND NC NC NC NC GND NC GND 9V power supply 5V power supply 5V power supply Description
Recommended Supply voltage Item VDD1 VDD2 Min. 8.5 4.75 Typ. 9.0 5.0 Max. 9.5 5.25 Unit V V
Note) Rules for raising and lowering power supply voltage To raise power supply voltage, first raise VDD1 (9V) and then VDD2 (5V). To lower voltage, first lower VDD2 (5V) and then VDD1 (9V). Mode Description Mode in use S/H Yes No Input Capacity of Pins Item Input capacity of CLK pin Input capacity of ROG pin Symbol CCLK CROG Min. -- -- Typ. 10 10 Max. -- -- Unit pF pF Pin condition Pin 4 SHSW GND VDD2
Recommended Input Pulse Voltage Item Input clock high level Input clock low level Min. 4.5 0 Typ. 5.0 -- Max. 5.5 0.5 Unit V V
-2-
ILX551B
Electro-optical Characteristics (Ta = 25C, VDD1 = 9V, VDD2 = 5V, Clock frequency = 1MHz, Light source = 3200K, IR cut filter: CM-500S (t = 1.0mm)) Item Sensitivity Sensitivity nonuniformity Saturation output voltage Dark voltage average Dark signal nonuniformity Image lag Dynamic range Saturation exposure 9V supply current 5V supply current Total transfer efficiency Output impedance Offset level R PRNU VSAT VDRK DSNU IL DR SE IVDD1 IVDD2 TTE ZO VOS Symbol Min. 30 -- 1.5 -- -- -- -- -- -- -- 92.0 -- -- Typ. 40 2.0 1.8 0.3 0.5 0.02 6000 0.045 4.0 1.8 97.0 600 4.0 Max. 50 8.0 -- 2.0 3.0 -- -- -- 8.0 5.0 -- -- -- Unit V/(lx * s) % V mV mV % -- lx * s mA mA % V Remarks Note 1 Note 2 -- Note 3 Note 3 Note 4 Note 5 Note 6 -- -- -- -- Note 7
Note) 1. For the sensitivity test light is applied with a uniform intensity of illumination. 2. PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 1. PRNU = (VMAX - VMIN)/2 VAVE The maximum output is set to VMAX, the minimum output to VMIN and the average output to VAVE. 3. Integration time is 10ms. 4. VOUT = 500mV 5. DR = VSAT VDRK When optical accumulated time is shorter, the dynamic range gets wider because dark voltage is in proportion to optical accumulated time. 6. SE = VSAT R x 100 [%]
7. VOS is defined as indicated below.
D31 OS
D32
D33
S1
VOS
GND
-3-
Fig.1. Clock Timing Diagram (without S/H mode)
5 ROG 0
2087
1
2 3 4
1
5 CLK 0
VOUT
Optical black (18 pixels) Dummy signal (33 pixels)
Effective picture elements signal (2048 pixels)
1-line output period (2087 pixels)
S2045 S2046 S2047 S2048 D34 D35 D36 S37 S38 D39
D11 D12 D13 D14 D15
D31 D32 D33 S1 S2 S3 S4
D2 D3 D4
D5 D6
Dummy signal (6 pixels)
2
-4-
ILX551B
ILX551B
Fig. 2. CLK , VOUT Timing
t1 t2
CLK t3 t4
t5
VOUT
t6
Item CLK pulse rise/fall time CLK pulse duty1 CLK - VOUT1 CLK - VOUT2 1 100 x
Symbol
Min. 0 40 50 30
Typ. 10 50 80 75
Max. -- 60 110 120
Unit ns % ns ns
t1, t2
--
t5 t6
t3 / (t3 + t4)
Fig. 3. ROG, CLK Timing
ROG
t8
t9
t10
CLK t7 t11
Item ROG, CLK pulse timing ROG pulse rise/fall time ROG pulse period
Symbol
Min. 500 0 500
Typ. 1000 10 1000
Max. -- -- --
Unit ns ns ns
t7, t11 t8, t10 t9
-5-
ILX551B
Example of Representative Characteristics
Spectral sensitivity characteristics (Standard characteristics) 1.0 Ta=25C 0.9 0.8 0.7
Relative sensitivity
0.6 0.5 0.4 0.3 0.2 0.1 0.0 400 500 600 700 800 Wavelength [nm] 900 1000
Dark signal voltage rate vs. Ambient temperature (Standard characteristics)
VDD1, VDD2 supply current vs. Clock frequency (Standard characteristics)
IVDD1 IVDD2
10
10
1
IVDD1, IVDD2 - VDD1, VDD2 supply current [mA]
0 10 20 30 40 50 60
5
5
Dark signal voltage rate
1
0.5
0.5
0.1 Ta - Ambient temperature [C]
0.1 0.1M
1M Clock frequency [Hz]
5M
-6-
Application Circuit
1 5V
9V 22
VDD2 (D)
21
VDD2 (D)
20
VDD1 (A)
19
GND (A)
18
NC
17
GND (A)
16
NC
15
NC
14
NC
13
NC
12
GND (D) ROG
VDD2 (D)
VDD2 (D)
SHSW
CLK
VOUT
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
NC
-7-
0.01 10/16V 3k Output signal
11
0.01 CLK 2SA1175 ROG
22/10V
ILX551B
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
ILX551B
Notes on Handling 1) Static charge prevention CCD image sensors are easily damaged by static discharge. Before handling, be sure to take the following protective measures. a) Either handle bare handed or use non-chargeable gloves, clothes or material. Also use conductive shoes. b) When handling directly use an eath band. c) Install a conductive mat on the floor or working table to prevent the generation of static electricity. d) lonized air is recommended for discharge when handling CCD image sensors. e) For the shipment of mounted substrates use cartons treated for the prevention of static charges. 2) Notes on handling CCD Cer-DIP package The following points should be observed when handling and installing Cer-DIP packages. a) Remain within the following limits when applying static load to the ceramic portion of the package: (1) Compressive strength: 39N/surface (Do not apply load more than 0.7mm inside the outer perimeter of the glass portion.) (2) Shearing strength: 29N/surface (3) Tensile strength: 29N/surface (4) Torsional strength: 0.9Nm
Upper ceramic layer 39N 29N 29N 0.9Nm
Lower ceramic layer (1)
Low-melting glass (2) (3) (4)
b) In addition, if a load is applied to the entire surface by a hard component, bending stress may be generated and the package may fracture, etc., depending on the flatness of the ceramic portion. Therefore, for installation, either use an elastic load, such as a spring plate, or an adhesive. c) Be aware that any of the following can cause the glass to crack because the upper and lower ceramic layers are shielded by low-melting glass. (1) Applying repetitive bending stress to the external leads. (2) Applying heat to the external leads for an extended period of time with a soldering iron. (3) Rapid cooling or heating. (4) Rapid cooling or impact to a limited portion of the low-melting glass with a small-tipped tool such as tweezers. (5) Prying the upper or lower ceramic layers away at a support point of the low-melting glass. Note that the preceding notes should also be observed when removing a component from a board after it has already been soldered. 3) Soldering a) Make sure the package temperature does not exceed 80C. b) Solder dipping in a mounting furnace causes demage to the glass abd other defects. Use a 30W soldering iron with a ground wire and solder each pin in less than 2 seconds. For repairs and remount, cool sufficiently. c) To dismount image sensors, do not use a solder suction equipment. When using an electric desoldering tool, ground the controller. For the control system, use a zero cross type. -8-
ILX551B
4) Dust and dirt protection a) Operate in clean environments. b) Do not either touch glass plates by hand or have any object come in contact with glass surfaces. Should dirt stick to a glass surface blow it off with an air blower. (For dirt stuck through static electricity, ionized air is recommended.) c) Clean with a cotton bud and ethyl alcohol if the glass surface is grease stained. Be careful not to scratch the glass. d) Keep in case to protect from dust and dirt. To prevent dew condensation, preheat or precool when moving to a room with great temperature differences. 5) Exposure to high temperature or humidity will affect the characteristics. Accordingly avoid storage or usage in such conditions. 6) CCD image sensors are precise optical equipment that should not be subject to mechanical shocks.
-9-
Package Outline
Unit: mm
22 pin DIP (400mil)
41.6 0.5 7.35 0.5 22 28.672 (14m X 2048Pixels) 12
5.0 0.5
H 1
No.1 Pixel 11
1. The height from the bottom to the sensor surface is 2.45 0.3mm. 2. The thickness of the cover glass is 0.7mm, and the refractive index is 1.5.
4.0 0.5
2.54
0.51 0.3
PACKAGE STRUCTURE
PACKAGE MATERIAL LEAD TREATMENT LEAD MATERIAL PACKAGE MASS Cer-DIP TIN PLATING 42 ALLOY 5.20g LS-A18-01(E)
DRAWING NUMBER
4.35 0.5
3.65
M
0.25
V
10.0 0.5
0 to 9
- 10 -
Sony Corporation
ILX551B


▲Up To Search▲   

 
Price & Availability of ILX551B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X