Part Number Hot Search : 
9526ATV SM5816AF RF1660 OM4215SW K03D2 IMD16A09 AD9957 CS61582
Product Description
Full Text Search
 

To Download HY5-P06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducers HY 5..25-P
For the electronic measurement of currents : DC, AC, pulsed, mixed, with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
=
5 .. 25 A
Electrical data
Primary nominal current rms IPN (A) 5 10 12.5 15 20 25 Primary current, measuring range IPM (A) 15 30 37.5 45 60 75 Primary conductor (mm) 0.7 1.1 1.4 1.4 2 x 1.2 2 x 1.4 Type RoHS since date code
Features
HY 5-P HY 10-P HY 12-P HY 15-P HY 20-P HY 25-P 45260 45286 45264 45276 46097 45269
* Hall effect measuring principle * Galvanic isolation between primary * Isolation voltage 2500 V~ * Compact design for PCB mounting * Low power consumption * Extended measuring range (3 x IPN) * Insulated plastic case recognized
according to UL 94-V0. and secondary circuit
1) 1)
VC IC IP Vd Vb R IS VOUT ROUT RL
Supply voltage ( 5 %) 6) Current consumption Overload capability (1 ms) Rms voltage for AC isolation test, 50 Hz, 1 min Rated isolation voltage rms Isolation resistance @ 500 VDC Output voltage (Analog) @ + IPN, RL = 10 k, TA = 25C Output internal resistance Load resistance
12 .. 15 10 50 x IPN 2.5 500 2) > 1000 4 100 >1
V mA kV V M V k
Advantages
* Easy mounting * Small size and space saving * Only one design for wide current * High immunity to external
interference. ratings range
Accuracy - Dynamic performance data
X
L
VOE VOH TCVOE TCVOUT tr di/dt BW
Accuracy @ IPN, TA = 25C (excluding offset) Linearity error 3) (0 .. IPN) Electrical offset voltage@ TA = 25C Hysteresis offset voltage @ IP = 0; after an excursion of 1 x IPN Temperature coefficient of VOE
<1 <1 < 40
% % of IPN mV mV mV/K mV/K %/K s A/s kHz
Applications
* Static converters for DC motor drives * Switched Mode Power Supplies * AC variable speed drives * Uninterruptible Power Supplies * Battery supplied applications * General purpose inverters
(UPS) (SMPS).
< 15 typ. 1.5 max. 3 Temperature coefficient of VOUT (% of reading) < 0.1 Response time to 90% of IPN step <3 di/dt accurately followed > 50 Frequency bandwidth 4) (- 3 dB) DC .. 50
General data
TA TS m Ambient operating temperature Ambient storage temperature Mass Standards 5)
1) 2) 3) 4)
- 10 .. + 80 C - 25 .. + 85 C < 14 g EN 50178: 1997
Application domain
* Industrial
Notes :
5)
6)
Conductor terminals are soldered together. Pollution class 2, overvoltage category III. Linearity data exclude the electrical offset. Please refer to derating curves in the technical file to avoid excessive core heating at high frequency. Please consult characterisation report for more technical details and application advice. Operating at 12V Vc < 15V will reduce measuring range.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/2
061027/8
www.lem.com
Dimensions HY 5..25-P (in mm. 1 mm = 0.0394 inch)
36.0 Max. 32.0 Max.
HY 5 to 15-P
JA PAN
18.0 12.0 12 Max.
HY 5-P 45059
HY 10 - P JP2 9639
(0.5) 3 x 2.54 100.3
( d)
8.50.3
(0.3) (a)0.3
1234
5
6
3.90.3
HY 20 to 25-P
HY 20 - P 9639
PIN ARRANGEMENT
1 2 3 4
+15V --15V OUTPUT 0V
30.5 3 x 2.54 100.3
(
dx2)
8.50.3
5 PRIMARY IN 6 PRIMARY OUT
PCB MOUNTING DIMENSIONS (in mm 0.1, hole -0, +0.2)
2 holes dia. (e)
HY 5 to15-P
3 x 2.54
10
8.5
HY 20 to 25-P
4 holes dia 1
holes dia (e)
Type HY HY HY HY HY HY 05-P 10-P 12-P 15-P 20-P 25-P
(g) 3 x 2.54 10 8.5
(g)
a mm 1.1 1.4 1.5 1.5 1.4 1.5
d mm 0.7 1.1 1.4 1.4 1.2 1.4
e mm 1.2 1.6 2.0 2.0 1.8 2.0
g mm ----1.4 1.6
Safety
This transducer must be used in electric/electronic equipment with respect to applicable standards and safety requirements in accordance with the following manufacturer's operating instructions.
Caution, risk of electrical shock When operating the transducer, certain parts of the module can carry hazardous voltage (eg. primary busbar, power supply). Ignoring this warning can lead to injury and/or cause serious damage. This transducer is a built-in device, whose conducting parts must be inaccessible after installation. A protective housing or additional shield could be used. Main supply must be able to be disconnected.
Page 2/2
061027/8
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com


▲Up To Search▲   

 
Price & Availability of HY5-P06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X