Part Number Hot Search : 
E1215 BAS16T09 MR105M 2576T EM01Z B953021 SL100 SSESD03
Product Description
Full Text Search
 

To Download HVP050N5000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Voltage Power Supply - 250W Series
HVP Series
The HVP series provide 250 watts of output power up to 125kV. The outputs are fully adjustable from zero to 100% of the maximum rating. Built-in EMI filtering, safety interlocks, overvoltage/over-current arc protection, short circuit protection, and constant voltage/current operation, are just a few of the standard features in this series. ELECTRICAL RATINGS
HVP050P5000 HVP050N5000 HVP080P3000 HVP080N3000 HVP125P2000 HVP125N2000
Features:
* Voltage programming * Current programming * Safety interlock * Short circuit protection * NEMA 12 enclosure * Low ripple SPECIFICATIONS
Input: * 115 or 230V AC, 50/60 Hz Voltage Regulation: * Less than .5% of Output Voltage
Part Number
VMAX kV
IMAX mA 5.0 5.0 3.0 3.0 2.0 2.0
HVP050P5000 HVP050N5000 HVP080P3000 HVP080N3000 HVP125P2000 HVP125N2000
50 -50 80 -80 125 -125
Current Regulation: * Less than .5% of Output Current at 20% to 100% of Rated Voltage Ripple: * Less than 1% of Output Voltage Temperature Coefficient: * 200 ppm/C Ambient Temperature: * Operating: * Storage: 0C to 50C -20C to +70C
Optional HV Cable: * Dielectric Sciences 2121 (Consult factory)
Dimensions: In. (mm) * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
HVP050P5000 HVP050N5000 HVP080P3000 HVP080N3000 HVP125P2000 HVP125N2000
6.8 (173) 16.0(406) HV Output
Chassis Ground Stud Input Power/ Fault
PS FAULT
16.0 (406)
Interface
Adjustable Mounting Tabs (4 PL)
456
3
12
Power Input
10 11 12 13 14 15 16
HV ON AC ON
POWER INPUT
PIN # 1 2 3 4 5 6 FUNCTION Ground Neutral Line Fault Out Fault Return N/C
INTERFACE
PIN # 1
8 7
FUNCTION Interlock Out Interlock In +12V HV Enable Local Enable Common I Monitor V Monitor
PIN # 9 10 11 12 13 14 15 16
FUNCTION I Program In V Program In I Program Out V Program Out N/C N/C N/C Shield
2 3 4 5 6 7 8
2
3
4
5
6
1
9
Interface
*Consult factory for cable connnection options.
182


▲Up To Search▲   

 
Price & Availability of HVP050N5000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X