|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Current Transducer HTY 50..100-P For the electronic measurement of currents: DC, AC, pulsed, mixed, with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit). IPN = 50 .. 100 A Electrical data Primary nominal current rms IPN (A) 50 75 100 Primary current measuring range IPM (A) 150 225 300 Type RoHS since date code 46115 46013 46067 Features * Hall effect measuring principle * Galvanic isolation between primary and secondary circuit HTY 50-P HTY 75-P HTY 100-P VC IC Vd R IS VOUT RL Supply voltage ( 5 %) Current consumption Rms voltage for AC isolation test, 50 Hz, 1 min Isolation resistance @ 500 VDC Output voltage (Analog) @ IPN, RL = 10 k, TA = 25C Load resistance 15 < 20 2.5 > 500 4 > 10 V mA kV M V k * Isolation voltage 2500 V * Low power consumption * Extended measuring range( 3 x IPN) Advantages * Easy installation * Small size and space saving * Only one design for wide current ratings range Accuracy-Dynamic performance data X L VOE VOH TCVOE TCVOUT tr BW Accuracy @ IPN, TA = 25C (excluding offset) Linearity error (0 .. IPN) Electrical offset voltage @ TA = 25C Hysteresis offset voltage @ IP = 0, after an excursion of 1 x IPN Temperature coefficient of VOE < 1 % of IPN < 1 % of IPN < 30 mV * High immunity to external interference. < 15 mV typ. 2.0 mV/K max. 3.0 mV/K Temperature coefficient of VOUT (% of reading) < 0.1 %/K Response time to 90% of IPN step <7 s Frequency bandwidth (- 3 dB)1) DC .. 50 kHz Applications * DC motor drives * Switched Mode Power Supplies (SMPS) * AC variable speed drives * Uninterruptible Power Supplies (UPS) General data TA TS m Ambient operating temperature Ambient storage temperature Mass - 10 .. + 75 - 15 .. + 85 30 C C g * Battery supplied applications * Inverters Application domain * Industrial Note : 1) Derating is needed to avoid excessive core heating at high frequency. Page 1/2 070116/3 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice. www.lem.com Dimensions HTY 50..100-P (in mm. 1 mm = 0.0394 inch) Front View 24 +/-1 Direction of Current Flow 26 +/-1 d1 1 14 4321 0.5 3-P2.5 4-0.5*0.25 4-d1 (Mounting Post) 6 +/-1 Right View 20 +/-1 16 +/-1 8.5 +/-1 20 +/-1 Bottom View Terminal Pin Identification 1 -Vcc 2 0V 3 +Vcc 4 Output UNIT : mm Safety SCALE : 2/1 This transducer must be used in electric/electronic equipment with respect to applicable standards and safety requirements in accordance with the following manufacturer's operating instructions. Caution, risk of electrical shock When operating the transducer, certain parts of the module can carry hazardous voltage (eg. primary busbar, power supply). Ignoring this warning can lead to injury and/or cause serious damage. This transducer is a built-in device, whose conducting parts must be inaccessible after installation. A protective housing or additional shield could be used. Main supply must be able to be disconnected. Page 2/2 070116/3 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice. 5 +/-1 www.lem.com |
Price & Availability of HTY50-P07 |