Part Number Hot Search : 
COM200 MT90882 C62PH 74ACT240 R48H05 HMT351 Y7C10 74LVCH
Product Description
Full Text Search
 

To Download HTC1000-S07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducers HTC 1000..3000-S
For the electronic measurement of currents: AC,DC, pulsed, mixed, with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN DC= 1000..3000 A VOUT = 10 V
Electrical data
Primary continuous direct current (nominal) IPN DC (A) 1000 2000 3000 Primary current measuring range IPM (A) 1100 2200 3300 Type
Features
HTC 1000-S HTC 2000-S HTC 3000-S
* Hall effect measuring principle * Galvanic insulation between primary
15 < 20 > 500 10 < 100 2.5 2 V mA M V kV k and secondary circuit
VC IC RIS Vout ROUT Vd RL
Supply voltage ( 3 %) Current consumption Insulation resistance @ 500 VDC Output voltage (Analog) @ IPN DC, RL=2k, TA=25C Output internal resistance Rms voltage for AC isolation test, 50 Hz,1min Load resistance
* Insulated plastic case recognized
according to UL 94-V0
Advantages
* Easy installation * Compact * High immunity to external
interference
Accuracy-Dynamic performance data
X
L
VOE VOH TCVOE TCVOUT tr BW
Accuracy @ IPN DC, TA = 25C Linearity error (0 .. IPN DC) Eletrical offset voltage @ TA = 25C Hysteresis offset voltage @ IP = 0, after an excursion of 1 x IPN DC Temperature coefficient of VOE Temperature coefficient of VOUT Response time to 90% of IPN DC step @ di/dt = 100A/s Frequency bandwidth (- 3dB)
< 1 %of IPN DC < 1 %of IPN DC < 30 mV < 50 mV < 1.0 mV/K 0.1 %/K 10 s DC .. 10 kHz
* Low power consumption
Application
* Traction
General data
TA TS m Ambient operating temperature Ambient storage temperature Mass Standards1) - 40 .. + 85 - 40 .. + 85 450 EN 50155 C C g
1)
Note : Specification according to IEC 61000-4-3 are not guaranteed between 260 and 290 MHz (value higher by 5% than the specification).
Page 1/2
070111/6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Dimensions HTC 1000..3000-S (in mm. 1 mm = 0.0394 inch)
Front view
R40
D4 0
60
49
PNAMS
2-D8 98 120
70
100
Pins Assignment
Bottom view
35
P N A M S
: : : : :
+V -V Output 0V 0V
Safety
This transducer must be used in electric/electronic equipment with respect to applicable standards and safety requirements in accordance with the following manufacturer's operating instructions.
Caution, risk of electrical shock When operating the transducer, certain parts of the module can carry hazardous voltage (eg. primary busbar, power supply). Ignoring this warning can lead to injury and/or cause serious damage. This transducer is a built-in device, whose conducting parts must be inaccessible after installation. A protective housing or additional shield could be used. Main supply must be able to be disconnected.
Page 2/2
070111/6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com


▲Up To Search▲   

 
Price & Availability of HTC1000-S07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X