Part Number Hot Search : 
1A334 G1428 HC4538 TGT20 PS12800 C8025 MIC70 412A0
Product Description
Full Text Search
 

To Download HS-A1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRYSTAL CLOCK OSCILLATORS
TTL Compatible Enable/Disable
Data Sheet 8706A Rev. M
HS-1200/1210 Series
Description
The HS-1200/1210 Series of quartz crystal oscillators provide enable/disable 3-state TTL compatible signals for bus connected systems. Supplying Pin 1 of the HS-1200 units with a logic "0" enables the output on Pin 8. Alternately, supplying pin 1 of the HS-1210 units with a logic "1" enables its Pin 8 output. In the disabled mode, Pin 8 presents a high impedance to the load. All units are resistance welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering operations without damage. Insulated standoffs to enhance board cleaning are standard.
Features
* Wide frequency range- 0.5MHz to 36MHz * User specified tolerance available * Will withstand vapor phase temperatures of 253C for 4 minutes maximum * Space-saving alternative to discrete component oscillators * High shock resistance, to 3000g * All metal, resistance weld, hermetically sealed package Electrical Connection Pin 1 7 8 14 Connection Enable Input Grd & Case Output VCC * Low Jitter * High Q Crystal actively tuned oscillator circuit * Power supply decoupling internal * No internal PLL avoids cascading PLL problems * Low power consumption * Gold plated leads - Solder dipped leads available upon request
Dimensions are in inches and (MM)
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL CLOCK OSCILLATORS
HS-1200/-1210 Series Continued TTL Compatible - Enable/Disable Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter Frequency Duty Cycle Logic 0 Logic 1 Rise & Fall Time Tpz Enable/Disable Logic High Voltage Enable/Disable Logic Low Voltage Jitter, RMS(2) Frequency Stability (1) Symbol --------VOL VOH tr,tf ----------------dF/F Conditions ----@ VCC/2 @ 16mA @ 0.4mA @ 0.4 to 2.4V ----1K internal pullup to VCC -5.5mA IIL ----Overall conditions including: voltage, calibration, temp., 10 yr aging, shock, vibration Min 0.5MHz 40/60% ----2.4V --------2.4V ---------100ppm
Data Sheet 8706A Rev. M
Typical ------------------------2.0V 0.2V ---------
Max 36.0MHz 60/40% 0.4V ----5 ns 25 ns ----0.4V 8 psec +100ppm
General Characteristics
Parameter Supply Voltage Supply Current Output current Operating temperature Storage temperature Power Dissipation Lead temperature Load Start-up time Symbol VCC ICC IO TA TS PD TL ---tS Conditions ----No Load ----------------Soldering, 10 sec. ----<20MHz 20MHz or greater Min 4.5V 0.0 mA 0.0 mA 0C -55C --------------------Typical 5.0V ------------------------------------Max 5.5V 55 mA 16.0 mA 70C 125C 303 mW 300C 10TTL gate 2 ms 10 ms
Environmental and Mechanical Characteristics
Mechanical Shock Thermal Shock Vibration Soldering Condition Hermetic Seal Per MIL-STD-202, Method 213, Condition E Per MIL-STD-833, Method 1011, Condition A 0.060" double amplitude 10 Hz to 55 Hz, 35g's 55Hz to 2000 Hz 300C for 10 seconds Leak rate less than 1 x 10 -8 atm.cc/sec of helium
Footnotes: 1) Standard frequency stability (20,25,50ppm & others available) 2) Jitter performance is frequency dependent. Please contact factory for full characterization.
Test Load:
Creating a Part Number HS - X120X - FREQ Package Code HS Leaded 4 pin (14 pin) SM Leaded 4 pin (14 pin) SMD Gull Wing Input Voltage Code Specification A 3.3V 5V Tolerance/Performance 0 100ppm 0-70C 1 50ppm 0-70C 7 25ppm 0-70C 9 Customer Specific A 20ppm 0-70C B 50ppm -40 to +85C C 100ppm -40 to +85C
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com


▲Up To Search▲   

 
Price & Availability of HS-A1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X