Part Number Hot Search : 
0B6TR 1N4741 2SD14 RT9361A 402ML TDA9105 2SD1902 MPC564
Product Description
Full Text Search
 

To Download HNC-40CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer HNC-40CA
For the electronic measurement of currents: DC, AC, pulsed, mixed, with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN = 400 A
Electrical data
IPN IP RM ISN KN VC IC Vd Primary nominal DC or rms current Primary current, measuring range Measuing resistance Second nominal current Turns ratio Supply voltage ( 5 %) Current consumpution 400 0 .. 800 20 100 1 : 4000 15 20 + ISN V mA kV A A mA
Features
* Hall effect measuring principle * Panel mount type
R.m.s. voltage for AC isolation test, 50/60Hz, 1 min 2.0
Accuracy-Dynamic performance data
X
Advantages
< 1 % of IPN mA mA
IO
Accuracy @ T A = 25C
L
Linearity (0 .. IPN ) Electrical offset current @IP = 0, @T A = 25C Hysteresis offset current @ IP = 0, after an excursion of IPN Thermal drift of IO Response time @ 90% of IP Thermal drift of the gain (% of reading) 0C .. +70C
< 0.5 % of IPN 0.5 0.6
IHC IOT tr TCG
* * * * * * *
0.03 mA/C <3 s
High accuracy Excellent linearity Low temperature drift Good response time Wide frequency range Compact High immunity to external interference
< 0.04 %/C
Applications
* DC motor drives * Switched Mode Power Supplies
General data
TA TS RS m Ambient operating temperature Ambient storage temperature Secondary coil Resistance Mass @T A = 25C - 10 .. + 80 C - 15 .. + 85 C 30 310 g
* AC variable speed drives * Uninterruptible Power Supplies * Battery supplied applications * Inverters
(UPS)
(SMPS)
010301/1 www.nanalem.co.jp
HNC- 40CA (in mm)
NANALEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of HNC-40CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X