Part Number Hot Search : 
25P05 CXA2095S 098BC1 MA723C H78G1 SB3100 MAX1743 PEC550
Product Description
Full Text Search
 

To Download HNC-050P06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer HNC-050P 50A-50mA
For the electronic measurement of currents: DC, AC, pulsed, mixed, with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN = 50 A
45361
Electrical data
IPN IPM VC IC Vd R IS IOUT RL Primary nominal current rms Primary current, measuring range Supply voltage ( 5 %) Current consumption Rms voltage for AC isolation test, 50Hz, 1min Isolation resistance @ 500 VDC Output current @ IPN, R L = 80 , TA = 25C Load resistance 50 75 15 2.5 > 500 50 80 A A V kV M mA
Features
* Hall effect measuring principle * Galvanic isolation between primary
and secondary circuit
15mA+(IPN/1000)mA
* Low power consumption * Insulated plastic case recognized
according to UL 94-V0
Accuracy-Dynamic performance data
X
Advantages
<1 < 0.5 < 0.2 % % of IPN mA
L
IOE IOH TCIOE TCIOUT tr
Accuracy @ IPN, TA = 25C (excluding offset) Linearity error 1) (0 .. IPN) Electrical offset current @ TA = 25C, IP = 0 Hysteresis offset current @ IP = 0; after an excursion of 1 x IPN Temperature coefficient of IOE @ TA = - 5 .. + 70 C Temperature coefficient of IOUT (% of reading) @ TA = -5..+70C Response time to 90% of IPN step
* Easy installation. * Small size and space saving * Only one design for wide current
ratings range
< 0.15 mA < 0.005 mA/K < 0.04 <1 %/K s
* High immunity to external
interference
Applications
* DC motor drives * Switched Mode Power Supplies
(SMPS)
General data
TA TS m Ambient operating temperature Ambient storage temperature Mass - 10 .. + 80 - 15 .. + 85 20 C C g
* AC variable speed drives * Uninterruptible Power Supplies
(UPS)
* Battery supplied applications * Power supplies for welding
applications
Application domain
* Industrial
Note :
1)
Linearity data exclude the electrical offset.
Page 1/2
061025/1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Dimensions HNC-050P 50A-50mA (in mm. 1 mm = 0.0394 inch)
Current direction
Mechanical characteristics
* General tolerance
1 mm
Safety
This transducer must be used in electric/electronic equipment with respect to applicable standards and safety requirements in accordance with the following manufacturer's operating instructions.
Caution, risk of electrical shock When operating the transducer, certain parts of the module can carry hazardous voltage (eg. primary busbar, power supply). Ignoring this warning can lead to injury and/or cause serious damage. This transducer is a built-in device, whose conducting parts must be inaccessible after installation. A protective housing or additional shield could be used. Main supply must be able to be disconnected.
Page 2/2
061025/1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com


▲Up To Search▲   

 
Price & Availability of HNC-050P06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X