Part Number Hot Search : 
8A218 ADCMP350 RF316506 GV2SN35 RC806 SG2540Y BTLV3 VP553
Product Description
Full Text Search
 

To Download FSUSB11MTCX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
October 2006
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
Features
Space saving MicroPakTM Pb-free packaging
Description
The FSUSB11 is a high-performance, dual Single-Pole Double-Throw (SPDT) switch designed for switching USB 1.1 signals. The device features ultra-low on resistance (RON) of 1.15 maximum at 4.5V VCC and 4.3 at 2.7V supply. High bandwidth and ultra low (RON) make this switch able to pass both USB low- and full-speed signal with minimum signal distortion. The device is fabricated with sub-micron CMOS technology to achieve fast switching speeds and designed for break-before-make operation. The select input is TTL-level compatible.
(1.6 x 2.1mm) USB 1.1 signal switching compliant -3db bandwidth: >350MHz Maximum 1.15 RON at 4.5V VCC and 4 for 2.7V supply 0.3 maximum RON flatness for +5V supply Broad VCC operating range: 1.65V to 5.5V Fast turn-on and turn-off time Break-before-make enable circuitry Over-voltage tolerant, TTL-compatible control input
Applications
Cell Phone PDS Digital Camera Notebook
Ordering Information
Part Number
FSUSB11L10X
Package
10-Lead MicroPak, 1.6 x 2.1mm
Top Mark
ET FSUSB11 FSUSB11
PbFree
Yes Yes Yes
Packing Method
5K units on tape and reel 2500 units on tape andreel 3K units on tape and reel
FSUSB11MTCX 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide FSUSB11MUX (Preliminary) 10-Lead Molded Small Outline Package (MSOP), JEDEC MO-187, 3.0mm
Pb-Free package per JEDEC J-STD-020B.
Block Diagram
MicroPakTM is a trademark of Fairchild Semiconductor Corporation.
(c) 2005 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2
www.fairchildsemi.com
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
Connection Diagrams
Figure 1. Pin Assingments for TSSOP (Top View)
Figure 2. Pad Assignments for Micropak (Top View)
Analog Symbols
D2S1 VCC D+ D1+ 1 2 3 4 5 10 9 8 7 6 D1DGND S2 D2+
Figure 3. Pin Assignments for MSOP (Top Through View)
Figure 4. Analog Symbols (Top Through View)
Truth Table Control Imputs
Low Logic Level High Logic Level
Pin Desciption Function
D1 Connected to D+/DD2Connected to D+/D-
Pin names
D,D1,D2 S
Function
Data Ports Control Imput
(c) 2005 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2
www.fairchildsemi.com
2
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
Absolute Maximum Ratings
The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table defines the conditions for actual device operation.
Symbol
VCC VS VIN IIK ISW ISWPEAK TSTG TJ TL ESD Supply Voltage Input Voltage Input Diode Current Switch Current
(1)
Parameter
Switch Voltage(1)
Min.
-0.5 -0.5 -0.5 -50
Max.
+6.0 VCC to +0.5 +6.0 200 400
Unit
V V V mA mA
Peak Switch Current (Pulsed at 1ms Duration,<10% Duty Cycle) Storage Temperature Range Maximum Junction Temperature Lead Temperature (Soldering, 10 seconds) Human Body Model -65
+150 +150 +260 8000
C C C V
Notes: 1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
Recommended Operating Conditions
Symbol
VCC VIN VSW TA Supply Voltage Control Input Voltage(2) Switch Input Voltage Operating Temperature
Parameter
Min.
1.65 0 0 -40
Max.
5.50 VCC VCC +85
Unit
V VCC VCC C
Notes: 2. Unused inputs must be held HIGH or LOW. They may not float.
(c) 2005 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2
www.fairchildsemi.com
3
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
DC Electrical Characteristics
All typical values are at 25C unless otherwise specified.
VCC Symbol
VIH VIL IIN
TA = + 25 C
TA= -40 C to +85 C Max. Units
V 0.6 0.8 -1.0 -1.0 1.0 1.0 100 100 4.3 1.30 4.5 3.0 V A nA nA 2.0 2.4
Parameter
Input Voltage High Input Voltage Low Control Input Leakage
Conditions
(V)
2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 5.5 5.5 2.7 4.50 2.7 4.5 4.50
Min. Typ. Max. Min.
VIN = 0V to VCC A = 1V, 4.5V, B0 or B1 = 1V, 4.5V A = 1V, 4.5V,B0 or B1 = 1V, 4.5V or Floating IOUT = 100mA, D1 or D2 = 1.5V IOUT = 100 mA, D1 or D2 = 3.5V IOUT = 100mA, D1 or D2 = 1.5V IOUT = 100mA, D1 or D2 = 3.5V IOUT = 100mA, D1 or D2 = 3.5V IOUT = 100mA, D1 or D2 = 3.5V
INO(OFF), Off-Leakage Current of INC(OFF) Port D1 and D2 IA(ON) On-Leakage Current of Port D Switch On Resistance MicroPak(3) RON Switch On Resistance TSSOP(3) On Resistance Matching Between Channels MicroPak(4) On Resistance Matching Between Channels TSSOP(4)
-50.0 50.0 2.6 0.95 2.8 1.5 0.06
50.0 50.0 4.0 1.15
-100 -100
0.12
0.15
RON
4.50
0.07
0.30
IOUT = 100mA, D1 or D2 = 0V, 0.75V, 1.5V RFLAT(ON) On Resistance Flatness(5) IOUT = 100mA, B0 or B1 = 0V, 1V, 2V ICC VIN = 0V or VCC, Quiescent Supply Current I OUT = 0V
2.7 4.5 3.6 5.5
1.4 0.2 0.1 0.1 0.3 0.5 0.5 0.4 1.0 1.0
A
Notes: 3. On resistance is determined by the voltage drop between D and Dn pins at the indicated current through the switch. 4. RON = RONmax - RONmin measured at identical VCC, temperature, and voltage. 5. Flatness is defined as the difference between the maximum and minimum value of on resistance over the specified range of conditions.
(c) 2006 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2
www.fairchildsemi.com
4
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
AC Electrical Characteristics
(Continued)
All typical values are at 25C unless otherwise specified.
VCC Symbol
tON
TA = +25 C
50.0 35.0 20.0 15.0
TA= -40 C to +85 C
60.0 40.0 30.0 20.0 1.0 ns ns
Figure
Parameter
Turn-ON Time
Conditions
D1 or D2 = 1.5V, RL = 50, CL = 35 pF D1 or D2 = 3.0V, RL = 50, CL = 35 pF D1 or D2 = 1.5V, RL = 50, CL = 35 pF D1 or D2 = 3.0V, RL = 50, CL = 35 pF D1 or D2 = 1.5V, RL = 50, CL = 35 pF D1 or D2 = 3.0V, RL = 50, CL = 35 pF RGEN = 0 f = 1MHz, RL = 50 f = 1MHz, RL = 50 RL = 50
(V)
2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5
Min. Typ. Max. Min. Max. Units Number
Figure 5
tOFF
Turn-OFF Time
Figure 5
tBBM
Break-Before-Make Time
20.0 20.0 10.0 -70.0 -70.0 -75.0 -75.0 350 350
1.0
ns
Figure 6
Q OIRR Xtalk BW
Charge Injection OFF-Isolation Crosstalk -3db Bandwidth
CL = 1.0 nF, VGEN = 0V, 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5
pC dB dB
Figure 8 Figure 7 Figure 7
MHz Figure 10
USB Related AC Electrical Characteristics
All typical values are at 25C unless otherwise specified.
VCC Symbol
tSKEW tM tJ Skew Rising/Fall Time Mismatch Total Jitter
TA = +25 C
0.15 0.15 10.0 10.0 1.7 1.6
Figure
Parameter
Conditions
RS = 39, CL = 50 pF, tR = tF = 12ns at 12Mbps (Duty Cycle = 50%)
(V)
2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5
Min. Typ. Min. Units Number
ns % ns Figure 11 Figure 12 Figure 11
RS = 39, CL = 50 pF, tR = tF = 2.7 to 3.6 12ns at 12Mbps (PRBS = 215 1) 4.5 to 5.5
Capacitance
VCC Symbol
CIN COFF CON
TA = +25 C
3.5 12.0 40.0 pF pF pF
Figure
Figure 9 Figure 9 Figure 9
Parameter
Control Pin Input Capacitance Dn Port OFF Capacitance D Port ON Capacitance
Conditions
f = 1MHz f = 1MHz f = 1MHz
(V)
0.0 4.5 4.5
Min. Typ. Max. Units Number
(c) 2005 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2
www.fairchildsemi.com
5
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
AC Loading and Waveforms
CL includes Fixture and Stray Capacitance
Logic Input Waveforms Inverted for Switches that have the Opposite Logic Sense
Figure 5. Turn-On/Turn-Off Timing
CL Includes Fixture and Stray Capacitance Figure 6. Break-Before-Make Timing
Figure 7. OFF Isolation and Crosstalk
(c) 2006 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2
www.fairchildsemi.com
6
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
AC Loading and Waveforms
(Continued)
Q = ( VOUT)(CL) Figure 8. Charge Injection
Figure 9. ON / OFF Capacitance Measurement Setup
Figure 10. Bandwidth
Figure 11. Skew Test
Figure 12. Rise / Fall Time Mismatch Test
(c) 2006 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2
www.fairchildsemi.com
7
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
Tape and Reel Specification
Tape Format for Micropak 10 Package Designator
L10X
Tape Section
Leader (Start End) Carrier Trailer (Hub End)
Number Cavities
125 (typ) 5000 75 (typ)
Cavity Status
Empty Filled Empty
Cover Tape Status
Sealed Sealed Sealed
Reel Dimensions
Dimensions are in inches (millimeters) unless otherwise noted.
Tape Size
(8mm)
A
7.0 (177.8)
B
0.059 (1.50)
C
0.512 (13.00)
D
0.795 (20.20)
N
2.165 (55.00)
W1
0.331 + 0.059/-0.000 (8.40 + 1.50/-0.00)
W2
0.567 (14.40)
W3
W1 +0.078/-0.039 (W1 +2.00/-1.00)
(c) 2006 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2
www.fairchildsemi.com
8
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
Tape Dimensions for MSOP
Dimensions are in millimeters (inches) unless otherwise specified.
Reel Dimensions for MSOP
Dimensions are in inches (millimeters) unless otherwise specified.
Tape Size
(12mm)
A
13 (330)
B
0.059 (1.5)
C
0.512 (13)
D
0.795 (20.2)
N
7.008 (178)
W1
0.448 (12.4)
W2
0.724 (18.4)
W3
0.468-0.606 (11.9 -15.4)
(c) 2006 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2
www.fairchildsemi.com
9
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
Physical Dimension
Dimensions are in millimeters (inches) unless otherwise noted.
Figure 13. Pb-Free 10-Lead MicroPak, 1.6 x 2.1mm
(c) 2006 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2
www.fairchildsemi.com
10
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
Physical Dimension (Continued)
Dimensions are in millimeters (inches) unless otherwise noted.
Figure 14. 14-Lead Thin-Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
(c) 2006 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2
www.fairchildsemi.com
11
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
Physical Dimension (Continued)
Dimensions are in millimeters (inches) unless otherwise noted.
Figure 15. 10-Lead Molded Small Outline Package (MSOP), JEDEC MO-187, 3.0mm
(c) 2006 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2
www.fairchildsemi.com
12
FSUSB11 Low-Power Full-Speed USB (12Mbps) Switch
(c) 2005 Fairchild Semiconductor Corporation FSUSB11 Rev. 1.0.2 13
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FSUSB11MTCX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X