Part Number Hot Search : 
SC458 GRM1555C PDTC124 BLF888BS GMBT2411 RATION 11173 7620K
Product Description
Full Text Search
 

To Download FMMT549 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ISSUE 3 - OCTOBER 1995 7 FEATURES * Low equivalent on-resistance; RCE(sat) 250m at 1A * 1 Amp continuous current COMPLEMENTARY TYPES FMMT549 - FMMT449 FMMT549A - N/A PARTMARKING DETAIL FMMT549 - 549 FMMT549A - 59A
FMMT549 FMMT549A
C B E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Power Dissipation: at Tamb=25C Operating and Storage Temperature Range PARAMETER Breakdown Voltages SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO Cut-Off Currents ICBO IEBO Saturation Voltages
FMMT549A
SYMBOL VCBO VCEO VEBO ICM IC IB Ptot Tj:Tstg TYP. MAX.
VALUE -35 -30 -5 -2 -1 -200 500 -55 to +150 UNIT V V V
UNIT V V V A A mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
MIN. -35 -30 -5 -0.1 -10 -0.1 -0.25 -0.50 -0.9 -0.85 70 80 40 100 150 fT Cobo ton 50 100 25 200 130 80 160 200 300 500 MHz pF ns -0.50 -0.75 -0.30 VBE(sat) Base Emitter Turn-on Voltage VBE(on) Static Forward Current Transfer Ratio
FMMT549 FMMT549A
CONDITIONS. IC=-100A IC=-10mA* IE=-100A VCB=-30V VCB=-30V, Tamb=100C VEB=-4V IC=-1A, IB=-100mA* IC=-2A, IB=-200mA* IC=-100mA, IB=-1mA* IC=-1A, IB=-100mA* IC=-1A, VCE=-2V* IC=-50mA, VCE=-2V* IC=-1A, VCE=-2V* IC=-2A, VCE=-2V* IC=-500mA, VCE=-2V* IC=-500mA, VCE=-2V* IC=-100mA, VCE=-5V f=100MHz VCB=-10V, f=1MHz IC=-500mA, VCC=-10V IB1=IB2=-50mA
A A A
VCE(sat)
V V V V V
-1.25 -1
hFE
Transition Frequency Output Capacitance Switching Times
300 ns toff *Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% 3 - 127
FMMT549 FMMT549A
TYPICAL CHARACTERISTICS
td,tr,tf (ns) 180 0.8 160 140 IB1=IB2=IC/10 ts (ns) 1800 1600 1400 tr 1200 1000 td 800 600 400 tf 200 1 0
- (Volts)
0.6
120
Switching time
100 80 60 40 20
ts
0.4
IC/IB=100
V
0.2
IC/IB=10
0
0.01
0.1
1
10
0
0.01
0.1
I+ - Collector Current (Amps)
I+ - Collector Current (Amps)
VCE(sat) v IC
Switching Speeds
200
1.4
160
1.2
120
- (Volts)
VCE=2V
- Gain
1.0
IC/IB=100 IC/IB=10
80
h
0.8
V
0.6
40
0.001
0.01
0.1
1
10
0.01
0.1
1
10
I+ - Collector Current (Amps)
I+ - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
Single Pulse T est at Tamb=25C
10
1.0 IC/IB=10
- (Volts)
0.9
1
DC 1s 100ms 10ms 1ms 100s
0.8
V
0.7
0.1
0.6
0.001
0.01
0.1
1
10
0.01 0.1
1
10
100
I+ - Collector Current (Amps)
VCE - Collector Emitter Voltage (V)
VBE(on) v IC
Safe Operating Area
3 - 128


▲Up To Search▲   

 
Price & Availability of FMMT549

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X