Part Number Hot Search : 
DM74AL DZ13B M30620F 15800 X9221UP MBR2580 A9842J 1N5305
Product Description
Full Text Search
 

To Download FJC79005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FJC790 PNP Epitaxial Silicon Transistor
September 2005
FJC790
PNP Epitaxial Silicon Transistor
Camera Strobe Flash Application
* Complement to FJC690 * High Collector Current * Low Collector-Emitter Saturation Voltage
Marking
79 Y
1
0 WW
Weekly code Year code hFE
SOT-89
1. Base 2. Collector 3. Emitter
Absolute Maximum Ratings
Symbol
VCBO VCEO VEBO IC PC TJ TSTG Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Power Dissipation Junction Temperature Storage Temperature
a=
Ta = 25C unless otherwise noted
Parameter
Value
-50 -40 -5 -2 0.5 150 - 55 ~ 150
Units
V V V A W C C
Electrical Characteristics T
Symbol
BVCBO BVCEO BVEBO ICEO IEBO hFE
25C unless otherwise noted
Parameter
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain
Test Condition
IC = -100A, IE = 0 IC = -10mA, IB = 0 IE = -100A, IC = 0 VCE = -35V, VB = 0 VEB = -4V, IC = 0 VCE = -2V, IC = -10mA VCE = -2V, IC = -500mA VCE = -2V, IC = -1A VCE = -2V, IC = -2A IC = -0.5A, IB = -5mA IC = -1A, IB = -10mA IC = -2A, IB = -50mA IC = -1A, IB = -10mA VCE = -2V, IC = 1A VCB = -10V, IE = 0, f = 1MHz 1
Min.
-50 -40 -5
Typ.
Max.
Units
V V V A A
-0.1 -0.1 300 250 200 150 800
VCE(sat)
Collector-Emitter Saturation Voltage
-250 -350 -450 -0.9 -0.8 20
mV mV mV V V pF
VBE(sat) VBE(on) COB
Base-Emitter Saturation Voltage Base-Emitter On Voltage Collector Output Capacitance
(c)2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJC790 Rev. C
FJC790 PNP Epitaxial Silicon Transistor
Package Marking and Ordering Information
Device Marking
790
Device
FJC790
Package
SOT-89
Reel Size
13"
Tape Width
--
Quantity
4,000
2 FJC790 Rev. C
www.fairchildsemi.com
FJC790 PNP Epitaxial Silicon Transistor
Mechanical Dimensions
SOT-89
4.50 0.20 1.65 0.10 C0.2
(0.50)
1.50 0.20 (0.40)
0.20
2.50
0.50 0.10 1.50 TYP 1.50 TYP
0.40 0.10 0.40 +0.10 -0.05
(1.10)
4.10
0.20
Dimensions in Millimeters
3 FJC790 Rev. C
www.fairchildsemi.com
FJC790 PNP Epitaxial Silicon Transistor
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM
PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I16
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
4 FJC790 Rev. C
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FJC79005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X