Part Number Hot Search : 
TDE1647 55C4V LTC7545 40N120 MAX15031 AOTF7N70 1N6124E3 CMPT4033
Product Description
Full Text Search
 

To Download FDZ291P06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDZ291P P-Channel 1.5 V Specified PowerTrench(R) BGA MOSFET
February 2006
FDZ291P
P-Channel 1.5 V Specified PowerTrench(R) BGA MOSFET
General Description
Combining Fairchild's advanced 1.5V specified PowerTrench process with state of the art BGA packaging, the FDZ291P minimizes both PCB space and RDS(ON). This BGA MOSFET embodies a breakthrough in packaging technology which enables the device to combine excellent thermal transfer characteristics, high current handling capability, ultralow profile packaging, low gate charge, and low RDS(ON).
Features
* -4.6 A, -20 V RDS(ON) = 40 m @ VGS = -4.5 V RDS(ON) = 60 m @ VGS = -2.5 V RDS(ON) = 160 m @ VGS = -1.5 V
* Occupies only 2.25 mm2 of PCB area. Less than 50% of the area of a SSOT-6 * Ultra-thin package: less than 0.85 mm height when mounted to PCB * Outstanding thermal transfer characteristics: 4 times better than SSOT-6 * Ultra-low Qg x RDS(ON) figure-of-merit * High power and current handling capability.
S
Applications
* Battery management * Load switch * Battery protection
GATE
G
D
Bottom
Top
TA=25 C unless otherwise noted
o
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD TJ, TSTG Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
Parameter
Ratings
-20 8
(Note 1a)
Units
V V A W C
-4.6 -10 1.7 -55 to +150
Power Dissipation for Single Operation
(Note 1a)
Operating and Storage Junction Temperature Range
Thermal Characteristics
RJA RJC Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case
(Note 1a) (Note 1a)
72 2
C/W
Package Marking and Ordering Information
Device Marking D Device FDZ291P Reel Size 13" Tape width 8mm Quantity 10000 units
(c)2006 Fairchild Semiconductor Corporation
FDZ291P Rev. C2 (W)
FDZ291P P-Channel 1.5 V Specified PowerTrench(R) BGA MOSFET
Electrical Characteristics T
Symbol
BVDSS BVDSS TJ IDSS IGSS VGS(th) VGS(th) TJ RDS(on)
A
= 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage.
(Note 2)
Test Conditions
VGS = 0 V, ID = -250 A
Min Typ Max Units
-20 -12 -1 100 -0.4 -0.7 2 31 43 85 42 -10 16 1010 160 80 -1.0 V mV/C A nA V mV/C 40 60 160 55 m
Off Characteristics
ID = -250 A, Referenced to 25C VDS = -16 V, VGS = 8 V, VGS = 0 V VDS = 0 V
On Characteristics
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance
VDS = VGS, ID = -250 A ID = -250 A, Referenced to 25C VGS = -4.5 V, ID = -4.6 A VGS = -2.5 V, ID = -3.6 A VGS = -1.5 V, ID = -1.0 A VGS = -4.5 V, ID = -4.6 A, TJ=125C VGS = -4.5 V, VDS = -5 V VDS = -5 V, ID = -4.6 A
ID(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS VSD trr Qrr
On-State Drain Current Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
A S pF pF pF 19 18 58 29 13 ns ns ns ns nC nC nC -1.4 -0.7 17 5 -1.2 A V ns nC
Dynamic Characteristics
VDS = -10 V, f = 1.0 MHz V GS = 0 V,
Switching Characteristics
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = -10 V, VGS = -4.5 V,
ID = -1 A, RGEN = 6
11 9 36 16
VDS = -10V, VGS = -4.5 V
ID = -4.6 A,
9 1.6 1.9
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward VGS = 0V, IS = -1.4 A (Note 2) Voltage Diode Reverse Recovery Time IF = -4.6 A, dIF/dt = 100A/s Diode Reverse Recovery Charge
Notes: 1. RJA is determined with the device mounted on a 1 in 2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. The thermal resistance from the junction to the circuit board side of the solder ball, RJB, is defined for reference. For RJC, the thermal reference point for the case is defined as the top surface of the copper chip carrier. RJC and RJB are guaranteed by design while RJA is determined by the user' board design. s
a)
72C/W when mounted on a 1in2 pad of 2 oz copper, 1.5" x 1.5" x 0.062" thick PCB
b)
157C/W when mounted on a minimum pad of 2 oz copper
2.
Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
FDZ291P Rev. C2 (W)
FDZ291P P-Channel 1.5 V Specified PowerTrench(R) BGA MOSFET
Typical Characteristics
10
3 VGS = -4.5V -3.5V -2.5V -3.0V -2.0V RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 2.6 2.2 1.8 1.4 1 0.6 0
VGS = -1.5V
-ID, DRAIN CURRENT (A)
8
6 -1.5V
4
-2.0V -2.5V -3.0V -3.5V -4.5V
2
0 0 0.25 0.5 0.75 1 -VDS, DRAIN-SOURCE VOLTAGE (V) 1.25 1.5
2
4 6 -ID, DRAIN CURRENT (A)
8
10
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.14 RDS(ON), ON-RESISTANCE (OHM)
1.5 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 1.4 1.3 1.2 1.1 1 0.9 0.8 0.7 -50 -25 0 25 50 75 100 TJ, JUNCTION TEMPERATURE (oC) 125 150
ID = -4.6A VGS = -4.5V
ID = -2.3 A
0.12 0.1 0.08
TA = 125oC
0.06
TA = 25oC
0.04 0.02 0 2 4 6 8 -VGS, GATE TO SOURCE VOLTAGE (V) 10
Figure 3. On-Resistance Variation with Temperature.
10 -IS, REVERSE DRAIN CURRENT (A)
VDS = -5V
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
100
VGS = 0V
-ID, DRAIN CURRENT (A)
8
10 1 0.1 0.01 0.001 0.0001
6
4
TA = 125oC 25oC -55oC
TA = 125oC
-55oC
2
25oC
0 0.5 0.75 1 1.25 1.5 1.75 -VGS, GATE TO SOURCE VOLTAGE (V) 2
0
0.2 0.4 0.6 0.8 1 -VSD, BODY DIODE FORWARD VOLTAGE (V)
1.2
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDZ291P Rev. C2 (W)
FDZ291P P-Channel 1.5 V Specified PowerTrench(R) BGA MOSFET
Typical Characteristics
5 -VGS, GATE-SOURCE VOLTAGE (V) ID = -4.6A 4 VDS = -5V 3 -10V 2 -15V
1500
f = 1MHz VGS = 0 V Ciss
1200 CAPACITANCE (pF)
900
600
Coss
1
300
Crss
0 0 2 4 6 8 Qg, GATE CHARGE (nC) 10 12
0 0
5 10 15 -VDS, DRAIN TO SOURCE VOLTAGE (V)
20
Figure 7. Gate Charge Characteristics.
100
RDS(ON) LIMIT P(pk), PEAK TRANSIENT POWER (W) 20
Figure 8. Capacitance Characteristics.
SINGLE PULSE RJA = 157C/W TA = 25C
-ID, DRAIN CURRENT (A)
10
1ms 10ms
100s
15
1
10s DC VGS = -4.5V SINGLE PULSE RJA = 157oC/W TA = 25oC
1s
100ms
10
0.1
5
0.01 0.1 1 10 -VDS, DRAIN-SOURCE VOLTAGE (V) 100
0 0.01
0.1
1 10 t1, TIME (sec)
100
1000
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2
0.1
0.1 0.05 0.02 0.01
RJA(t) = r(t) * RJA RJA = 157 C/W P(pk) t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2 t1
0.01
SINGLE PULSE
0.001 0.0001
0.001
0.01
0.1 t1, TIME (sec)
1
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design.
FDZ291P Rev. C2 (W)
FDZ291P P-Channel 1.5 V Specified PowerTrench(R) BGA MOSFET
Dimensional Pad and Layout
FDZ291P Rev. C2 (W)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST(R) ActiveArrayTM FASTrTM BottomlessTM FPSTM Build it NowTM FRFETTM CoolFETTM GlobalOptoisolatorTM CROSSVOLTTM GTOTM DOMETM HiSeCTM EcoSPARKTM I2CTM E2CMOSTM i-LoTM EnSignaTM ImpliedDisconnectTM FACTTM IntelliMAXTM FACT Quiet SeriesTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
DISCLAIMER
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM
PowerSaverTM PowerTrench(R) QFET(R)
QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3
SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyLogic(R)
TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I18
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production


▲Up To Search▲   

 
Price & Availability of FDZ291P06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X