Part Number Hot Search : 
36445 4030N CM03X HD14022B HMBTA44 A6169 DCR06C GBLC03
Product Description
Full Text Search
 

To Download FBI4D7M1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FBI4A7M1.......FBI4M7M1
4 Amp. Glass Passivated Bridge Rectifier
Dimensions in mm.
25 3.2
Plastic Case
3.5
Voltage 50 to 1000 V.
Current 4.0 A.
(R)
_
1 + 0.05
+
* Glass Passivated Junction Chips.
L
7.5 7.5 7.5
suffix -4
1 0.7
* UL recognized under component index file * * * * * number E130180. Lead and polarity identifications. Case: Molded Plastic. Ideal for printed circuit board (P .C.B.). High surge current capability. The plastic material carries U/L recognition 94 V-O.
17.5 8
* Mounting Instructions
* High temperature soldering guaranteed: 260 C - 10 sc. * Recommended mounting torque: 8 Kg.cm.
Maximum Ratings, according to IEC publication No. 134
FBI4A FBI4B 7M1 7M1 FBI4D 7M1 200 140
FBI4G 7M1 400 280
FBI4J 7M1 600 420
FBI4K FBI4M 7M1 7M1 800 560 1000 700
VRRM VRMS IF(AV) IFSM I2t VDIS Tj Tstg
Peak recurrent reverse voltage (V) Maximum RMS voltage (V) Max. average Forward current with heatsink without heatsink 10 ms. peak forward surge current (Jedec Method) Current squared time (rating for fusing) (1ms.50 35
100 70
4.0 A at 100 C 3.0 A at 40 C 150 A 2 110 A sec 2000 V - 55 to + 150 C - 55 to +150 C
Electrical Characteristics at Tamb = 25C
VF IR Rth (j-c) Rth (j-a) Max. forward voltage drop per diode at IF = 2.0 A Max. reverse current at VRRM
MAXIMUM THERMAL RESISTANCE Junction-Case. With Heatsink. Junction-Ambient. Without Heatsink.
0.95 V
5A
5 C/W 22 C/W
Jan - 00
FBI4 - 7M1 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC Tamb = 25 C FORWARD CURRENT DERATING CURVE
heatsink Tc
10
4
Tc
_
+
3 1.0
sine wave R-load on heatsink
2 0.1 1
on glass-epoxi substrate
_
+
P.C.B. soldering land 5 mm o sine wave R-load free in air
0 0.6 1.0 1.4
VF , instantaneous forward voltage (V)
0 0 25 50 75 100 125 150 175 Tamb, ambient temperature (C)
MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
200
150
100
50
0 1 10
Number of cycles at 50 Hz.
100
Jan - 00


▲Up To Search▲   

 
Price & Availability of FBI4D7M1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X