Part Number Hot Search : 
MMA704 KE39A 5230B 000EC 400000 C400A 14070 G5111
Product Description
Full Text Search
 

To Download DGS20-018AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DGS 20-018AS
Gallium Arsenide Schottky Rectifier
Preliminary Data
IFAV = 23 A VRRM = 180 V CJunction = 33 pF
VRSM V 180
VRRM V 180
Type
A
C
TO-263 AB
A
DGS 20-018AS
A C (TAB) A = Anode, C = Cathode , TAB = Cathode
Symbol IFAV IFAV IFSM TVJ Tstg Ptot
Conditions TC = 25C; DC TC = 90C; DC TVJ = 45C; tp = 10 ms (50 Hz), sine
Maximum Ratings 23 17 30 -55...+175 -55...+150 A A A C C W
TC = 25C
48
Features Low forward voltage Very high switching speed Low junction capacity of GaAs - low reverse current peak at turn off Soft turn off Temperature independent switching behaviour High temperature operation capability Epoxy meets UL 94V-0
q q q q q q q
Applications MHz Switched mode power supplies
q
(SMPs)
q q q
Small size SMPs High frequency converters Resonant converters
Symbol IR VF CJ RthJC Weight
Conditions TVJ = 25C VR = VRRM TVJ = 125C VR = VRRM IF = 7.5 A; IF = 7.5 A; TVJ = 125C TVJ = 25C
Characteristic Values typ. max. 2.0 2.0 0.8 0.8 33 3.1 2 1.0 mA mA V V pF K/W g
VR = 100 V; TVJ = 125C
Pulse test: Pulse Width = 5 ms, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified
119
IXYS reserves the right to change limits, Conditions and dimensions.
(c) 2001 IXYS All rights reserved
1-2
DGS 20-018AS
30 10 A IF
400 pF CJ 100
1
TVJ = 125C 25C
0.1
TVJ = 125C
0.01 0.0
0.5
1.0
1.5 VF
V 2.0
10 0.1
1
10
100 V 1000 VR
Fig. 1 typ. forward characteristics
Fig. 2 typ. junction capacity versus blocking voltage
10 K/W
Single Pulse
Outline TO-263 AB
1 ZthJC 0.1
0.01
DGS10-015/018BS
0.00001
0.0001
0.001
0.01
0.1
1 t
s
10
Dim. A A1 b b2 c c2 D D1
Fig. 3 typ. thermal impedance junction to case
Millimeter Min. Max. 4.06 2.03 0.51 1.14 0.46 1.14 8.64 8.00 4.83 2.79 0.99 1.40 0.74 1.40 9.65 8.89
Inches Min. Max. .160 .080 .020 .045 .018 .045 .340 .315 .190 .110 .039 .055 .029 .055 .380 .350
Note: explanatory comparison of the basic operational behaviour of rectifier diodes and Gallium Arsenide Schottky diodes:
conduction forward characteristics turn off characteristics
turn on characteristics
Rectifier Diode by majority + minority carriers VF (IF) extraction of excess carriers causes temperature dependant reverse recovery (trr, IRM, Qrr) delayed saturation leads to VFR
GaAs Schottky Diode by majority carriers only VF (IF), see Fig. 1 reverse current charges junction capacity CJ, see Fig. 2; not temperature dependant no turn on overvoltage peak
E E1 e L L1 L2 L3 L4 R
9.65 10.29 6.22 8.13 2.54 BSC 14.61 2.29 1.02 1.27 0 0.46 15.88 2.79 1.40 1.78 0.20 0.74
.380 .405 .245 .320 .100 BSC .575 .090 .040 .050 0 .018 .625 .110 .055 .070 .008 .029
(c) 2001 IXYS All rights reserved
2-2
119


▲Up To Search▲   

 
Price & Availability of DGS20-018AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X