Part Number Hot Search : 
RN2107F LA5004M UBA20261 LB540Z ABT16 109N04 RN2107F ST323
Product Description
Full Text Search
 

To Download CTA24-400BWPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CTA/CTB 24
24Amp - 400/600/800/1000V - TRIAC
Applications
* Phase Control * Static Switching * Light Dimming * Motor Speed Control * Kitchen Equipment * Power Tools * Solenoid Valve Controls: - Dishwashers - Washing Machines
# Suitable for General Purpose AC Switching # Altgernistor/No Snubber Versions for Inductive Loads # Logic Level Available for Use with Microcontrollers and Low Level Devices # IGT Range 35-50 mA (Q1) # VDRM/VRMM 400, 600, 800, 1000V
Absolute Maximum Ratings
RMS On-State Current (full sine wave) Non Repetitive Surge Peak On-State Current (Full Cycle, Tj Initial = 25C) I2 t Value for fusing Critical rate of rise of on-state current IG=2 x IGT, tr<100 ns, Tj = 125C Peak Gate Current @ Tj = 125C Tc = 100C Tc = 75C
CONDITIONS
TO-220AB TO-220AB Iso F =50 Hz F =60 Hz tp = 10 ms F =120 Hz tp = 20 s
SYMBOL
IT(RMS) ITSM I2 t di/dt IGM PG(AV) Tstg Tj VISO
RATING
25A 250A 260A 340A2s 100A/s 4A 1W -40 to +150C -40 to +125C 2500 VRMS
A1 A2
G
Average Gate Power Dissipation @ Tj = 125C Storage Temperature Range Operating Junction Temperature Range Isolation Voltage (CTA Series only)
A2
TO-220AB Isolated (CTA24)
Electrical Characteristics
ALTERNISTOR/NO SNUBBER AND LOGIC LEVEL (3 Quadrants)
A1 A2
CW QI-II-III QI-II-III 35mA 1.3V 0.2V 50mA QI-III Q-II 50mA 80mA 500V/s 13A/ms
BW 50mA 1.3V 0.2V 75mA 70mA 100mA 1000V/s 22A/ms B
IGT MAX @ VD =12 V, RL = 30 NOTE 1
G
VGT MAX @ VD =12 V, RL = 30 VGD MIN @ VD =VDRM, RL = 3.3k IH MAX @ IT = 500 mA NOTE 2 IL MAX @ IG = 1.2 IGT IL MAX @ IG = 1.2 IGT
A2
TO-220AB Non-Isolated (CTB24)
Tj = 125C
QI-II-III
dv/dt MIN @ VD = 67%VDRM (gate open) NOTE 2 (di/dt)c MIN without Snubber NOTE 2 & 4
Tj = 125C Tj = 125C
G A1
STANDARD (4 Quadrants) IGT MAX @ VD =12 V, RL = 30 NOTE 1 IGT MAX @ VD =12 V, RL = 30 NOTE 1 VGT MAX @ VD =12 V, RL = 30 VGD MIN @ VD =VDRM, RL = 3.3k IH MAX @ IT = 500 mA NOTE 2 IL MAX @ IG = 1.2 IGT IL MAX @ IG = 1.2 IGT dv/dt MIN @ VD = 67%VDRM (gate open) NOTE 2 (dv/dt)c MIN @ (di/dt)c = 13.3 A/ms NOTE 2 GENERAL NOTES
1. 2. 3. 4. Minimum IGT is guaranted at 5% of IGT max. For both polarities of A2 referenced to A1 All parameters at 25 degrees C unless otherwise specified. Commutating dv/dt=50V.sec (exponential to 200Vpk)
QI-II-III QIV Q-All Tj = 125C Q-All
50mA 100mA 1.3V 0.2V 80mA
QI-III-IV Q-II Tj = 125C Tj = 125C
70mA 160mA 500V/s 10V/s
ISO9001 C E R T I F I E D
Competitive part number cross-reference available at:
www.cynergy3.com
CTA/CTB 24
TM
24Amp - 400/600/800/1000V - TRIAC
Static Characteristics
VT MAX @ ITM = 35 A, tp = 380s NOTE 2 Vto MAX @ Threshold Voltage IDRM MAX @ VDRM = VRRM IRRM MAX @ VDRM = VRRM
NOTE 2
Part Number Selection
Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C SYMBOL TO-220AB TO-220AB Isolated TO-220AB TO-220AB Isolated Rth(j-c) Rth(j-c) Rth(j-a) Rth(j-a) 1.55V 0.85V 16m 5A 3mA RATING 0.8C/W 1.7C/W 60C/W 60C/W Part Number CTA/CTB24-xxxB CTA/CTB24-xxxBW CTA/CTB24-xxxCW Voltage [Vpk] 400, 600, 800, 1000 400, 600, 800, 1000 400, 600, 800, 1000 IGT [mA] 50mA 50mA 35mA Type Standard Alternistor/No Snubber Alternistor/No Snubber Package TO-220AB TO-220AB TO-220AB
Rd MAX @ Dynamic Resistance NOTE 2
Thermal Resistances
Junction to Case (AC) Junction to Case (AC) Junction to Ambient Junction to Ambient
D F
Part Number Designation
Rated Current 24: 25 Amp Type B: Standard (IGT=50mA) BW: Alternistor/No Snubber (IGT=50mA) CW: Alternistor/No Snubber (IGT=35mA)
G
SERIES
CT
K
24
Isolation Type A: Isolated B: Non-Isolated
CW
Maximum Blocking Voltage 400: 400Vpk 600: 600Vpk 800: 800Vpk 1000: 1000Vpk Packaging Blank: Bulk PT: Plastic Tube
N L A
M
B P O C
I
30 25
30 25
IT(RMS) [A]
P [W]
20 15 10 5
20
Non-Isolated
15 10
Isolated
E J
Q H
5 0 0 3 6 9 12 15 18 21 24 27 60 70 80 90 100 110 120 130
Weight: 2.3g (0.08 oz)
0
Dimensions
Millimeters
REF. A B C D E F G H I J K L M N O P Q Min. 15.24 12.78 9.96 0.69 1.22 4.62 0.46 2.49 2.39 6.48 3.78 15.49 2.59 0.99 0.99 Typ. 3.23 13.79 10.36 0.94 1.32 4.83 0.61 2.84 2.69 6.88 3.89 16.51 2.9 1.55 1.55 0.503 0.392 0.027 0.048 0.182 0.018 0.098 0.094 0.255 0.149 0.61 0.102 0.039 0.039 Max. 15.75
Inches
Min. 0.6 Typ. 0.127 0.543 0.408 0.037 0.052 0.19 0.024 0.112 0.106 0.271 0.153 0.65 0.114 0.061 0.061 Max. 0.62
IT(RMS) [A]
Fig. 1: Power dissipation versus RMS on-state current (full cycle).
TC [C]
Fig. 2: RMS on-state current versus case temperature (full cycle)
250 160 120 100 80 60 50 40 30 20
1000.0
ITM [A]
10.0
1.0 0.5
ITSM [A]
100.0
Non-Repetitive Tj initial = 25C
10 1 1.5 2 2.5 3 3.5 4 4.5 5 1 10 100 1000
16
0.63
VTM [V]
Fig. 3: On-state current versus on-state voltage (instantaneous values)
Number of Cycles
Fig. 4: Non-repetitive surge peak on-state current versus number of cycles.
2.67
0.105
ISO9001 C E R T I F I E D
USA Sales & Tech Support (866) 258-5057 Email: sales@cynergy3.com Cynergy3 Components 2320 Paseo de las Americas, Suite 104 San Diego, CA 92154
Approvals
UL Recognized Component - E72445 (CTA Series)
EUROPE - UK Telephone +44 (0) 1202 897969 Fax +44 (0) 1202 891918 Email: sales@cynergy3.com Cynergy3 Components Ltd. 7 Cobham Road Ferndown Industrial Estate Wimborne, Dorset BH21 7PE
ASIA - Thailand Telephone +66 (0)2 665 2517 Fax +66 (0)2 665 2588 Cynergy 3 Components, Asia 18/8 Fico Place 12th Floor Soi Sukhumvit 21 (Asoke) Klongtoey Nua, Wattana Bangkok, Thailand 10110
(c) 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.


▲Up To Search▲   

 
Price & Availability of CTA24-400BWPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X