Part Number Hot Search : 
065HN 2SK2354 01500 1509SP SU2955 TDA1046 HIRF830 1215S
Product Description
Full Text Search
 

To Download CRCW0402RXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D..P/CRCW
Vishay
Thick Film, Rectangular, Precision Resistors
FEATURES
* * * * * Metal glaze on high quality ceramic Protective overglaze Solder contacts on Ni barrier layer Excellent stability in different environmental conditions Low temperature coefficient and tight tolerances
STANDARD ELECTRICAL SPECIFICATIONS
POWER RATING LIMITING ELEMENT TEMPERATURE TOLERANCE RESISTANCE E-SERIES P70C VOLTAGE MAX COEFFICIENT RANGE INCH METRIC W V ppm/C % CEC 40401-802/EIA-575 100 0.5 10R - 1M0 96 D10P 50 0.25, 0.5, 1 100R - 1M0 96 CRCW0402 0402 1005 0.063 50 25 0.25, 0.5, 1 100R - 10K 96 100 0.5 10R - 10M 96 D11P 50 0.25 100R - 1M0 96 CRCW0603 0603 1608 0.1 75 50 0.5, 1 100R -10M 96 25 0.25, 0.5, 1 100R - 10K 96 100 0.5 10R - 10M 96 D12P 50 0.25 100R - 1M0 96 CRCW0805 0805 2012 0.125 150 50 0.5, 1 100R - 10M 96 25 0.25, 0.5, 1 100R - 10K 96 100 0.5 10R - 10M 96 D25P 50 0.25 100R - 1M0 96 CRCW1206 1206 3216 0.25 200 50 0.5, 1 100R - 10M 96 25 0.25, 0.5, 1 100R - 10K 96 CRCW1210 1210 3225 0.33 200 100 0.5 100R - 1M0 96 50 0.5 100R - 1M0 96 CRCW1218 1218 3246 1.0 200 100 0.5 100R - 2M2 96 50 0.5, 1 100R - 2M2 96 CRCW2010 2010 5025 0.5 400 100 0.5 10R - 10M 96 50 0.5, 1 100R - 10M 96 CRCW2512 2512 6332 1.0 500 100 0.5 10R - 10M 96 50 0.5, 1 100R - 10M 96 * Power rating depends on the max. temperature at the solder point, * Ask about further value ranges the component placement density and the substrate material * Special terminations for conductive adhesive attachment on * Marking and packaging: see appropriate catalog or web pages request MODEL SIZE
TECHNICAL SPECIFICATIONS
PARAMETER Rated Dissipation at 70C (CECC 40401 | EIA 575) Limiting Element Voltage 2) Insulation Voltage (1 min) Thermal Resistance Insulation Resistance Category Temperature Range Failure Rate Weight / 1000pcs
1)
UNIT W V Vpeak K/W C h-1 g
D10P CRCW0402 0.063 50 > 75 8701)
D11P D12P D25P CRCW1210 CRCW1218 CRCW0603 CRCW0805 CRCW1206 0.1 0.125 0.25 0.33 1.0 75 > 100 5501) 150 > 200 4401) 200 > 300 2201) > 10 9 - 55 / + 125 0.3 * 10-9 10 200 > 300 1403) 200 > 300
3)
CRCW2010 CRCW2512 0.5 400 > 300 883) 1.0 500 > 300 653)
w w w .D at aS he et 4U .c om
0.65 2 Measuring conditions in acc. to CECC 40401 2) Rated voltage: PxR 3) Depending on solder pad dimensions
5.5
16
29.5
25.5
40.5
ORDERING INFORMATION
D-SERIES D11P MODEL
25 TC ppm/C
562R RESISTANCE VALUE
0.5 TOLERANCE %
PN PACKAGING PN-Papertape 20.000pcs
CRCW-SERIES CRCW0603 MODEL
25R RESISTANCE VALUE 1% = 3 sig. digits, plus multiplier 5% = 2 sig. digits, plus multiplier Example: 49R9F = 49.9, 1% 5R1J = 5.1, 5% 3011F = 3.01K, 1% 000Z = 0 Jumper
D 25 RT6 TOLERANCE TC* PACKAGING % ppm/C PN-Papertape 20,000 pcs C = 0.25% *NOTE: Entering a TC value in this D = 0.5% field is optional. If no TC specified F = 1% by the Customer, the default TC will be highest listed for Tolerance specified.
www.vishay.com 40
For technical questions in Europe contact : ff1aresistors@vishay.com For technical questions in Americas/Asia contact : ff2aresistors@vishay.com
Document Number 20009 Revision 18-Oct-02
www..com
D..P/CRCW
Thick Film, Rectangular, Precision
DIMENSIONS
SIZE INCH METRIC 0402 0603 0805 1206 1210 1218 2010 1005 1608 2012 3216 3225 3246 5025 L DIMENSIONS [in millimeters] W H T1 T2
Vishay
1.0 0,05 0.5 0.05 0.35 0.05 0.25 0.05 0.2.0.1 1.55 - 0.05 0.85 0.1 0.45 0.05 0.3 0.2 2.0 3.2
+ 0.20 - 0.10 + 0.10 - 0.20 + 0.10
0.3.0.2 0.3.0.2 0.4.0.2 0.4.0.2 0.4.0.2 0.6.0.2
1.25 0.15 0.45 0.05 0.3
1.6 0.15 0.55 0.05 0.45 0.2 2.5 0.2 0.55 0.05 0.45 0.2 4.6 0.15 0.55 0.05 0.45 0.2 0.6 0.2
+ 0.20 - 0.10
3.2 0.2 3.2
+ 0.10 - 0.20
5.0 0.15 2.5 0.15 0.6 0.05
2512 6332 6.3 0.2 3.15 0.15 0.6 0.05 0.6 0.2 0.6.0.2 Dimensions 1210 to 2512 and solder-pad dimensions: see standard chip resistors D..CRCW
Temperature Rise In C
90 80 70 60 50 2010 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 20 0 - 55 2512 40 60 0402 0603 0805 1206
Rated Power In %
120 100
1210
80
-25
0
25
50
Temperature Rise
Power in W
Derating
75 100 125 150 175 70 Ambient Temperature in C
PERFORMANCE
TEST RESULTS % TEST CONDITIONS OF TEST 0402 0603 1.0 1.0 0.25 0.25 1.0 0.25 0805 1206 1210 1.5 0.5 0.25 0.25 0.5 0.25 1218 2010 2512 1.0 1.0 0.5 0.5 1.0 0.5
Endurance Test at 70C IEC 60115-1 4.25.1 Endurance at UCT IEC 60115-1 4.25.3 Overload Test IEC 60115-1 4.13 Thermal Shock IEC 60115-1 4.19 IEC 60068-2-14 Damp Heat Steady State IEC 60115-1 4.24 IEC 60068-2-3 Resistance to Soldering Heat IEC 60115-1 4.18 IEC 60068-2-20
1000 hours at 70C, 1.5 hours "ON", 0.5 hours "OFF" 1000 hours at 125 C without load Short time overload 2.5 x rated voltage or 2 x limiting element voltage. Rapid change between upper and lower category temperature 56 days at 40C and 93% relative humidity 10 seconds at 260C solder bath temperature
HF-CHARACTERISTIC / CURRENT NOISE / NON-LINEARITY AND PACKAGING: see standard Chip resistors D...CRCW... APPLICABLE SPECIFICATIONS
* * * * CECC40000 / 40400 / 40401 EN140400 / IEC 60115 - 1 EIA 575 MIL-PRF-55342
For technical questions in Europe contact : ff1aresistors@vishay.com For technical questions in Americas/Asia contact : ff2aresistors@vishay.com www.vishay.com 41
Document Number 20009 Revision 18-Oct-02


▲Up To Search▲   

 
Price & Availability of CRCW0402RXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X