Part Number Hot Search : 
ALD4701A MM3ZXVXB SC6433 8008TBN NJU6343 MJE340 20PT1 MB3882
Product Description
Full Text Search
 

To Download BC847BM3T5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC847BM3T5G
Preferred Device
General Purpose Transistor
NPN Silicon
These transistors are designed for general purpose amplifier applications. They are housed in the SOT-723 package which is designed for low power surface mount applications. * This is a Pb-Free Device
MAXIMUM RATINGS (TA = 25C)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Symbol VCEO VCBO VEBO IC Max 45 50 6.0 100 Unit V V V mAdc 2 EMITTER 1 BASE
http://onsemi.com
COLLECTOR 3
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation, FR-4 Board (Note 1) TA = 25C Derated above 25C Thermal Resistance, Junction-to-Ambient (Note 1) Total Device Dissipation, FR-4 Board (Note 2) TA = 25C Derated above 25C Thermal Resistance, Junction-to-Ambient (Note 2) Junction and Storage Temperature Range Symbol PD 260 2.0 RqJA PD 600 4.8 RqJA TJ, Tstg 205 -55 to +150 mW mW/C C/W C 480 mW mW/C C/W 2 1 Max Unit 3 SOT-723 CASE 631AA STYLE 1
MARKING DIAGRAM
1F M
1F = Device Code M = Date Code
ORDERING INFORMATION
Device BC847BM3T5G Package SOT-723 Shipping 8000/Tape & Reel
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. FR-4 @ Minimum Pad 2. FR-4 @ 1.0 x 1.0 Inch Pad
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2005
1
March, 2005 - Rev. 0
Publication Order Number: BC847BM3/D
BC847BM3T5G
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (IC = 10 mA) Collector -Emitter Breakdown Voltage (IC = 10 mA, VEB = 0) Collector -Base Breakdown Voltage (IC = 10 mA) Emitter -Base Breakdown Voltage (IE = 1.0 mA) Collector Cutoff Current ON CHARACTERISTICS DC Current Gain (IC = 10 mA, VCE = 5.0 V) (IC = 2.0 mA, VCE = 5.0 V) Collector -Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Collector -Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) Base -Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Base -Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) Base -Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V) Base -Emitter Voltage (IC = 10 mA, VCE = 5.0 V) SMALL-SIGNAL CHARACTERISTICS Current -Gain - Bandwidth Product (IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz) Output Capacitance (VCB = 10 V, f = 1.0 MHz) Noise Figure (IC = 0.2 mA, VCE = 5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz, BW = 200 Hz) fT 100 Cobo - NF - - 10 - 4.5 dB - - pF MHz hFE - 200 VCE(sat) VBE(sat) VBE(on) - - - - 580 - 150 290 - - 0.7 0.9 660 - - 450 0.25 0.6 - - 700 770 V V mV - (VCB = 30 V) (VCB = 30 V, TA = 150C) V(BR)CEO 45 V(BR)CES 50 V(BR)CBO 50 V(BR)EBO 6.0 ICBO - - - - - - 15 5.0 nA mA - - V - - V - - V V Symbol Min Typ Max Unit
http://onsemi.com
2
BC847BM3T5G
2.0 hFE , NORMALIZED DC CURRENT GAIN 1.5 1.0 0.8 0.6 0.4 0.3 0.2 VCE = 10 V TA = 25C V, VOLTAGE (VOLTS) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.2 0.5 50 1.0 20 2.0 5.0 10 IC, COLLECTOR CURRENT (mAdc) 100 200 0 0.1 VCE(sat) @ IC/IB = 10 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 IC, COLLECTOR CURRENT (mAdc) 50 70 100 VBE(on) @ VCE = 10 V TA = 25C VBE(sat) @ IC/IB = 10
Figure 1. Normalized DC Current Gain
2.0 TA = 25C 1.6 IC = 200 mA 1.2 IC = IC = 10 mA 20 mA 0.8 IC = 50 mA IC = 100 mA 1.0
Figure 2. "Saturation" and "On" Voltages
VCE , COLLECTOR-EMITTER VOLTAGE (V)
VB, TEMPERATURE COEFFICIENT (mV/ C)
-55C to +125C 1.2 1.6 2.0 2.4 2.8
0.4
0
0.02
0.1 1.0 IB, BASE CURRENT (mA)
10
20
0.2
10 1.0 IC, COLLECTOR CURRENT (mA)
100
Figure 3. Collector Saturation Region
Figure 4. Base-Emitter Temperature Coefficient
http://onsemi.com
3
BC847BM3T5G
BC847
10 7.0 C, CAPACITANCE (pF) 5.0 Cib TA = 25C f T, CURRENT-GAIN - BANDWIDTH PRODUCT (MHz) 400 300 200
3.0 Cob 2.0
100 80 60 40 30 20 0.5 0.7 1.0
VCE = 10 V TA = 25C
1.0
0.4 0.6 0.8 1.0
4.0 6.0 8.0 10 2.0 VR, REVERSE VOLTAGE (VOLTS)
20
40
2.0 3.0 5.0 7.0 10 20 IC, COLLECTOR CURRENT (mAdc)
30
50
Figure 5. Capacitances
Figure 6. Current-Gain - Bandwidth Product
http://onsemi.com
4
BC847BM3T5G
PACKAGE DIMENSIONS
SOT-723 CASE 631AA-01 ISSUE B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
-X- D b1 -Y-
3
A E
1 2
L C
HE
DIM A b b1 C D E e HE L
e
b 2X 0.08 (0.0032) X Y
STYLE 1: PIN 1. BASE 2. EMITTER 3. COLLECTOR
MILLIMETERS MIN NOM MAX 0.45 0.50 0.55 0.15 0.21 0.27 0.25 0.31 0.37 0.07 0.12 0.17 1.15 1.20 1.25 0.75 0.80 0.85 0.40 BSC 1.15 1.20 1.25 0.15 0.20 0.25
INCHES MIN NOM MAX 0.018 0.020 0.022 0.0059 0.0083 0.0106 0.010 0.012 0.015 0.0028 0.0047 0.0067 0.045 0.047 0.049 0.03 0.032 0.034 0.016 BSC 0.045 0.047 0.049 0.0059 0.0079 0.0098
SOLDERING FOOTPRINT*
0.40 0.0157 0.40 0.0157 1.0 0.039 0.40 0.0157
0.40 0.0157
0.40 0.0157
SCALE 20:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
BC847BM3T5G
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
BC847BM3/D


▲Up To Search▲   

 
Price & Availability of BC847BM3T5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X