Part Number Hot Search : 
4081B RBV1504 DS2704G 000MT NJU3401 MAX038 2SD2624 SRF1640
Product Description
Full Text Search
 

To Download B59701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Measurement and Control Jump to preceding page SMDs
B59701 A 701
25 V Applications
20,2
q Limit temperature sensor
1,250,2
0,80,2
Features
q q q q q q
Thermistor chip with tinned terminations Very small size Fast and reliable response Suitable for reflow soldering Suitable for automatic placement Available on 8-mm blister tape (standard delivery mode)
_ 0,6 0,75 +0
0,5 min.
TPT0650-F
Kontaktierung Termination
Dimensions (mm)
Max. operating voltage (TA = 0 ... 40 C) Max. measuring voltage (TA - 40 K ... TNAT + 15 K) Rated resistance (VPTC 2,5 V) Operating temperature range (V = VMeas,max)
Vmax VMeas,max RN Top
25 7,5 1 - 25/TNAT + 15
V V k C
Type
TNAT T
C 70 5 90 5 100 5 110 5 120 5 130 5
A 701 A 701 A 701 A 701 A 701 A 701
R1) (TNAT - T) k 5,7 5,5 5,5 5,5 5,5 5,5
R1) (TNAT + T) k 5,7 13,3 13,3 13,3 13,3 13,3
R 2) (TNAT + 15 K) k 40 3) 40 40 40 40 40
Ordering code
B59701-A70-A62 B59701-A90-A62 B59701-A100-A62 B59701-A110-A62 B59701-A120-A62 B59701-A130-A62
1) VPTC 2,5 V 2) VPTC 7,5 V 3) TNAT + 25 K
162
Siemens Matsushita Components
JumpB59701 page to succeding
A 701
Characteristics (typical) PTC resistance RPTC versus PTC temperature TPTC (measured at low signal voltage)
10 9 10 8 10 7 10 6 10 5 10 4 10 3 10 2 10
TPT0601-M
R PTC
B59701
TNAT 70 90 100 110
C C C C
30
50
70
90 110 130 150 C 180 TPTC
Siemens Matsushita Components
163


▲Up To Search▲   

 
Price & Availability of B59701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X