Part Number Hot Search : 
FR16C100 EE08686 EV9800 PST9244 P1000 MBT2222 NCV33 S1308M
Product Description
Full Text Search
 

To Download AK50C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AC Current transducer AK-CTransducer for the electronic measurement of AC sinusoidal waveforms, with galvanic isolation between the primary (High power) and the secondary circuits (Electronic circuit). Jumper selectable ranges and self powered transducers.
IPN = 10 .. 200 A
Electrical data
Primary Nominal Current IPN (A.t.RMS) 10,20,50 10,20,50 100,150,200 100,150,200 Vc RL Vb Vd f Supply voltage Load resistance Rated voltage (CAT III, PD2) RMS Isolation voltage test, 50 Hz, 1mn Frequency bandwith Analogue Output Signal1) VOUT (V DC) 5 10 5 10 Type RoHS Date code planned MAY 2006 planned
Features
* AC sinusoidal measurement * Average responding * Self powered transducers * Panel mounting * Voltage output * Jumper selectable ranges
AK 50 C5 AK 50 C10 AK 200 C5
AK 200 C10 JUNE 2006 Self Powered 1 150 3 50-60 M V AC kV AC Hz
Advantages
* Large aperture * High isolation between primary and secondary circuits * Easy to mount
Accuracy - Dynamic performance data
X tr Accuracy @ IPN, TA=25C Response time @ 90% of IPN 1 < 100 % mS
Applications
* Automation systems
General data
TA TS m Ambient operating temperature (0-95% RH) Ambient storage temperature Mass Safety EMC
1)
- 20 ..+ 50 - 20 ..+ 85 120 IEC 61010-1 EN 61326
C C g
Analog current reading for remote monitoring (e.g. motor). * Data loggers Self-powered transducer does not drain data logger batteries. * Panel meters Simple connection displays power consumption.
Options on request
For 0-5 V output model, no saturation output up to 8.2 V and for 0-10 V output model, no saturation output up to 15 V. * DIN mounting
Note :
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
060816/6
Page 1/2
LEM
www .lem.com
Dimensions
AK-C-
(unit : mm, 1mm = 0.0394 inch)
61.0
19
55.4
24.5
3.2
23.5 88.9
49
23.7
4.5
39 78
Mechanical characteristics
* General tolerance * Primary aperture * Panel mounting Distance between holes 1 mm 19 mm 2 holes 4.5mm 78 mm
Remark
* Temperature of the primary conductor should not exceed 60C.
Connections
* 2 x UNC8 Cylindric Head
15
060816/6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Page 2/2
LEM
www .lem.com


▲Up To Search▲   

 
Price & Availability of AK50C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X