Part Number Hot Search : 
MB90347C 045PB TSP075SA 03PBF B5040 1N5255B C244D 36419908
Product Description
Full Text Search
 

To Download AFL12005S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94447B
AFL120XXS SERIES ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Description
The AFL Series of DC/DC converters feature high power density with no derating over the full military temperature range. This series is offered as part of a complete family of converters providing single and dual output voltages and operating from nominal +28, +50, +120 or +270 volt inputs with output power ranging from 80 to 120 watts. For applications requiring higher output power, multiple converters can be operated in parallel. The internal current sharing circuits assure equal current distribution among the paralleled converters. This series incorporates Advanced Analog's proprietary magnetic pulse feedback technology providing optimum dynamic line and load regulation response. This feedback system samples the output voltage at the pulse width modulator fixed clock frequency, nominally 550 KHz. Multiple converters can be synchronized to a system clock in the 500 KHz to 700 KHz range or to the synchronization output of one converter. Undervoltage lockout, primary and secondary referenced inhibit, softstart and load fault protection are provided on all models. These converters are hermetically packaged in two enclosure variations, utilizing copper core pins to minimize resistive DC losses. Three lead styles are available, each fabricated with Advanced Analog's rugged ceramic lead-to-package seal assuring long term hermeticity in the most harsh environments. Manufactured in a facility fully qualified to MIL-PRF38534, these converters are available in four screening grades to satisfy a wide range of requirements. The CH grade is fully compliant to the requirements of MIL-PRF38534 for class H. The HB grade is fully processed and screened to the class H requirement, but does not have material element evaluated to the class H requirement. Both grades are tested to meet the complete group "A" test specification over the full military temperature range without output power deration. Two grades with more limited screening are also available for use in less de-
120V Input, Single Output
AFL Features
n n n n n n n n n n n n n n n n 80 To 160 Volt Input Range High Power Density - up to 84 W / in3 Up To 120 Watt Output Power Parallel Operation with Stress and Current Sharing Low Profile (0.380") Seam Welded Package Ceramic Feedthru Copper Core Pins High Efficiency - to 87% Full Military Temperature Range Continuous Short Circuit and Overload Protection Remote Sensing Terminals Primary and Secondary Referenced Inhibit Functions Line Rejection > 50 dB - DC to 50KHz External Synchronization Port Fault Tolerant Design Dual Output Versions Available Standard Military Drawings Available
manding applications. Variations in electrical, mechanical and screening can be accommodated. Contact Advanced Analog for special requirements.
www.irf.com
1
09/10/02
AFL120XXS Series
Specifications
ABSOLUTE MAXIMUM RATINGS Input Voltage Soldering Temperature Case Temperature -0.5V to 180V 300C for 10 seconds Operating Storage -55C to +125C -65C to +135C
Static Characteristics -55C < TCASE < +125C, 80V< VIN < 160V unless otherwise specified.
Parameter INPUT VOLTAGE OUTPUT VOLTAGE AFL12005S AFL12008S AFL12009S AFL12012S AFL12015S AFL12028S AFL12005S AFL12008S AFL12009S AFL12012S AFL12015S AFL12028S OUTPUT CURRENT AFL12005S AFL12008S AFL12009S AFL12012S AFL12015S AFL12028S OUTPUT POWER AFL12005S AFL12008S AFL12009S AFL12012S AFL12015S AFL12028S MAXIMUM CAPACITIVE LOAD OUTPUT VOLTAGE TEMPERATURE COEFFICIENT OUTPUT VOLTAGE REGULATION AFL12028S Line All Others Line Load OUTPUT RIPPLE VOLTAGE AFL12005S AFL12008S AFL12009S AFL12012S AFL12015S AFL12028S 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 VIN = 80, 120, 160 Volts, 100% Load, BW = 10MHz Note 1 10,000 +0.015 Note 6 80 80 90 108 120 112 W W W W W W fd %/C 1 1 1 1 1 1 2, 3 2, 3 2, 3 2, 3 2, 3 2, 3 VIN = 80, 120, 160 Volts - Note 6 Group A Subgroups Note 6 VIN = 120 Volts, 100% Load 4.95 7.92 8.91 11.88 14.85 27.72 4.90 7.84 8.82 11.76 14.70 27.44 5.00 8.00 9.00 12.00 15.00 28.00 5.05 8.08 9.09 12.12 15.15 28.28 5.10 8.16 9.18 12.24 15.30 28.56 V V V V V V V V V V V V Test Conditions Min 80 Nom 120 Max 160 Unit V
16.0 10.0 10.0 9.0 8.0 4.0
A A A A A A
VIN = 120 Volts, 100% Load - Note 1, 6 -0.015
No Load, 50% Load, 100% Load VIN = 80, 120, 160 Volts
-70.0 -20.0 -1.0
+70.0 +20.0 +1.0 30 40 40 45 50 100
mV mV % mVpp mVpp mVpp mVpp mVpp mVpp
For Notes to Specifications, refer to page 4
2
www.irf.com
AFL120XXS Series
Static Characteristics (Continued)
Parameter INPUT CURRENT No Load Inhibit 1 Inhibit 2 INPUT RIPPLE CURRENT AFL12005S AFL12008S AFL12009S AFL12012S AFL12015S AFL12028S CURRENT LIMIT POINT As a percentage of full rated load 1 2, 3 1, 2, 3 1, 2, 3 1, 1, 1, 1, 1, 1, 2, 3 2, 3 2, 3 2, 3 2, 3 2, 3 Group A Subgroups Test Conditions VIN = 120 Volts IOUT = 0 Pin 4 Shorted to Pin 2 Pin 12 Shorted to Pin 8 VIN = 120 Volts, 100% Load, BW = 10MHz Min Nom Max Unit
30 40 3.0 5.0 60 60 60 60 60 60
mA mA mA mA mApp mApp mApp mApp mApp mApp
1 2 3 1, 2, 3
VOUT = 90% VNOM , VIN = 120 Volts Note 5
115 105 125
125 115 140 32
% % % W
LOAD FAULT POWER DISSIPATION Overload or Short Circuit EFFICIENCY AFL12005S AFL12008S AFL12009S AFL12012S AFL12015S AFL12028S ENABLE INPUTS (Inhibit Function) Converter Off Sink Current Converter On Sink Current SWITCHING FREQUENCY SYNCHRONIZATION INPUT Frequency Range Pulse Amplitude, Hi Pulse Amplitude, Lo Pulse Rise Time Pulse Duty Cycle ISOLATION DEVICE WEIGHT MTBF
VIN = 120 Volts
VIN = 120 Volts, 100% Load 1, 1, 1, 1, 1, 1, 2, 3 2, 3 2, 3 2, 3 2, 3 2, 3 Logical Low on Pin 4 or Pin 12 Note 1 Logical High on Pin 4 and Pin 12 - Note 9 Note 1 78 79 80 82 83 82 -0.5 2.0 82 83 84 85 87 85 0.8 100 50 100 550 600 700 10 0.8 100 80 % % % % % % V A V A KHz KHz V V nSec % M 85 300 gms KHrs
1, 2, 3 1, 2, 3
1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 Note 1 Note 1 1 Input to Output or Any Pin to Case (except Pin 3). Test @ 500VDC Slight Variations with Case Style MIL-HDBK-217F, AIF @ TC = 70C
500 500 2.0 -0.5 20 100
For Notes to Specifications, refer to page 4
www.irf.com
3
AFL120XXS Series
Dynamic Characteristics -55C < TCASE < +125C, VIN=120V unless otherwise specified.
Parameter LOAD TRANSIENT RESPONSE AFL12005S Amplitude Recovery Amplitude Recovery AFL12008S Amplitude Recovery Amplitude Recovery AFL12009S Amplitude Recovery Amplitude Recovery AFL12012S Amplitude Recovery Amplitude Recovery AFL12015S Amplitude Recovery Amplitude Recovery AFL12028S Amplitude Recovery Amplitude Recovery LINE TRANSIENT RESPONSE Amplitude Recovery TURN-ON CHARACTERISTICS Overshoot Delay LOAD FAULT RECOVERY LINE REJECTION 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 Group A Subgroups Note 2, 8 Load Step 50% 100% Load Step 10% 50% Load Step 50% 100% Load Step 10% 50% Load Step 50% 100% Load Step 10% 50% Load Step 50% 100% Load Step 10% 50% Load Step 50% 100% Load Step 10% 50% Load Step 50% 100% Load Step 10% 50% Note 1, 2, 3 VIN Step = 80 160 Volts VIN = 30, 50, 80 Volts. Note 4 Enable 1, 2 on. (Pins 4, 12 high or open) Same as Turn On Characteristics. MIL-STD-461D, CS101, 30Hz to 50KHz Note 1 50 60 dB 50 75 250 120 mV mSec -500 500 500 mV Sec -450 -450 -500 -500 -600 -600 -750 -750 -750 -750 -1200 -1200 450 200 450 400 500 200 500 400 600 200 600 400 750 200 750 400 750 200 750 400 1200 200 1200 400 mV Sec mV Sec mV Sec mV Sec mV Sec mV Sec mV Sec mV Sec mV Sec mV Sec mV Sec mV Sec Test Conditions Min Nom Max Unit
Notes to Specifications: 1. 2. 3. 4. 5. 6. 7. 8. 9. Parameters not 100% tested but are guaranteed to the limits specified in the table. Recovery time is measured from the initiation of the transient to where VOUT has returned to within 1% of VOUT at 50% load. Line transient transition time 100 Sec. Turn-on delay is measured with an input voltage rise time of between 100 and 500 volts per millisecond. Current limit point is that condition of excess load causing output voltage to drop to 90% of nominal. Parameter verified as part of another test. All electrical tests are performed with the remote sense leads connected to the output leads at the load. Load transient transition time 10 Sec. Enable inputs internally pulled high. Nominal open circuit voltage 4.0VDC.
4
www.irf.com
AFL120XXS Series
AFL120XXS Circuit Description
Figure I. AFL Single Output Block Diagram
DC Input 1 Input Filter Output Filter Current Sense Sync Output 5 Control Sync Input 6
FB
Enable 1 4
Primary Bias Supply
7 10
+Output +Sense
Error Amp & Ref
Share Amplifier Sense Amplifier
11 Share 12 Enable 2 9 8 -Sense Output Return
Case
3
Input Return 2
Circuit Operation and Application Information
The AFL series of converters employ a forward switched mode converter topology. (refer to Figure I.) Operation of the device is initiated when a DC voltage whose magnitude is within the specified input limits is applied between pins 1 and 2. If pin 4 is enabled (at a logical 1 or open) the primary bias supply will begin generating a regulated housekeeping voltage bringing the circuitry on the primary side of the converter to life. A power MOSFET is used to chop the DC input voltage into a high frequency square wave, applying this chopped voltage to the power transformer at the nominal converter switching frequency. Maintaining a DC voltage within the specified operating range at the input assures continuous generation of the primary bias voltage. The switched voltage impressed on the secondary output transformer winding is rectified and filtered to generate the converter DC output voltage. An error amplifier on the secondary side compares the output voltage to a precision reference and generates an error signal proportional to the difference. This error signal is magnetically coupled through the feedback transformer into the controller section of the converter varying the pulse width of the square wave signal driving the MOSFET, narrowing the width if the output voltage is too high and widening it if it is too low, thereby regulating the output voltage.
terminals at the converter. Figure III. illustrates a typical remotely sensed application.
Inhibiting Converter Output
As an alternative to application and removal of the DC voltage to the input, the user can control the converter output by providing TTL compatible, positive logic signals to either of two enable pins (pin 4 or 12). The distinction between these two signal ports is that enable 1 (pin 4) is referenced to the input return (pin 2) while enable 2 (pin 12) is referenced to the output return (pin 8). Thus, the user has access to an inhibit function on either side of the isolation barrier. Each port is internally pulled "high" so that when not used, an open connection on both enable pins permits normal converter operation. When their use is desired, a logical "low" on either port will shut the converter down.
Figure II. Enable Input Equivalent Circuit
+5.6V 100K Pin 4 or Pin 12 1N4148
Remote Sensing
Connection of the + and - sense leads at a remotely located load permits compensation for excessive resistance between the converter output and the load when their physical separation could cause undesirable voltage drop. This connection allows regulation to the placard voltage at the point of application. When the remote sensing feature is not used, the sense should be connected to their respective output
290K 2N3904 150K Pin 2 or Pin 8
Disable
www.irf.com
5
AFL120XXS Series
Internally, these ports differ slightly in their function. In use, a low on Enable 1 completely shuts down all circuits in the converter while a low on Enable 2 shuts down the secondary side while altering the controller duty cycle to near zero. Externally, the use of either port is transparent to the user save for minor differences in idle current. (See specification table). 100 ns, maximum low level of +0.8 volts and a minimum highlevel of +2.0 volts. The sync output of another converter which has been designated as the master oscillator provides a convenient frequency source for this mode of operation. When external synchronization is not required, the sync in pin should be left unconnected thereby permitting the converter to operate at its' own internally set frequency. The sync output signal is a continuous pulse train set at 550 50 KHz, with a duty cycle of 15 5%. This signal is referenced to the input return and has been tailored to be compatible with the AFL sync input port. Transition times are less than 100 ns and the low level output impedance is less than 50 ohms. This signal is active when the DC input voltage is within the specified operating range and the converter is not inhibited. This output has adequate drive reserve to synchronize at least five additional converters. A typical synchronization connection option is illustrated in Figure III.
Synchronization of Multiple Converters
When operating multiple converters, system requirements often dictate operation of the converters at a common frequency. To accommodate this requirement, the AFL series converters provide both a synchronization input and output. The sync input port permits synchronization of an AFL converter to any compatible external frequency source operating between 500 and 700 KHz. This input signal should be referenced to the input return and have a 10% to 90% duty cycle. Compatibility requires transition times less th an
Figure III. Preferred Connection for Parallel Operation
Power Input
1 12
Vin Rtn Case Enable 1 Sync Out Sync In
Enable 2 Share
AFL
+ Sense - Sense Return + Vout
7
Optional Synchronization Connection
6
Share Bus
1 12
Vin Rtn Case Enable 1 Sync Out Sync In
6
Enable 2 Share
AFL
+ Sense - Sense Return + Vout
7
to Load
1
12
Vin Rtn Case Enable 1 Sync Out Sync In
6
Enable 2 Share
AFL
+ Sense - Sense Return + Vout
7
(Other Converters)
Parallel Operation-Current and Stress Sharing
Figure III. illustrates the preferred connection scheme for operation of a set of AFL converters with outputs operating in parallel. Use of this connection permits equal sharing of a load current exceeding the capacity of an individual AFL among the members of the set. An important feature of the
AFL series operating in the parallel mode is that in addition to sharing the current, the stress induced by temperature will also be shared. Thus if one member of a paralleled set is operating at a higher case temperature, the current it provides to the load will be reduced as compensation for the temperature induced stress on that device.
6
www.irf.com
AFL120XXS Series
When operating in the shared mode, it is important that symmetry of connection be maintained as an assurance of optimum load sharing performance. Thus, converter outputs should be connected to the load with equal lengths of wire of the same gauge and sense leads from each converter should be connected to a common physical point, preferably at the load along with the converter output and return leads. All converters in a paralleled set must have their share pins connected together. This arrangement is diagrammatically illustrated in Figure III. showing the outputs and sense pins connected at a star point which is located close as possible to the load. As a consequence of the topology utilized in the current sharing circuit, the share pin may be used for other functions. In applications requiring a single converter, the voltage appearing on the share pin may be used as a "current monitor". The share pin open circuit voltage is nominally +1.00v at no load and increases linearly with increasing output current to +2.20v at full load. The share pin voltage is referenced to the output return pin. A conservative aid to estimating the total heat sink surface area (AHEAT SINK) required to set the maximum case temperature rise (T) above ambient temperature is given by the following expression:
. T -143 - 3.0 A HEAT SINK 80P 0.85
where T = Case temperature rise above ambient 1 P = Device dissipation in Watts = POUT - 1 Eff
As an example, it is desired to maintain the case temperature of an AFL27015S at +85C in an area where the ambient temperature is held at a constant +25C; then
T = 85 - 25 = 60C
From the Specification Table, the worst case full load efficiency for this device is 83%; therefore the power dissipation at full load is given by
Thermal Considerations
Because of the incorporation of many innovative technological concepts, the AFL series of converters is capable of providing very high output power from a package of very small volume. These magnitudes of power density can only be obtained by combining high circuit efficiency with effective methods of heat removal from the die junctions. This requirement has been effectively addressed inside the device; but when operating at maximum loads, a significant amount of heat will be generated and this heat must be conducted away from the case. To maintain the case temperature at or below the specified maximum of 125C, this heat must be transferred by conduction to an appropriate heat dissipater held in intimate contact with the converter base-plate. Because effectiveness of this heat transfer is dependent on the intimacy of the baseplate/heatsink interface, it is strongly recommended that a high thermal conductivity heat transferance medium is inserted between the baseplate and heatsink. The material most frequently utilized at the factory during all testing and burn-in processes is sold under the trade name of Sil-Pad 4001 . This particular pro duct is an insulator but electrically conductive versions are also available. Use of these materials assures maximum surface contact with the heat dissipator thereby compensating for minor variations of either surface. While other available types of heat conductive materials and compounds may provide similar performance, these alternatives are often less convenient and are frequently messy to use.
1Sil-Pad is a registered Trade Mark of Bergquist, Minneapolis, MN
1 P = 120 * - 1 = 120 * ( 0.205) = 24.6 W .83
and the required heat sink area is
. -143 60 A HEAT SINK = - 3.0 = 71 in 2 80 * 24.6 0.85
Thus, a total heat sink surface area (including fins, if any) of 71 in2 in this example, would limit case rise to 60C above ambient. A flat aluminum plate, 0.25" thick and of approximate dimension 4" by 9" (36 in2 per side) would suffice for this application in a still air environment. Note that to meet the criteria in this example, both sides of the plate require unrestricted exposure to the ambient air.
www.irf.com
7
AFL120XXS Series
Input Filter
The AFL120XXS series converters incorporate a LC input filter whose elements dominate the input load impedance characteristic at turn-on. The input circuit is as shown in Figure IV. Finding a resistor value for a particular output voltage, is simply a matter of substituting the desired output voltage and the nominal device voltage into the equation and solving for the corresponding resistor value.
Figure IV. Input Filter Circuit
16.8uH
Figure V. Connection for VOUT Adjustment
Enable 2 Share
Pin 1
AFL120xxS
R ADJ
+ Sense - Sense
0.78uF
Return
To Load
Pin 2
+ V out
Note: Radj must be set 500
Undervoltage Lockout
A minimum voltage is required at the input of the converter to initiate operation. This voltage is set to 74 4 volts. To preclude the possibility of noise or other variations at the input falsely initiating and halting converter operation, a hysteresis of approximately 7 volts is incorporated in this circuit. Thus if the input voltage droops to 67 4 volts, the converter will shut down and remain inoperative until the input voltage returns to 74 volts.
Attempts to adjust the output voltage to a value greater than 120% of nominal should be avoided because of the potential of exceeding internal component stress ratings and subsequent operation to failure. Under no circumstance should the external setting resistor be made less than 500. By remaining within this specified range of values, completely safe operation fully within normal component derating limits is assured. Examination of the equation relating output voltage and resistor value reveals a special benefit of the circuit topology utilized for remote sensing of output voltage in the AFL120XXS series of converters. It is apparent that as the resistance increases, the output voltage approaches the nominal set value of the device. In fact the calculated limiting value of output voltage as the adjusting resistor becomes very large is 25mV above nominal device voltage. The consequence is that if the +sense connection is unintentionally broken, an AFL120XXS has a fail-safe output voltage of Vout + 25mV, where the 25mV is independent of the nominal output voltage. It can be further demonstrated that in the event of both the + and - sense connections being broken, the output will be limited to Vout + 440mV. This 440 mV is also essentially constant independent of the nominal output voltage.
Output Voltage Adjust
In addition to permitting close voltage regulation of remotely located loads, it is possible to utilize the converter sense pins to incrementally increase the output voltage over a limited range. The adjustments made possible by this method are intended as a means to "trim" the output to a voltage setting for some particular application, but are not intended to create an adjustable output converter. These output voltage setting variations are obtained by connecting an appropriate resistor value between the +sense and -sense pins while connecting the -sense pin to the output return pin as shown in Figure V. below. The range of adjustment and corresponding range of resistance values can be determined by use of the following equation.
VNOM Radj = 100 * VOUT - VNOM -.025
Where VNOM = device nominal output voltage, and
VOUT = desired output voltage
8
www.irf.com
AFL120XXS Series
General Application Information
The AFL120XXS series of converters are capable of providing large transient currents to user loads on demand. Because the nominal input voltage range in this series is relatively low, the resulting input current demands will be correspondingly large. It is important therefore, that the line impedance be kept very low to prevent steady state and transient input currents from degrading the supply voltage between the voltage source and the converter input. In applications requiring high static currents and large transients, it is recommended that the input leads be made of adequate size to minimize resistive losses, and that a good quality capacitor of approximately100mfd be connected directly across the input terminals to assure an adequately low impedance at the input terminals. Table I relates nominal resistance values and selected wire sizes.
Table 1. Nominal Resistance of Cu Wire Wire Size, AWG 24 Ga 22 Ga 20 Ga 18 Ga 16 Ga 14 Ga 12 Ga Resistance per ft 25.7 m 16.2 m 10.1 m 6.4 m 4.0 m 2.5 m 1.6 m
Incorporation of a 100 fd capacitor at the input terminals is recommended as compensation for the dynamic effects of the parasitic resistance of the input cable reacting with the complex impedance of the converter input, and to provide an energy reservoir for transient input current requirements.
Figure VI. Problems of Parasitic Resistance in input Leads (See text)
Rp I in
100 fd
Vin e Rtn Rtn Case
e source
Rp
I Rtn
System Ground
Enable 1 Sync Out Sync In
www.irf.com
9
AFL120XXS Series
AFL120XXS Case Outlines
Case X Case W
Pin Variation of Case Y
3.000 2.760
o 0.128
0.050 0.250
12
0.050
7
0.25 typ
12
7
BERYLLIA WARNING: These converters are hermetically sealed; however they contain BeO substrates and should not be ground or subjected to any other operations including exposure to acids, which may produce Beryllium dust or fumes containing Beryllium
1 6
0.250
1.260 1.500
1.000 Ref
0.200 Typ Non-cum Pin o 0.040
1.000
2.500
0.220
0.220 2.800 0.525
Pin o 0.040
2.975 max 0.238 max
0.42
0.380 Max
0.380 Max
Case Y
1.150 0.300 o 0.140 0.050
Case Z
Pin Variation of Case Y
0.050
0.250
1 6
0.250
1.500 1.750 2.00
1.000 Ref
0.200 Typ Non-cum Pin o 0.040
1.000 Ref
Pin o 0.040
1.750 2.500
0.375
0.220
0.220 0.36 2.800
2.975 max
0.525
0.238 max 0.380 Max
0.380 Max
Tolerances, unless otherwise specified:
.XX .XXX
= =
0.010 0.005
10
www.irf.com
AFL120XXS Series
Available Screening Levels and Process Variations for AFL120XXS Series.
Requirement Temperature Range Element Evaluation Internal Visual Temperature Cycle Constant Acceleration Burn-in Final Electrical (Group A) Seal, Fine & Gross External Visual 2017 1010 2001, 1015 MIL-PRF-38534 1014 2009 48hrs @ 85C 25C Cond A u Cond B 500g 48hrs @ 125C 25C Cond A, C u u Cond C Cond A 160hrs @ 125C -55, +25, +125C Cond A, C u MIL-STD-883 Method No Suffix -20C to +85C ES Suffix -55C to +125C HB Suffix -55C to +125C CH Suffix -55C to +125C MIL-H-38534 u Cond C Cond A 160hrs @ 125C -55, +25, +125C Cond A, C u
* per Commercial Standards
AFL120XXS Pin Designation
Pin No.
1 2 3 4 5 6 7 8 9 10 11 12
Part Numbering
Designation
Positive Input Input Return Case Enable 1 Sync Output Sync Input Positive Output Output Return Return Sense Positive Sense Share Enable 2
AFL120 05 S X / CH
Model Input Voltage
28= 28 V, 50= 50 V 120=120 V, 270= 270 V
Screening Case Style
W, X, Y, Z
- , ES HB, CH
Output Voltage
3R3= 3.3 V, 05= 5 V 08= 8 V, 09= 9 V 12= 12 V, 15= 15 V 24= 24 V, 28= 28 V
Outputs
S = Single D = Dual
AFL120XXS to Standard Military Drawing Equivalence Table
AFL12005S 5962-9960801
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 ADVANCED ANALOG: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 09/02
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of AFL12005S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X