Part Number Hot Search : 
54HCT1 ON1220 YMU762 314MAH4 17S40LPI 4047B DT72V MC5152
Product Description
Full Text Search
 

To Download ADUM3201CRZ-RL7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability ADuM3200/ADuM3201
FEATURES
Enhanced system-level ESD performance per IEC 61000-4-x Narrow body, 8-lead SOIC, Pb-free package Low power operation 5 V operation 1.6 mA per channel maximum @ 0 Mbps to 2 Mbps 3.7 mA per channel maximum @ 10 Mbps 7.5 mA per channel maximum @ 25 Mbps 3 V operation 1.4 mA per channel maximum @ 0 Mbps to 2 Mbps 2.4 mA per channel maximum @ 10 Mbps 4.6 mA per channel maximum @ 25 Mbps Bidirectional communication 3 V/5 V level translation High temperature operation: 105C High data rate: dc to 25 Mbps (NRZ) Precise timing characteristics 3 ns maximum pulse-width distortion 3 ns maximum channel-to-channel matching High common-mode transient immunity: >25 kV/s Safety and regulatory approvals UL recognition: 2500 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice #5A VDE Certificate of Conformity DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01 DIN EN 60950 (VDE 0805): 2001-12; DIN EN 60950: 2000 VIORM = 560 V peak
GENERAL DESCRIPTION
The ADuM320x 1 are dual-channel, digital isolators based on Analog Devices' iCoupler(R) technology. Combining high speed CMOS and monolithic transformer technology, these isolation components provide outstanding performance characteristics superior to alternatives such as optocoupler devices. By avoiding the use of LEDs and photodiodes, iCoupler devices remove the design difficulties commonly associated with optocouplers. The typical optocoupler concerns regarding uncertain current transfer ratios, nonlinear transfer functions, and temperature and lifetime effects are eliminated with the simple iCoupler digital interfaces and stable performance characteristics. The need for external drivers and other discrete components is eliminated with these iCoupler products. Furthermore, iCoupler devices consume one-tenth to one-sixth the power of optocouplers at comparable signal data rates. The ADuM320x isolators provide two independent isolation channels in a variety of channel configurations and data rates (see the Ordering Guide). Both parts operate with the supply voltage on either side ranging from 2.7 V to 5.5 V, providing compatibility with lower voltage systems as well as enabling a voltage translation functionality across the isolation barrier. The ADuM320x isolators have a patented refresh feature that ensures dc correctness in the absence of input logic transitions and during power-up/power-down conditions. In comparison to the ADuM120x isolators, the ADuM320x isolators contain various circuit and layout changes to provide increased capability relative to system-level IEC 61000-4-x testing (ESD, burst, surge). The precise capability in these tests for either the ADuM120x or ADuM320x products is strongly determined by the design and layout of the user's board or module. For more information, see Application Note AN-793, ESD/Latch-Up Considerations with iCoupler Isolation Products.
1
APPLICATIONS
Size-critical multichannel isolation SPI(R) interface/data converter isolation RS-232/RS-422/RS-485 transceiver isolation Digital field bus isolation
Protected by U.S. Patents 5,952,849; 6,873,065; and other pending patents.
FUNCTIONAL BLOCK DIAGRAMS
VDD1 1 VIA 2 VIB 3 GND1 4 ENCODE ENCODE DECODE DECODE
8
VDD2 VOA VOB
05927-001
VDD1 1 VOA 2 VIB 3 GND1 4 DECODE ENCODE ENCODE DECODE
8
VDD2 VIA VOB GND2
05927-002
7
7
6
6
5
GND2
5
Figure 1. ADuM3200 Functional Block Diagram
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
Figure 2. ADuM3201 Functional Block Diagram
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2006 Analog Devices, Inc. All rights reserved.
ADuM3200/ADuM3201 TABLE OF CONTENTS
Features .............................................................................................. 1 Applications....................................................................................... 1 General Description ......................................................................... 1 Functional Block Diagrams............................................................. 1 Revision History ............................................................................... 2 Specifications..................................................................................... 3 Electrical Characteristics--5 V Operation................................ 3 Electrical Characteristics--3 V Operation................................ 5 Electrical Characteristics--Mixed 5 V/3 V or 3 V/5 V Operation....................................................................................... 7 Package Characteristics ............................................................. 10 Regulatory Information............................................................. 10 Insulation and Safety-Related Specifications.......................... 10 DIN EN 60747-5-2 (VDE 0884 Part 2) Insulation Characteristics ............................................................................ 11 Recommended Operating Conditions .................................... 11 Absolute Maximum Ratings ......................................................... 12 ESD Caution................................................................................ 12 Pin Configurations and Function Descriptions ......................... 13 Typical Performance Characteristics ........................................... 14 Application Information................................................................ 15 PC Board Layout ........................................................................ 15 System-Level ESD Considerations and Enhancements ........ 15 Propagation Delay-Related Parameters................................... 15 DC Correctness and Magnetic Field Immunity........................... 15 Power Consumption .................................................................. 16 Outline Dimensions ....................................................................... 17 Ordering Guide .......................................................................... 17
REVISION HISTORY
7/06--Revision 0: Initial Version
Rev. 0 | Page 2 of 20
ADuM3200/ADuM3201 SPECIFICATIONS
ELECTRICAL CHARACTERISTICS--5 V OPERATION
All voltages are relative to their respective ground. 4.5 V VDD1 5.5 V, 4.5 V VDD2 5.5 V. All minimum/maximum specifications apply over the entire recommended operating range, unless otherwise noted. All typical specifications are at TA = 25C, VDD1 = VDD2 = 5 V. Table 1.
Parameter DC SPECIFICATIONS Input Supply Current, per Channel, Quiescent Output Supply Current, per Channel, Quiescent ADuM3200, Total Supply Current, Two Channels 1 DC to 2 Mbps VDD1 Supply Current VDD2 Supply Current 10 Mbps (BR and CR Grades Only) VDD1 Supply Current VDD2 Supply Current 25 Mbps (CR Grade Only) VDD1 Supply Current VDD2 Supply Current ADuM3201, Total Supply Current, Two Channels1 DC to 2 Mbps VDD1 Supply Current VDD2 Supply Current 10 Mbps (BR and CR Grades Only) VDD1 Supply Current VDD2 Supply Current 25 Mbps (CR Grade Only) VDD1 Supply Current VDD2 Supply Current For All Models Input Currents Logic High Input Threshold Logic Low Input Threshold Logic High Output Voltages Symbol IDDI (Q) IDDO (Q) Min Typ 0.4 0.5 Max 0.8 0.6 Unit mA mA Test Conditions
IDD1 (Q) IDD2 (Q) IDD1 (10) IDD2 (10) IDD1 (25) IDD2 (25)
1.3 1.0 3.5 1.7 7.7 3.1
1.7 1.6 4.6 2.8 10.0 3.9
mA mA mA mA mA mA
DC to 1 MHz logic signal freq. DC to 1 MHz logic signal freq. 5 MHz logic signal freq. 5 MHz logic signal freq. 12.5 MHz logic signal freq. 12.5 MHz logic signal freq.
IDD1 (Q) IDD2 (Q) IDD1 (10) IDD2 (10) IDD1 (25) IDD2 (25) IIA, IIB VIH VIL VOAH VOBH VDD1, VDD2 - 0.1 VDD1, VDD2 - 0.5 -10 0.7 VDD1, VDD2
1.1 1.3 2.6 3.1 5.3 6.4 +0.01
1.5 1.8 3.4 4.0 6.8 8.3 +10
mA mA mA mA mA mA A V V V V
DC to 1 MHz logic signal freq. DC to 1 MHz logic signal freq. 5 MHz logic signal freq. 5 MHz logic signal freq. 12.5 MHz logic signal freq. 12.5 MHz logic signal freq. 0 VIA, VIB VDD1 or VDD2
0.3 VDD1, VDD2 5.0 4.8 0.0 0.04 0.2 0.1 0.1 0.4
IOx = -20 A, VIx = VIxH IOx = -4 mA, VIx = VIxH IOx = 20 A, VIx = VIxL IOx = 400 A, VIx = VIxL IOx = 4 mA, VIx = VIxL
Logic Low Output Voltages
VOAL VOBL
V V V
SWITCHING SPECIFICATIONS ADuM320xAR Minimum Pulse Width 2 Maximum Data Rate 3 Propagation Delay 4 Pulse-Width Distortion, |tPLH - tPHL|4 Propagation Delay Skew 5 Channel-to-Channel Matching 6 Output Rise/Fall Time (10% to 90%)
PW tPHL, tPLH PWD tPSK tPSKCD/OD tR/tF 1 20
1000 150 40 100 50 10
ns Mbps ns ns ns ns ns
CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels
Rev. 0 | Page 3 of 20
ADuM3200/ADuM3201
Parameter ADuM320xBR Minimum Pulse Width2 Maximum Data Rate3 Propagation Delay4 Pulse-Width Distortion, |tPLH - tPHL|4 Change vs. Temperature Propagation Delay Skew5 Channel-to-Channel Matching, Codirectional Channels6 Channel-to-Channel Matching, Opposing Directional Channels6 Output Rise/Fall Time (10% to 90%) ADuM320xCR Minimum Pulse Width2 Maximum Data Rate3 Propagation Delay4 Pulse-Width Distortion, |tPLH - tPHL|4 Change vs. Temperature Propagation Delay Skew5 Channel-to-Channel Matching, Codirectional Channels6 Channel-to-Channel Matching, Opposing Directional Channels6 Output Rise/Fall Time (10% to 90%) For All Models Common-Mode Transient Immunity at Logic High Output 7 Common-Mode Transient Immunity at Logic Low Output7 Refresh Rate Input Dynamic Supply Current, per Channel 8 Output Dynamic Supply Current, per Channel8
1
Symbol PW tPHL, tPLH PWD tPSK tPSKCD tPSKOD tR/tF PW tPHL, tPLH PWD tPSK tPSKCD tPSKOD tR/tF |CMH| |CML| fr IDDI (D) IDDO (D)
Min
Typ
Max 100
Unit ns Mbps ns ns ps/C ns ns ns ns
Test Conditions CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels VIx = VDD1, VDD2, VCM = 1000 V, transient magnitude = 800 V VIx = 0 V, VCM = 1000 V, transient magnitude = 800 V
10 20 5
50 3 15 3 15 2.5 20 50 40 45 3 5 15 3 15 2.5
25 20
ns Mbps ns ns ps/C ns ns ns ns kV/s kV/s Mbps mA/Mbps mA/Mbps
25 25
35 35 1.2 0.19 0.05
The supply current values for both channels are combined when running at identical data rates. Output supply current values are specified with no output load present. The supply current associated with an individual channel operating at a given data rate can be calculated as described in the Power Consumption section. See Figure 6 through Figure 8 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See Figure 9 through Figure 11 for total IDD1 and IDD2 supply currents as a function of data rate for ADuM3200 and ADuM3201 channel configurations. 2 The minimum pulse width is the shortest pulse width at which the specified pulse-width distortion is guaranteed. 3 The maximum data rate is the fastest data rate at which the specified pulse-width distortion is guaranteed. 4 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal. 5 tPSK is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the recommended operating conditions. 6 Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier. Opposing directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier. 7 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient magnitude is the range over which the common mode is slewed. 8 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in the signal data rate. See Figure 6 through Figure 8 for information on per-channel supply current for unloaded and loaded conditions. See the Power Consumption section for guidance on calculating per-channel supply current for a given data rate.
Rev. 0 | Page 4 of 20
ADuM3200/ADuM3201
ELECTRICAL CHARACTERISTICS--3 V OPERATION
All voltages are relative to their respective ground. 2.7 V VDD1 3.6 V, 2.7 V VDD2 3.6 V. All minimum/maximum specifications apply over the entire recommended operating range, unless otherwise noted. All typical specifications are at TA = 25C, VDD1 = VDD2 = 3.0 V. Table 2.
Parameter DC SPECIFICATIONS Input Supply Current, per Channel, Quiescent Output Supply Current, per Channel, Quiescent ADuM3200, Total Supply Current, Two Channels 1 DC to 2 Mbps VDD1 Supply Current VDD2 Supply Current 10 Mbps (BR and CR Grades Only) VDD1 Supply Current VDD2 Supply Current 25 Mbps (CR Grade Only) VDD1 Supply Current VDD2 Supply Current ADuM3201, Total Supply Current, Two Channels1 DC to 2 Mbps VDD1 Supply Current VDD2 Supply Current 10 Mbps (BR and CR Grades Only) VDD1 Supply Current VDD2 Supply Current 25 Mbps (CR Grade Only) VDD1 Supply Current VDD2 Supply Current For All Models Input Currents Logic High Input Threshold Logic Low Input Threshold Logic High Output Voltages Symbol IDDI (Q) IDDO (Q) Min Typ 0.3 0.3 Max 0.5 0.5 Unit mA mA Test Conditions
IDD1 (Q) IDD2 (Q) IDD1 (10) IDD2 (10) IDD1 (25) IDD2 (25)
0.8 0.7 2.0 1.1 4.3 1.8
1.3 1.0 3.2 1.7 6.4 2.4
mA mA mA mA mA mA
DC to 1 MHz logic signal freq. DC to 1 MHz logic signal freq. 5 MHz logic signal freq. 5 MHz logic signal freq. 12.5 MHz logic signal freq. 12.5 MHz logic signal freq.
IDD1 (Q) IDD2 (Q) IDD1 (10) IDD2 (10) IDD1 (25) IDD2 (25) IIA, IIB VIH VIL VOAH VOBH VDD1, VDD2 - 0.1 VDD1, VDD2 - 0.5 -10 0.7 VDD1, VDD2
0.7 0.8 1.5 1.9 3.0 3.6 +0.01
1.3 1.6 2.1 2.4 4.2 5.1 +10
mA mA mA mA mA mA A V V V V
DC to 1 MHz logic signal freq. DC to 1 MHz logic signal freq. 5 MHz logic signal freq. 5 MHz logic signal freq. 12.5 MHz logic signal freq. 12.5 MHz logic signal freq. 0 VIA, VIB, VDD1 or VDD2
0.3 VDD1, VDD2 3.0 2.8 0.0 0.04 0.2 0.1 0.1 0.4
IOx = -20 A, VIx = VIxH IOx = -4 mA, VIx = VIxH IOx = 20 A, VIx = VIxL IOx = 400 A, VIx = VIxL IOx = 4 mA, VIx = VIxL
Logic Low Output Voltages
VOAL VOBL
V V V
SWITCHING SPECIFICATIONS ADuM320xAR Minimum Pulse Width 2 Maximum Data Rate 3 Propagation Delay 4 Pulse-Width Distortion, |tPLH - tPHL|4 Propagation Delay Skew 5 Channel-to-Channel Matching 6 Output Rise/Fall Time (10% to 90%)
PW tPHL, tPLH PWD tPSK tPSKCD/OD tR/tF 1 20
1000 150 40 100 50 10
ns Mbps ns ns ns ns ns
CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels
Rev. 0 | Page 5 of 20
ADuM3200/ADuM3201
Parameter ADuM320xBR Minimum Pulse Width2 Maximum Data Rate3 Propagation Delay4 Pulse-Width Distortion, |tPLH -tPHL|4 Change vs. Temperature Propagation Delay Skew5 Channel-to-Channel Matching, Codirectional Channels6 Channel-to-Channel Matching, Opposing Directional Channels6 Output Rise/Fall Time (10% to 90%) ADuM320xCR Minimum Pulse Width2 Maximum Data Rate3 Propagation Delay4 Pulse-Width Distortion, |tPLH - tPHL|4 Change vs. Temperature Propagation Delay Skew5 Channel-to-Channel Matching, Codirectional Channels6 Channel-to-Channel Matching, Opposing Directional Channels6 Output Rise/Fall Time (10% to 90%) For All Models Common Mode Transient Immunity at Logic High Output 7 Common Mode Transient Immunity at Logic Low Output7 Refresh Rate Input Dynamic Supply Current, per Channel8 Output Dynamic Supply Current, per Channel8
1
Symbol PW tPHL, tPLH PWD tPSK tPSKCD tPSKOD tR/tF PW tPHL, tPLH PWD tPSK tPSKCD tPSKOD tR/tF |CMH| |CML| fr IDDI (D) IDDO (D)
Min
Typ
Max 100
Unit ns Mbps ns ns ps/C ns ns ns ns
Test Conditions CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels VIx = VDD1, VDD2, VCM = 1000 V, transient magnitude = 800 V VIx = 0 V, VCM = 1000 V, transient magnitude = 800 V
10 20 5
60 3 22 3 22 3.0 20 50 40 55 3 5 16 3 16 3.0
25 20
ns Mbps ns ns ps/C ns ns ns ns kV/s kV/s Mbps mA/Mbps mA/Mbps
25 25
35 35 1.1 0.10 0.03
The supply current values for both channels are combined when running at identical data rates. Output supply current values are specified with no output load present. The supply current associated with an individual channel operating at a given data rate may be calculated as described in the Power Consumption section. See Figure 6 through Figure 8 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See Figure 9 through Figure 11 for total IDD1 and IDD2 supply currents as a function of data rate for ADuM3200 and ADuM3201 channel configurations. 2 The minimum pulse width is the shortest pulse width at which the specified pulse-width distortion is guaranteed. 3 The maximum data rate is the fastest data rate at which the specified pulse-width distortion is guaranteed. 4 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal. 5 tPSK is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the recommended operating conditions. 6 Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier. Opposing directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier. 7 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient magnitude is the range over which the common mode is slewed. 8 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in the signal data rate. See Figure 6 through Figure 8 for information on per-channel supply current for unloaded and loaded conditions. See the Power Consumption section for guidance on calculating per-channel supply current for a given data rate.
Rev. 0 | Page 6 of 20
ADuM3200/ADuM3201
ELECTRICAL CHARACTERISTICS--MIXED 5 V/3 V OR 3 V/5 V OPERATION
All voltages are relative to their respective ground. 5 V/3 V operation: 4.5 V VDD1 5.5 V, 2.7 V VDD2 3.6 V. 3 V/5 V operation: 2.7 V VDD1 3.6 V, 4.5 V VDD2 5.5 V. All minimum/maximum specifications apply over the entire recommended operating range, unless otherwise noted. All typical specifications are at TA = 25C; VDD1 = 3.0 V, VDD2 = 5.0 V; or VDD1 = 5.0 V, VDD2 = 3.0 V. Table 3.
Parameter DC SPECIFICATIONS Input Supply Current, per Channel, Quiescent 5 V/3 V Operation 3 V/5 V Operation Output Supply Current, per Channel, Quiescent 5 V/3 V Operation 3 V/5 V Operation ADuM3200, Total Supply Current, Two Channels 1 DC to 2 Mbps VDD1 Supply Current 5 V/3 V Operation 3 V/5 V Operation VDD2 Supply Current 5 V/3 V Operation 3 V/5 V Operation 10 Mbps (BR and CR Grades Only) VDD1 Supply Current 5 V/3 V Operation 3 V/5 V Operation VDD2 Supply Current 5 V/3 V Operation 3 V/5 V Operation 25 Mbps (CR Grade Only) VDD1 Supply Current 5 V/3 V Operation 3 V/5 V Operation VDD2 Supply Current 5 V/3 V Operation 3 V/5 V Operation ADuM3201, Total Supply Current, Two Channels1 DC to 2 Mbps VDD1 Supply Current 5 V/3 V Operation 3 V/5 V Operation VDD2 Supply Current 5 V/3 V Operation 3 V/5 V Operation 10 Mbps (BR and CR Grades Only) VDD1 Supply Current 5 V/3 V Operation 3 V/5 V Operation VDD2 Supply Current 5 V/3 V Operation 3 V/5 V Operation Symbol IDDI (Q) 0.4 0.3 IDDO (Q) 0.3 0.5 0.5 0.6 mA mA 0.8 0.5 mA mA Min Typ Max Unit Test Conditions
IDD1 (Q) 1.3 0.8 IDD2 (Q) 0.7 1.0 IDD1 (10) 3.5 2.0 IDD2 (10) 1.1 1.7 IDD1 (25) 7.7 4.3 IDD2 (25) 1.8 3.1 2.4 3.9 mA mA 12.5 MHz logic signal freq. 12.5 MHz logic signal freq. 10.0 6.4 mA mA 12.5 MHz logic signal freq. 12.5 MHz logic signal freq. 1.7 2.8 mA mA 5 MHz logic signal freq. 5 MHz logic signal freq. 4.6 3.2 mA mA 5 MHz logic signal freq. 5 MHz logic signal freq. 1.0 1.6 mA mA DC to 1 MHz logic signal freq. DC to 1 MHz logic signal freq. 1.7 1.3 mA mA DC to 1 MHz logic signal freq. DC to 1 MHz logic signal freq.
IDD1 (Q) 1.1 0.7 IDD2 (Q) 0.8 1.3 IDD1 (10) 2.6 1.5 IDD2 (10) 1.9 3.1 2.4 4.0 mA mA 5 MHz logic signal freq. 5 MHz logic signal freq. 3.4 2.1 mA mA 5 MHz logic signal freq. 5 MHz logic signal freq. 1.6 1.8 mA mA DC to 1 MHz logic signal freq. DC to 1 MHz logic signal freq. 1.5 1.3 mA mA DC to 1 MHz logic signal freq. DC to 1 MHz logic signal freq.
Rev. 0 | Page 7 of 20
ADuM3200/ADuM3201
Parameter 25 Mbps (CR Grade Only) VDD1 Supply Current 5 V/3 V Operation 3 V/5 V Operation VDD2 Supply Current 5 V/3 V Operation 3 V/5 V Operation For All Models Input Currents Logic High Input Threshold Logic Low Input Threshold 5 V/3 V Operation 3 V/5 V Operation Logic High Output Voltages Symbol IDD1 (25) 5.3 3.0 IDD2 (25) 3.6 6.4 IIA, IIB VIH VIL 0.8 0.4 VDD1, VDD2 - 0.1 VDD1, VDD2 - 0.5 -10 0.7 VDD1, VDD2 +0.01 5.1 8.3 +10 mA mA A V V V V V V 0.1 0.1 0.4 V V V 12.5 MHz logic signal freq. 12.5 MHz logic signal freq. 0 VIA, VIB VDD1 or VDD2 6.8 4.2 mA mA 12.5 MHz logic signal freq. 12.5 MHz logic signal freq. Min Typ Max Unit Test Conditions
0.3 VDD1, VDD2
VOAH, VOBH
Logic Low Output Voltages
VOAL, VOBL
VDD1, VDD2 VDD1, VDD2 - 0.2 0.0 0.04 0.2
IOx = -20 A, VIx = VIxH IOx = -4 mA, VIx = VIxH IOx = 20 A, VIx = VIxL IOx = 400 A, VIx = VIxL IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS ADuM320xAR Minimum Pulse Width 2 Maximum Data Rate 3 Propagation Delay 4 Pulse-Width Distortion, |tPLH - tPHL|4 Propagation Delay Skew 5 Channel-to-Channel Matching 6 Output Rise/Fall Time (10% to 90%) ADuM320xBR Minimum Pulse Width2 Maximum Data Rate3 Propagation Delay4 Pulse-Width Distortion, |tPLH - tPHL|4 Change vs. Temperature Propagation Delay Skew5 Channel-to-Channel Matching, Codirectional Channels6 Channel-to-Channel Matching, Opposing Directional Channels6 Output Rise/Fall Time (10% to 90%) 5 V/3 V Operation 3 V/5 V Operation
PW tPHL, tPLH PWD tPSK tPSKCD/OD tR/tF PW tPHL, tPLH PWD tPSK tPSKCD tPSKOD tR/tf 3.0 2.5 10 15 5 1 15
1000 150 40 50 50 10 100 55 3 22 3 22
ns Mbps ns ns ns ns ns ns Mbps ns ns ps/C ns ns ns
CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels
ns ns
CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels
Rev. 0 | Page 8 of 20
ADuM3200/ADuM3201
Parameter ADuM320xCR Minimum Pulse Width2 Maximum Data Rate3 Propagation Delay4 Pulse-Width Distortion, |tPLH - tPHL|4 Change vs. Temperature Propagation Delay Skew5 Channel-to-Channel Matching, Codirectional Channels6 Channel-to-Channel Matching, Opposing Directional Channels6 Output Rise/Fall Time (10% to 90%) 5 V/3 V Operation 3 V/5 V Operation For All Models Common-Mode Transient Immunity at Logic High Output 7 Common-Mode Transient Immunity at Logic Low Output7 Refresh Rate 5 V/3 V Operation 3 V/5 V Operation Input Dynamic Supply Current, per Channel 8 5 V/3 V Operation 3 V/5 V Operation Output Dynamic Supply Current, per Channel8 5 V/3 V Operation 3 V/5 V Operation
1
Symbol PW tPHL, tPLH PWD tPSK tPSKCD tPSKOD tR/tf
Min
Typ 20 50
Max 40 50 3
Unit ns Mbps ns ns ps/C ns ns ns
Test Conditions CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels
25 20
5 15 3 15
3.0 2.5 |CMH| |CML| fr 1.2 1.1 IDDI (D) 0.19 0.10 IDDO (D) 0.03 0.05 25 25 35 35
ns ns kV/s kV/s
CL = 15 pF, CMOS signal levels CL = 15 pF, CMOS signal levels VIx = VDD1, VDD2, VCM = 1000 V, transient magnitude = 800 V VIx = 0 V, VCM = 1000 V, transient magnitude = 800 V
Mbps Mbps
mA/Mbps mA/Mbps
mA/Mbps mA/Mbps
The supply current values for both channels are combined when running at identical data rates. Output supply current values are specified with no output load present. The supply current associated with an individual channel operating at a given data rate may be calculated as described in the Power Consumption section. See Figure 6 through Figure 8 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See Figure 9 through Figure 11 for total IDD1 and IDD2 supply currents as a function of data rate for ADuM3200 and ADuM3201 channel configurations. 2 The minimum pulse width is the shortest pulse width at which the specified pulse-width distortion is guaranteed. 3 The maximum data rate is the fastest data rate at which the specified pulse-width distortion is guaranteed. 4 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal. 5 tPSK is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the recommended operating conditions. 6 Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier. Opposing directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier. 7 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient magnitude is the range over which the common mode is slewed. 8 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in the signal data rate. See Figure 6 through Figure 8 for information on per-channel supply current for unloaded and loaded conditions. See the Power Consumption section for guidance on calculating per-channel supply current for a given data rate.
Rev. 0 | Page 9 of 20
ADuM3200/ADuM3201
PACKAGE CHARACTERISTICS
Table 4.
Parameter Resistance (Input to Output) 1 Capacitance (Input to Output)1 Input Capacitance IC Junction-to-Case Thermal Resistance, Side 1 IC Junction-to-Case Thermal Resistance, Side 2
1
Symbol RI-O CI-O CI JCI JCO
Min
Typ 1012 1.0 4.0 46 41
Max
Unit pF pF C/W C/W
Test Conditions f = 1 MHz Thermocouple located at center of package underside
The device is considered a 2-terminal device; Pin 1, Pin 2, Pin 3, and Pin 4 are shorted together, and Pin 5, Pin 6, Pin 7, and Pin 8 are shorted together.
REGULATORY INFORMATION
The ADuM3200/ADuM3201 is approved by the following organizations. Table 5.
UL Recognized under 1577 Component Recognition Program 1 2500 V rms isolation voltage File E214100
1 2
CSA Approved under CSA Component Acceptance Notice #5A File 205078
VDE Certified according to DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01 2 Basic insulation, 560 V peak File 2471900-4880-0001
In accordance with UL1577, each ADuM320x is proof-tested by applying an insulation test voltage 3000 V rms for 1 second (current leakage detection limit = 5 A). In accordance with DIN EN 60747-5-2, each ADuM320x is proof-tested by applying an insulation test voltage 1050 V peak for 1 second (partial discharge detection limit = 5 pC).
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 6.
Parameter Rated Dielectric Insulation Voltage Minimum External Air Gap (Clearance) Minimum External Tracking (Creepage) Minimum Internal Gap (Internal Clearance) Tracking Resistance (Comparative Tracking Index) Isolation Group Symbol L(I01) L(I02) Value 2500 4.90 min 4.01 min 0.017 min >175 IIIa Unit V rms mm mm mm V Conditions 1-minute duration Measured from input terminals to output terminals, shortest distance through air Measured from input terminals to output terminals, shortest distance path along body Insulation distance through insulation DIN IEC 112/VDE 0303 Part 1 Material Group (DIN VDE 0110, 1/89, Table 1)
CTI
Rev. 0 | Page 10 of 20
ADuM3200/ADuM3201
DIN EN 60747-5-2 (VDE 0884 PART 2) INSULATION CHARACTERISTICS
Table 7.
Description Installation Classification Per DIN VDE 0110 For Rated Mains Voltage 150 V rms For Rated Mains Voltage 300 V rms For Rated Mains Voltage 400 V rms Climatic Classification Pollution Degree (DIN VDE 0110, Table 1) Maximum Working Insulation Voltage Input-to-Output Test Voltage, Method b1 VIORM x 1.875 = VPR, 100% Production Test, tm = 1 sec, Partial Discharge < 5 pC Input-to-Output Test Voltage, Method a After Environmental Tests Subgroup 1 VIORM x 1.6 = VPR, tm = 60 sec, Partial Discharge < 5 pC After Input and/or Safety Test Subgroup 2/3 VIORM x 1.2 = VPR, tm = 60 sec, Partial Discharge < 5 pC Highest Allowable Overvoltage (Transient Overvoltage, tTR = 10 sec) Safety-Limiting Values (Maximum Value Allowed in the Event of a Failure; also See Figure 3) Case Temperature Side 1 Current Side 2 Current Insulation Resistance at TS, VIO = 500 V Symbol Characteristic I-IV I-III I-II 40/105/21 2 560 1050 Unit
VIORM VPR VPR
V peak V peak
896 672 4000 150 160 170 >109
V peak V peak V peak C mA mA
VTR TS IS1 IS2 RS
Note that the "*" marking on the package denotes DIN EN 60747-5-2 approval for a 560 V peak working voltage. This isolator is suitable for basic isolation only within the safety limit data. Maintenance of the safety data is ensured by protective circuits.
200 180
RECOMMENDED OPERATING CONDITIONS
Table 8.
SIDE #1 SIDE #2
SAFETY-LIMITING CURRENT (mA)
160 140 120 100 80 60 40 20 0 50 100 150 CASE TEMPERATURE (C) 200
05927-003
Parameter Operating Temperature Supply Voltages 1 Input Signal Rise and Fall Times
1
Symbol TA VDD1, VDD2
Min -40 2.7
Max +105 5.5 1.0
Unit C V ms
All voltages are relative to their respective ground. See the DC Correctness and Magnetic Field Immunity section for information on immunity to external magnetic fields.
0
Figure 3. Thermal Derating Curve, Dependence of SafetyLimiting Values on Case Temperature, per DIN EN 60747-5-2
Rev. 0 | Page 11 of 20
ADuM3200/ADuM3201 ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25C, unless otherwise noted. Table 9.
Parameter Storage Temperature Ambient Operating Temperature Supply Voltages 1 Input Voltage1, 2 Output Voltage1, 2 Average Output Current, per Pin 3 Common-Mode Transients 4
1 2
Symbol TST TA VDD1, VDD2 VIA, VIB VOA, VOB IO CMH, CML
Min -55 -40 -0.5 -0.5 -0.5 -35 -100
Max +150 +105 +7.0 VDDI + 0.5 VDDO + 0.5 +35 +100
Unit C C V V V mA kV/s
All voltages are relative to their respective ground. VDDI and VDDO refer to the supply voltages on the input and output sides of a given channel, respectively. 3 See Figure 3 for maximum rated current values for various temperatures. 4 Refers to common-mode transients across the insulation barrier. Common-mode transients exceeding the Absolute Maximum Rating can cause latch-up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; Functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Table 10. ADuM3200 Truth Table (Positive Logic)
VIA Input H L H L X X VIB Input H L L H X X VDD1 State Powered Powered Powered Powered Unpowered Powered VDD2 State Powered Powered Powered Powered Powered Unpowered VOA Output H L H L H Indeterminate VOB Output H L L H H Indeterminate Notes
Outputs return to the input state within 1 s of VDDI power restoration. Outputs return to the input state within 1 s of VDDO power restoration.
Table 11. ADuM3201 Truth Table (Positive Logic)
VIA Input H L H L X X VIB Input H L L H X X VDD1 State Powered Powered Powered Powered Unpowered Powered VDD2 State Powered Powered Powered Powered Powered Unpowered VOA Output H L H L Indeterminate H VOB Output H L L H H Indeterminate Notes
Outputs return to the input state within 1 s of VDDI power restoration. Outputs return to the input state within 1 s of VDDO power restoration.
Rev. 0 | Page 12 of 20
ADuM3200/ADuM3201 PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD1 1 VIA 2 VIB 3
8
VDD2 VOA
05927-004
VDD1 1 VOA 2 VIB 3
8
VDD2 VIA
05927-005
ADuM3200
7
ADuM3201
7
6 VOB TOP VIEW GND1 4 (Not to Scale) 5 GND2
6 VOB TOP VIEW GND1 4 (Not to Scale) 5 GND2
Figure 4. ADuM3200 Pin Configuration
Figure 5. ADuM3201 Pin Configuration
Table 12. ADuM3200 Pin Function Descriptions
Pin No. 1 2 3 4 5 6 7 8 Mnemonic VDD1 VIA VIB GND1 GND2 VOB VOA VDD2 Function Supply Voltage for Isolator Side 1, 2.7 V to 5.5 V. Logic Input A. Logic Input B. Ground 1. Ground reference for Isolator Side 1. Ground 2. Ground reference for Isolator Side 2. Logic Output B. Logic Output A. Supply Voltage for Isolator Side 2, 2.7 V to 5.5 V.
Table 13. ADuM3201 Pin Function Descriptions
Pin No. 1 2 3 4 5 6 7 8 Mnemonic VDD1 VOA VIB GND1 GND2 VOB VIA VDD2 Function Supply Voltage for Isolator Side 1, 2.7 V to 5.5 V. Logic Output A. Logic Input B. Ground 1. Ground reference for Isolator Side 1. Ground 2. Ground reference for Isolator Side 2. Logic Output B. Logic Input A. Supply Voltage for Isolator Side 2, 2.7 V to 5.5 V.
Rev. 0 | Page 13 of 20
ADuM3200/ADuM3201 TYPICAL PERFORMANCE CHARACTERISTICS
10
20
8
CURRENT/CHANNEL (mA)
15
CURRENT (mA)
6
10
4 5V
5V 5
2
3V
3V
05927-006
0
10 20 DATA RATE (Mbps)
30
0
10 20 DATA RATE (Mbps)
30
Figure 6. Typical Input Supply Current per Channel vs. Data Rate for 5 V and 3 V Operation
4
4
Figure 9. Typical ADuM3200 VDD1 Supply Current vs. Data Rate for 5 V and 3 V Operation
CURRENT/CHANNEL (mA)
3
3
2 5V 1 3V
05927-007
CURRENT (mA)
5V 2
3V 1
0
10 20 DATA RATE (Mbps)
30
0
10 20 DATA RATE (Mbps)
30
Figure 7. Typical Output Supply Current per Channel vs. Data Rate for 5 V and 3 V Operation (No Output Load)
4
10
Figure 10. Typical ADuM3200 VDD2 Supply Current vs. Data Rate for 5 V and 3 V Operation
8
CURRENT/CHANNEL (mA)
3
CURRENT (mA)
6
2 5V
4 5V
1 3V
2 3V
05927-008 05927-011
0 0 10 20 DATA RATE (Mbps) 30
0 0 10 20 DATA RATE (Mbps) 30
Figure 8. Typical Output Supply Current per Channel vs. Data Rate for 5 V and 3 V Operation (15 pF Output Load)
Figure 11. Typical ADuM3201 VDD1 or VDD2 Supply Current vs. Data Rate for 5 V and 3 V Operation
Rev. 0 | Page 14 of 20
05927-010
0
0
05927-009
0
0
ADuM3200/ADuM3201 APPLICATION INFORMATION
PC BOARD LAYOUT
The ADuM320x digital isolators require no external interface circuitry for the logic interfaces. Power supply bypassing is strongly recommended at the input and output supply pins. The capacitor value should be between 0.01 F and 0.1 F. The total lead length between both ends of the capacitor and the input power supply pin should not exceed 20 mm. Channel-to-channel matching refers to the maximum amount that the propagation delay differs between channels within a single ADuM320x component. Propagation delay skew refers to the maximum amount that the propagation delay differs between multiple ADuM320x components operating under the same conditions.
SYSTEM-LEVEL ESD CONSIDERATIONS AND ENHANCEMENTS
System-level ESD reliability (for example, per IEC 61000-4-x) is highly dependent on system design which varies widely by application. The ADuM320x incorporate many enhancements to make ESD reliability less dependent on system design. The enhancements include: * ESD protection cells added to all input/output interfaces. * Key metal trace resistances reduced using wider geometry and paralleling of lines with vias. * The SCR effect inherent in CMOS devices minimized by use of guarding and isolation technique between PMOS and NMOS devices. * Areas of high electric field concentration eliminated using 45 corners on metal traces. * Supply pin overvoltage prevented with larger ESD clamps between each supply pin and its respective ground. While the ADuM320x improve system-level ESD reliability, they are no substitute for a robust system-level design. See Application Note AN-793, ESD/Latch-Up Considerations with iCoupler Isolation Products for detailed recommendations on board layout and system-level design.
DC CORRECTNESS AND MAGNETIC FIELD IMMUNITY
Positive and negative logic transitions at the isolator input cause narrow (~1 ns) pulses to be sent to the decoder via the transformer. The decoder is bistable and is therefore either set or reset by the pulses, indicating input logic transitions. In the absence of logic transitions of more than 2 s at the input, a periodic set of refresh pulses indicative of the correct input state are sent to ensure dc correctness at the output. If the decoder receives no internal pulses for more than about 5 s, the input side is assumed to be unpowered or nonfunctional, in which case, the isolator output is forced to a default state (see Table 8) by the watchdog timer circuit. The ADuM320x are extremely immune to external magnetic fields. The limitation on the ADuM320x's magnetic field immunity is set by the condition in which induced voltage in the transformer's receiving coil is sufficiently large to either falsely set or reset the decoder. The following analysis defines the conditions under which this can occur. The 3 V operating condition of the ADuM320x is examined because it represents the most susceptible mode of operation. The pulses at the transformer output have an amplitude greater than 1.0 V. The decoder has a sensing threshold at about 0.5 V, therefore establishing a 0.5 V margin in which induced voltages can be tolerated. The voltage induced across the receiving coil is given by V = (-d/dt) rn2, n = 1, 2, . . . , N where: is the magnetic flux density (gauss). N is the number of turns in the receiving coil. rn is the radius of the nth turn in the receiving coil (cm). Given the geometry of the receiving coil in the ADuM320x and an imposed requirement that the induced voltage be at most 50% of the 0.5 V margin at the decoder, a maximum allowable magnetic field is calculated, as shown in Figure 13.
PROPAGATION DELAY-RELATED PARAMETERS
Propagation delay is a parameter that describes the time it takes a logic signal to propagate through a component. The propagation delay to a logic low output can differ from the propagation delay to a logic high.
INPUT (VIX) 50%
tPLH
OUTPUT (VOX)
tPHL
50%
05927-012
Figure 12. Propagation Delay Parameters
Pulse-width distortion is the maximum difference between these two propagation delay values and is an indication of how accurately the input signal's timing is preserved.
Rev. 0 | Page 15 of 20
ADuM3200/ADuM3201
100
MAXIMUM ALLOWABLE MAGNETIC FLUX DENSITY (kgauss)
10
1
Note that at combinations of strong magnetic fields and high frequencies, any loops formed by printed circuit board traces could induce sufficiently large error voltages to trigger the threshold of succeeding circuitry. Care should be taken in the layout of such traces to avoid this possibility.
POWER CONSUMPTION
0.1
0.01
The supply current at a given channel of the ADuM320x isolator is a function of the supply voltage, the channel's data rate, and the channel's output load. For each input channel, the supply current is given by
10k 100k 1M 10M MAGNETIC FIELD FREQUENCY (Hz) 100M
05927-013
0.001 1k
IDDI = IDDI (Q) IDDI = IDDI (D) x (2f - fr) + IDDI (Q)
f 0.5fr f > 0.5fr
Figure 13. Maximum Allowable External Magnetic Flux Density
For example, at a magnetic field frequency of 1 MHz, the maximum allowable magnetic field of 0.2 kgauss induces a voltage of 0.25 V at the receiving coil. This is about 50% of the sensing threshold and does not cause a faulty output transition. Similarly, if such an event were to occur during a transmitted pulse (and had the worst-case polarity), it would reduce the received pulse from >1.0 V to 0.75 V--still well above the 0.5 V sensing threshold of the decoder. The preceding magnetic flux density values correspond to specific current magnitudes at given distances away from the ADuM320x transformers. Figure 14 expresses these allowable current magnitudes as a function of frequency for selected distances. As seen, the ADuM320x are extremely immune and can be affected only by extremely large currents operated at high frequency and very close to the component. For the 1 MHz example, one would have to place a 0.5 kA current 5 mm away from the ADuM320x to affect the component's operation.
1000
MAXIMUM ALLOWABLE CURRENT (kA)
for each output channel, the supply current is given by IDDO = IDDO (Q)
-3
f 0.5fr
IDDO = (IDDO (D) + (0.5 x 10 ) x CLVDDO) x (2f - fr) + IDDO (Q) f > 0.5fr where: IDDI (D), IDDO (D) are the input and output dynamic supply currents per channel (mA/Mbps). CL is the output load capacitance (pF). VDDO is the output supply voltage (V). f is the input logic signal frequency (MHz, half of the input data rate, NRZ signaling). fr is the input stage refresh rate (Mbps). IDDI (Q), IDDO (Q) are the specified input and output quiescent supply currents (mA). To calculate the total IDD1 and IDD2 supply current, the supply currents for each input and output channel corresponding to IDD1 and IDD2 are calculated and totaled. Figure 6 provides perchannel input supply currents as a function of data rate. Figure 7 and Figure 8 provide per-channel output supply currents as a function of data rate for an unloaded output condition and for a 15 pF output condition, respectively. Figure 9 through Figure 11 provide total IDD1 and IDD2 supply current as a function of data rate for ADuM3200 and ADuM3201 channel configurations.
DISTANCE = 1m 100
10 DISTANCE = 100mm 1 DISTANCE = 5mm 0.1
1k
10k
100k
1M
10M
100M
MAGNETIC FIELD FREQUENCY (Hz)
Figure 14. Maximum Allowable Current for Various Current-to-ADuM320x Spacings
Rev. 0 | Page 16 of 20
05927-014
0.01
ADuM3200/ADuM3201 OUTLINE DIMENSIONS
5.00 (0.1968) 4.80 (0.1890)
8 5
4.00 (0.1574) 3.80 (0.1497) 1
6.20 (0.2440)
4 5.80 (0.2284)
1.27 (0.0500) BSC 0.25 (0.0098) 0.10 (0.0040)
1.75 (0.0688) 1.35 (0.0532)
0.50 (0.0196) x 45 0.25 (0.0099)
0.51 (0.0201) COPLANARITY SEATING 0.31 (0.0122) 0.10 PLANE
8 0.25 (0.0098) 0 1.27 (0.0500) 0.40 (0.0157) 0.17 (0.0067)
COMPLIANT TO JEDEC STANDARDS MS-012-AA CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
Figure 15. 8-Lead Standard Small Outline Package [SOIC_N] Narrow Body (R-8) Dimensions shown in millimeters (inches)
ORDERING GUIDE
Model ADuM3200ARZ 2 ADuM3200ARZ-RL72 ADuM3200BRZ2 ADuM3200BRZ-RL72 ADuM3200CRZ2 ADuM3200CRZ-RL72 ADuM3201ARZ2 ADuM3201ARZ-RL72 ADuM3201BRZ2 ADuM3201BRZ-RL72 ADuM3201CRZ2 ADUM3201CRZ-RL72
1 2
Number of Inputs, VDD1 Side 2 2 2 2 2 2 1 1 1 1 1 1
Number of Inputs, VDD2 Side 0 0 0 0 0 0 1 1 1 1 1 1
Maximum Data Rate (Mbps) 1 1 10 10 25 25 1 1 10 10 25 25
Maximum Propagation Delay, 5 V (ns) 150 150 50 50 45 45 150 150 50 50 45 45
Maximum Pulse-Width Distortion (ns) 40 40 3 3 3 3 40 40 3 3 3 3
Temperature Range (C) -40 to +105 -40 to +105 -40 to +105 -40 to +105 -40 to +105 -40 to +105 -40 to +105 -40 to +105 -40 to +105 -40 to +105 -40 to +105 -40 to +105
Package Option 1 R-8 R-8 R-8 R-8 R-8 R-8 R-8 R-8 R-8 R-8 R-8 R-8
R-8 = 8-lead narrow body SOIC_N. Z = Pb-free part.
Rev. 0 | Page 17 of 20
ADuM3200/ADuM3201 NOTES
Rev. 0 | Page 18 of 20
ADuM3200/ADuM3201 NOTES
Rev. 0 | Page 19 of 20
ADuM3200/ADuM3201 NOTES
(c)2006 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D05927-0-7/06(0)
T T
Rev. 0 | Page 20 of 20


▲Up To Search▲   

 
Price & Availability of ADUM3201CRZ-RL7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X