Part Number Hot Search : 
02SSL30L 15KPA 1414397 MPW1031 02SSL30L A6259N B056RC4S TS106RS
Product Description
Full Text Search
 

To Download ADCMP670-1AUJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
Low Quiescent Current: 6.5A Typ Supply Range: 1.7V to 5.5V 400mV Reference 0.8% Accuracy Over Temperature Input Range Includes Ground Internal Hysteresis: 6.5mV Typ Low Input Bias Current: 10nA Max 40mA Typical Output Sink Current Supports Wired-AND Connections Input Polarities: One inverting and one noninverting Low Profile (1mm) TSOT Package
Dual Comparators with 400mV Reference ADCMP670
FUNCTIONAL BLOCK DIAGRAM
VCC
ADCMP670-1
+INA OUTA
400mV OUTB -INB
APPLICATIONS
Battery-Powered System Monitoring Threshold Detectors Window Comparators Relay Driving Optoisolator Driving Industrial Control Systems Handheld Instruments
GND
Figure 1.
GENERAL DESCRIPTION
The ADCMP670 combine two low power, low voltage comparators with a 400mV reference in the 6-lead TSOT package. Operating within a supply range of 1.7V to 5.5V, the devices only draw 6.5A typical, making them ideal for low voltage system monitoring and portable applications. Hysteresis is included in the comparators to insure stable output operation. Each comparator has only one input available externally, the other inputs are connected internally to the reference. The comparator outputs are open collector and the output load can be referred to any voltage up to supply voltage. The output stage sinking capability guaranteed greater than 5mA over temperature. The ADCMP670 has one inverting input and one noninverting input, making it suitable for use as a window comparator. Available in commercial, industrial and automotive temperature ranges.
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2006 Analog Devices, Inc. All rights reserved.
ADCMP670 TABLE OF CONTENTS
Specifications..................................................................................... 3 Absolute Maximum Ratings............................................................ 5 ESD Caution.................................................................................. 5 Pin Configuration and Function Descriptions............................. 6 Typical Performance Characteristics ............................................. 7
Preliminary Technical Data
Applications INFORMATION ..................................................... 12 Comparators and Internal reference........................................ 12 Adding Hysteresis....................................................................... 12 Outline Dimensions ....................................................................... 13 Ordering Guide .......................................................................... 13
REVISION HISTORY
Rev. PrB | Page 2 of 14
Preliminary Technical Data
SPECIFICATIONS
Table 1. VCC = 1.7V to 5.5V, TA = 25C , unless otherwise noted.
Parameter Rising Input Threshold Voltage Falling Input Threshold Voltage Hysteresis = VTH(R) - VTH(F) Input Bias Current Output Low Voltage Output Leakage Current High-to-Low Propagation Delay Low-to-High Propagation Delay Output Rise time Output Fall time Supply Current Min TBD TBD TBD TBD TBD Typ 400 400 393.5 393.5 6.5 0.01 4 60 70 0.01 0.01 29 18 2.2 0.22 TBD TBD Max TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD Unit mV mV mV mV mV nA nA mV mV A A s s s s A A
ADCMP670
Test Conditions/Comments Vs = 1.7V, Note1 Vs = 5V, Note1 Vs = 1.7V, Note1 Vs = 5V, Note1 Note1 Vs = 1.7V, Vin = Vs Vs = 1.7V, Vin = 0.1V Vs = 1.7V, Iout = 3mA, Note2 Vs = 5V, Iout = 5mA, Note2 Vs=1.7V, Vout = Vs, Note3 Vs=1.7V, Vout = 5.5V, Note3 Vs = 5V, Vol = 400mV, Note2,4 Vs = 5V, Voh = 0.9 X Vs, Note2,4 Vs = 5V, Vo = (0.1 to 0.9) X Vs, Note2,4 Vs = 5V, Vo = (0.1 to 0.9) X Vs, Note2,4 Vs = 1.7V Vs = 5.5V
Table 2 VCC = 1.7V to 5.5V, 0C TA 70C , unless otherwise noted.
Parameter Rising Input Threshold Voltage Falling Input Threshold Voltage Hysteresis = VTH(R) - VTH(F) Input Bias Current Output Low Voltage Output Leakage Current Supply Current Min TBD TBD TBD TBD TBD Typ Max TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD Unit mV mV mV mV mV nA nA mV mV A A A A Test Conditions/Comments Vs = 1.7V, Note1 Vs = 5V, Note1 Vs = 1.7V, Note1 Vs = 5V, Note1 Note1 Vs = 1.7V, Vin = Vs Vs = 1.7V, Vin = 0.1V Vs = 1.7V, Iout = 3mA, Note2 Vs = 5V, Iout = 5mA, Note2 Vs=1.7V, Vout = Vs, Note3 Vs=1.7V, Vout = 5.5V, Note3 Vs = 1.7V Vs = 5.5V
Rev. PrB | Page 3 of 14
ADCMP670
Table 3 VCC = 1.7V to 5.5V, -40C TA 85C , unless otherwise noted.
Parameter Rising Input Threshold Voltage Falling Input Threshold Voltage Hysteresis = VTH(R) - VTH(F) Input Bias Current Output Low Voltage Output Leakage Current Supply Current Min TBD TBD TBD TBD TBD Typ Max TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD
Preliminary Technical Data
Unit mV mV mV mV mV nA nA mV mV A A A A
Test Conditions/Comments Vs = 1.7V, Note1 Vs = 5V, Note1 Vs = 1.7V, Note1 Vs = 5V, Note1 Note1 Vs = 1.7V, Vin = Vs Vs = 1.7V, Vin = 0.1V Vs = 1.7V, Iout = 3mA, Note2 Vs = 5V, Iout = 5mA, Note2 Vs=1.7V, Vout = Vs, Note3 Vs=1.7V, Vout = 5.5V, Note3 Vs = 1.7V Vs = 5.5V
Table 4 VCC = 1.7V to 5.5V, -40C TA 125C , unless otherwise noted.
Parameter Rising Input Threshold Voltage Falling Input Threshold Voltage Hysteresis = VTH(R) - VTH(F) Input Bias Current Output Low Voltage Output Leakage Current Supply Current Min TBD TBD TBD TBD TBD Typ Max TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD Unit mV mV mV mV mV nA nA mV mV A A A A Test Conditions/Comments Vs = 1.7V, Note1 Vs = 5V, Note1 Vs = 1.7V, Note1 Vs = 5V, Note1 Note1 Vs = 1.7V, Vin = Vs Vs = 1.7V, Vin = 0.1V Vs = 1.7V, Iout = 3mA, Note2 Vs = 5V, Iout = 5mA, Note2 Vs=1.7V, Vout = Vs, Note3 Vs=1.7V, Vout = 5.5V, Note3 Vs = 1.7V Vs = 5.5V
Note1: RL=100K, VO=2V Swing Note2: 10mV input overdrive Note3: Vin = 40mV overdrive Note4: RL=10K Note5: No load
Rev. PrB | Page 4 of 14
Preliminary Technical Data
ABSOLUTE MAXIMUM RATINGS
TA = 25C, unless otherwise noted. Table 5.
Parameter Vs INx OUTx Operating Temperature Range Storage Temperature Range JA Thermal Impedance, SC70 Lead Temperature Soldering (10 sec) Vapor Phase (60 sec) Infrared (15 sec) Rating -0.3V to +6V -0.3V to +6V -0.3V to +6V -40C to +125C -65C to +150C 146C/W 300C 215C 220C
ADCMP670
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. PrB | Page 5 of 14
ADCMP670 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
OUTA 1 GND +INA 6 OUTB Vs -INB
Preliminary Technical Data
2 ADCMP670-1 5 3 4
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No. 1 2 3 4 5 6 Mnemonic OUTA GND +INA -INB Vs OUTB Description Open Drain Output for comparator A. Capable of sinking up to 40mA of current. Ground. Monitors Analog Input Voltage on comparator A. Connected to noninverting input. The other input of comparator A is connected to a 400mV reference. Monitors Analog Input Voltage on comparator B. Connected to inverting input. The other input of comparator B is connected to a 400mV reference. Power Supply. Operates from 1.7V to 5.5V. Open Drain Output for comparator B. Capable of sinking up to 40mA of current.
Rev. PrB | Page 6 of 14
Preliminary Technical Data
TYPICAL PERFORMANCE CHARACTERISTICS
ADCMP670
Figure 3. Distribution of Rising Input Threshold Voltage
Figure 6. Distribution of Falling Input Threshold Voltage
Figure 4. Distribution of Hysteresis
Figure 7. Rising Input Threshold Voltage vs Temperature
Figure 5.Rising Input Threshold Voltage vs Temperature
Figure 8.Rising Input Threshold Voltage vs Supply Voltage
Rev. PrB | Page 7 of 14
ADCMP670
Preliminary Technical Data
Figure 9. Hysteresis vs Temperature
Figure 12. Hysteresis vs Temperature
Figure 10. Hysteresis vs Supply Voltage
Figure 13. Minimum Supply Voltage
Figure 11. Quiescent Supply Current vs Supply Voltage
Figure 14. Startup Supply Current
Rev. PrB | Page 8 of 14
Preliminary Technical Data
ADCMP670
Figure 15. Supply Current vs Output Sink Current
Figure 18. Below Ground Input Bias Current
Figure 16 Supply Current vs Output Sink Current
Figure 19. Low Level Input Bias Current
Figure 17. Supply Current vs Output Sink Current
Figure 20 High Level Input Bias Current
Rev. PrB | Page 9 of 14
ADCMP670
Preliminary Technical Data
Figure 21. Output Saturation Voltage vs Output Sink Current
Figure 24. Output Short Circuit Current
Figure 22 Output Saturation Voltage vs Output Sink Current
Figure 25. Output Short Circuit Current
Figure 23. Output Saturation Voltage vs Output Sink Current
Figure 26. Output Leakage current
Rev. PrB | Page 10 of 14
Preliminary Technical Data
ADCMP670
Figure 27. Propagation Delay vs Input Overdrive
Figure 28.Non Inverting and Inverting comparators Propagation Delay
Figure 29. Rise and Fall Times vs Output Pullup Resistor
Rev. PrB | Page 11 of 14
ADCMP670 APPLICATIONS INFORMATION
The ADCMP670 is a dual low power comparators with a build in 400mV reference that operates from 1.7V to 5.5V. The comparators are approx 0.8% accurate with a built in hysteresis of approx 6.5mV. The outputs are open drain capable of sinking 40mA
Preliminary Technical Data
COMPARATORS AND INTERNAL REFERENCE
Each of the comparators has one input available externally, comparator A has a noninverting input and comparator B has an inverting input available. The other comparator inputs are connected internally to the 400mV reference. The rising input threshold voltage of the comparators is designed to be equal to that of the reference (i.e.400mV).
ADDING HYSTERESIS
To prevent oscillations at the output caused by noise or slowly moving signals passing the switching threshold, each comparator has built-in hysteresis of approximately 6.5mV. Positive feedback can be used to adjust hysteresis to the noninverting comparators.
Rev. PrB | Page 12 of 14
Preliminary Technical Data
OUTLINE DIMENSIONS
2 .90 BSC
ADCMP670
6
5
4
1.60 BSC
1 2 3
2 .80 BSC
PIN 1 0 .9 5 BSC 0 .9 0 0 .8 7 0 .8 4 1.9 0 BSC
1.00 MAX
0.2 2 0.0 8 10 4 0 0.60 0.45 0.30
0 .1 0 MAX
0 .50 0 .30
SEATING PLANE
Figure 2. 6-Lead TSOT Package (UJ-6)--Dimensions shown in millimeters
ORDERING GUIDE
Model ADCMP670-1AUJ Temperature Range -40C to +125C Package Description TSOT, 6 lead Branding Package Outline UJ-6
Rev. PrB | Page 13 of 14
ADCMP670
NOTES
Preliminary Technical Data
(c) 2006 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. PR06153-0-5/06(PrB)
Rev. PrB | Page 14 of 14


▲Up To Search▲   

 
Price & Availability of ADCMP670-1AUJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X