Part Number Hot Search : 
D1092 00BGXI 74HC485 SFBSX21 74F283SC H7611 HT7627 SDHD7
Product Description
Full Text Search
 

To Download ADCMP601BKSZ-REEL7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators ADCMP600/ADCMP601/ADCMP602
FEATURES
Fully specified rail to rail at VCC = 2.5 V to 5.5 V Input common-mode voltage from -0.2 V to VCC + 0.2 V Low glitch CMOS-/TTL-compatible output stage 3.5 ns propagation delay 10 mW at 3.3 V Shutdown pin Single-pin control for programmable hysteresis and latch Power supply rejection > 50 dB Improved replacement for MAX999 -40C to +125C operation
FUNCTIONAL BLOCK DIAGRAM
NONINVERTING INPUT
INVERTING INPUT
ADCMP600/ ADCMP601/ ADCMP602
Q OUTPUT
LE/HYS (EXCEPT ADCMP600)
SDN (ADCMP602 ONLY)
Figure 1.
APPLICATIONS
High speed instrumentation Clock and data signal restoration Logic level shifting or translation Pulse spectroscopy High speed line receivers Threshold detection Peak and zero-crossing detectors High speed trigger circuitry Pulse-width modulators Current/voltage-controlled oscillators Automatic test equipment (ATE)
GENERAL DESCRIPTION
The ADCMP600, ADCMP601, and ADCMP602 are very fast comparators fabricated on XFCB2, an Analog Devices, Inc. proprietary process. These comparators are exceptionally versatile and easy to use. Features include an input range from VEE - 0.5 V to VCC + 0.2 V, low noise, TTL-/CMOS-compatible output drivers, and latch inputs with adjustable hysteresis and/or shutdown inputs. The device offers 5 ns propagation delay with 10 mV overdrive on 3 mA typical supply current. A flexible power supply scheme allows the devices to operate with a single +2.5 V positive supply and a -0.5 V to +2.8 V input signal range up to a +5.5 V positive supply with a -0.5 V to +5.8 V input signal range. Split input/output supplies with no sequencing restrictions on the ADCMP602 support a wide input signal range while still allowing independent output swing control and power savings. The TTL-/CMOS-compatible output stage is designed to drive up to 5 pF with full timing specs and to degrade in a graceful and linear fashion as additional capacitance is added. The comparator input stage offers robust protection against large input overdrive, and the outputs do not phase reverse when the valid input signal range is exceeded. Latch and programmable hysteresis features are also provided with a unique single-pin control option. The ADCMP600 is available in 5-lead SC70 and SOT-23 packages, the ADCMP601 is available in a 6-lead SC70 package, and the ADCMP602 is available in an 8-lead MSOP package.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2006 Analog Devices, Inc. All rights reserved.
05914-001
ADCMP600/ADCMP601/ADCMP602 TABLE OF CONTENTS
Features .............................................................................................. 1 Applications....................................................................................... 1 Functional Block Diagram .............................................................. 1 General Description ......................................................................... 1 Revision History ............................................................................... 2 Specifications..................................................................................... 3 Electrical Characteristics............................................................. 3 Timing Information ......................................................................... 5 Absolute Maximum Ratings............................................................ 6 Thermal Resistance ...................................................................... 6 Pin Configuration and Function Descriptions............................. 7 Typical Performance Characteristics ............................................. 8 Application Information................................................................ 10 Power/Ground Layout and Bypassing..................................... 10 TTL-/CMOS-Compatible Output Stage ................................. 10 Using/Disabling the Latch Feature........................................... 10 Optimizing Performance........................................................... 11 Comparator Propagation Delay Dispersion ........................... 11 Comparator Hysteresis .............................................................. 11 Crossover Bias Point .................................................................. 12 Minimum Input Slew Rate Requirement ................................ 12 Typical Application Circuits ......................................................... 13 Outline Dimensions ....................................................................... 14 Ordering Guide .......................................................................... 14
REVISION HISTORY
10/06--Revision 0: Initial Version
Rev. 0 | Page 2 of 16
ADCMP600/ADCMP601/ADCMP602 SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VCCI = VCCO = 2.5 V, TA = 25C, unless otherwise noted. Table 1.
Parameter DC INPUT CHARACTERISTICS Voltage Range Common-Mode Range Differential Voltage Offset Voltage Bias Current Offset Current Capacitance Resistance, Differential Mode Resistance, Common Mode Active Gain Common-Mode Rejection Ratio Symbol VP, VN Conditions VCC = 2.5 V to 5.5 V VCC = 2.5 V to 5.5 V VCC = 2.5 V to 5.5 V Min -0.5 -0.2 -5.0 -5.0 -2.0 -0.1 V to VCC -0.5 V to VCC + 0.5 V AV CMRR VCCI = 2.5 V, VCCO = 2.5 V, VCM = -0.2 V to +2.7 V VCCI = 2.5 V, VCCO = 5.5 V RHYS = 200 100 50 50 2 0.1 2 2 1 700 350 85 Typ Max VCC + 0.2 VCC + 0.2 VCC + 0.8 +5.0 +5.0 +2.0 Unit V V V mV A A pF k k dB dB dB mV mV
VOS IP, IN CP, CN
Hysteresis (ADCMP600) Hysteresis (ADCMP601/ADCMP602) LATCH ENABLE PIN CHARACTERISTICS (ADCMP601/ADCMP602 Only) VIH VIL IIH IOL HYSTERESIS MODE AND TIMING (ADCMP601/ADCMP602 Only) Hysteresis Mode Bias Voltage Resistor Value Hysteresis Current Latch Setup Time Latch Hold Time Latch-to-Output Delay Latch Minimum Pulse Width SHUTDOWN PIN CHARACTERISTICS (ADCMP602 Only) VIH VIL IIH IOL Sleep Time Wake-Up Time DC OUTPUT CHARACTERISTICS Output Voltage High Level Output Voltage Low Level Output Voltage High Level at -40C Output Voltage Low Level at- 40C
Hysteresis is shut off Latch mode guaranteed VIH = VCC VIL = 0.4 V
2.0 -0.2 -6 -0.1
+0.4
VCC +0.8 +6 +0.1
V V A mA
tS tH tPLOH, tPLOL tPL
Current -1 A Hysteresis = 120 mV Hysteresis = 120 mV VOD = 50 mV VOD = 50 mV VOD = 50 mV VOD = 50 mV
1.145 65 -18
1.25 80 -12 -2 2.6 27 21
1.35 120 -7
V k A ns ns ns ns
tSD tH VOH VOL VOH VOL
Comparator is operating Shutdown guaranteed VIH = VCC VIL = 0 V ICCO < 500 A VOD = 100 mV, output valid VCCO = 2.5 V to 5.5 V IOH = 8 mA, VCCO = 2.5 V IOL = 8 mA, VCCO = 2.5 V IOH = 6 mA, VCCO = 2.5 V IOL = 6 mA, VCCO = 2.5 V
2.0 -0.2 -6
+0.4 -100 20 50
VCCO +0.6 6
V V A A ns ns V V V V
VCC - 0.4 0.4 VCC - 0.4 0.4
Rev. 0 | Page 3 of 16
ADCMP600/ADCMP601/ADCMP602
Parameter AC PERFORMANCE 1 Rise Time /Fall Time Propagation Delay Symbol tR tF tPD Conditions 10% to 90%, VCCO = 2.5 V 10% to 90%, VCCO = 5.5 V VOD = 50 mV, VCCO = 2.5 V VOD = 50 mV, VCCO = 5.5 V VOD = 10 mV, VCCO = 2.5 V VCCO = 2.5 V to 5.5 V VOD = 50 mV 10 mV < VOD < 125 mV -0.2 V < VCM < VCCI + 2 V VOD = 50 mV VCCI = VCCO = 2.5 V PWOUT = 90% of PWIN VCCI = VCCO = 5.5 V PWOUT = 90% of PWIN 2.5 2.5 -3.0 -5.5 3 3.5 0.9 1.2 1.45 2.1 7 20 -50 240 400 30 Min Typ 2.2 4 3.5 4.3 5 500 1.2 200 3 4.5 Max Unit ns ns ns ns ns ps ns ps ns ns
Propagation Delay Skew--Rising to Falling Transition Overdrive Dispersion Common-Mode Dispersion Minimum Pulse Width PWMIN
POWER SUPPLY Input Supply Voltage Range Output Supply Voltage Range Positive Supply Differential (ADCMP602 Only) Positive Supply Current (ADCMP600/ADCMP601) Input Section Supply Current (ADCMP602 Only) Output Section Supply Current (ADCMP602 Only) Power Dissipation Power Supply Rejection Ratio Shutdown Mode ICCI (ADCMP602 Only) Shutdown Mode ICCO (ADCMP602 Only)
1
VCCI VCCO VCCI - VCCO VCCI - VCCO IVCC IVCCI IVCCO PD PD PSRR
Operating Nonoperating VCC = 2.5 V VCC = 5.5 V VCCI = 2.5 V VCCI = 5.5 V VCCO = 2.5 V VCCO = 5.5 V VCC = 2.5 V VCC = 5.5 V VCCI = 2.5 V to 5 V VCC = 2.5 V VCC =2.5 V
5.5 5.5 +3.0 +5.5 3.5 4.0 1.4 2.0 3.0 3.5 9 23
V V V V mA mA mA mA mA mW mW dB A A
VIN = 100 mV square input at 50 MHz, VCM = 0 V, CL = 5 pF, VCCI = VCCO =2.5 V, unless otherwise noted.
Rev. 0 | Page 4 of 16
ADCMP600/ADCMP601/ADCMP602 TIMING INFORMATION
Figure 2 illustrates the ADCMP600/ADCMP601/ADCMP602 latch timing relationships. Table 2 provides definitions of the terms shown in Figure 2.
1.1V LATCH ENABLE
tS tH
tPL
DIFFERENTIAL INPUT VOLTAGE
VIN VOD
VN VOS
tPDL
Q OUTPUT
tPLOH
50%
tF
Figure 2. System Timing Diagram
Table 2. Timing Descriptions
Symbol tPDH tPDL tPLOH tPLOL tH tPL tS tR tF VOD Timing Input to output high delay Input to output low delay Latch enable to output high delay Latch enable to output low delay Minimum hold time Minimum latch enable pulse width Minimum setup time Output rise time Output fall time Voltage overdrive Description Propagation delay measured from the time the input signal crosses the reference ( the input offset voltage) to the 50% point of an output low-to-high transition. Propagation delay measured from the time the input signal crosses the reference ( the input offset voltage) to the 50% point of an output high-to-low transition. Propagation delay measured from the 50% point of the latch enable signal low-to-high transition to the 50% point of an output low-to-high transition. Propagation delay measured from the 50% point of the latch enable signal low-to-high transition to the 50% point of an output high-to-low transition. Minimum time after the negative transition of the latch enable signal that the input signal must remain unchanged to be acquired and held at the outputs. Minimum time that the latch enable signal must be high to acquire an input signal change. Minimum time before the negative transition of the latch enable signal occurs that an input signal change must be present to be acquired and held at the outputs. Amount of time required to transition from a low to a high output as measured at the 20% and 80% points. Amount of time required to transition from a high to a low output as measured at the 20% and 80% points. Difference between the input voltages VA and VB.
Rev. 0 | Page 5 of 16
05914-025
ADCMP600/ADCMP601/ADCMP602 ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter Supply Voltages Input Supply Voltage (VCCI to GND) Output Supply Voltage (VCCO to GND) Positive Supply Differential (VCCI - VCCO) Input Voltages Input Voltage Differential Input Voltage Maximum Input/Output Current Shutdown Control Pin Applied Voltage (HYS to GND) Maximum Input/Output Current Latch/Hysteresis Control Pin Applied Voltage (HYS to GND) Maximum Input/Output Current Output Current Temperature Operating Temperature, Ambient Operating Temperature, Junction Storage Temperature Range Rating -0.5 V to +6.0 V -0.5 V to +6.0 V -6.0 V to +6.0 V
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE
-0.5 V to VCCI + 0.5 V (VCCI + 0.5 V) 50 mA -0.5 V to VCCO + 0.5 V 50 mA -0.5 V to VCCO + 0.5 V 50 mA 50 mA -40C to +125C 150C -65C to +150C
JA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 4. Thermal Resistance
Package Type ADCMP600 SC70 5-Lead ADCMP600 SOT-23 5-Lead ADCMP601 SC70 6-Lead ADCMP602 MSOP 5-Lead
1
JA1 426 302 426 130
Unit C/W C/W C/W C/W
Measurement in still air.
ESD CAUTION
Rev. 0 | Page 6 of 16
ADCMP600/ADCMP601/ADCMP602 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Q1 VEE 2 VP 3
ADCMP600
TOP VIEW (Not to Scale)
5
VCCI /VCCO
Q1
6
VCCI /VCCO
VCCI 1
8
ADCMP601
VEE 2
05914-002
05914-003
4
VN
VP 3
4
VN
SDN 4
5
LE/HYS
Figure 3. ADCMP600 Pin Configuration
Figure 4. ADCMP601 Pin Configuration
Figure 5. ADCMP602 Pin Configuration
Table 5. ADCMP600 (SOT-23-5 and SC70-5) Pin Function Descriptions
Pin No. 1 2 3 4 5 Mnemonic Q VEE VP VN VCCI/VCCO Description Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, VP, is greater than the analog voltage at the inverting input, VN. Negative Supply Voltage. Noninverting Analog Input. Inverting Analog Input. Input Section Supply/Output Section Supply. Shared pin.
Table 6. ADCMP601 (SC70-6) Pin Function Descriptions
Pin No. 1 2 3 4 5 6 Mnemonic Q VEE VP VN LE/HYS VCCI/VCCO Description Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, VP, is greater than the analog voltage at the inverting input, VN, if the comparator is in compare mode. Negative Supply Voltage. Noninverting Analog Input. Inverting Analog Input. Latch/Hysteresis Control. Bias with resistor or current for hysteresis adjustment; drive low to latch. Input Section Supply/Output Section Supply. Shared pin.
Table 7. ADCMP602 (MSOP-8) Pin Function Descriptions
Pin No. 1 2 3 4 5 6 7 8 Mnemonic VCCI VP VN SDN LE/HYS VEE Q VCCO Description Input Section Supply. Noninverting Analog Input. Inverting Analog Input. Shutdown. Drive this pin low to shut down the device. Latch/Hysteresis Control. Bias with resistor or current for hysteresis adjustment; drive low to latch. Negative Supply Voltage. Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, VP, is greater than the analog voltage at the inverting input, VN, if the comparator is in compare mode. Output Section Supply.
Rev. 0 | Page 7 of 16
05914-004
TOP VIEW (Not to Scale)
5
LE/HYS
VP 2 VN 3
ADCMP602
TOP VIEW (Not to Scale)
VCCO Q VEE
7 6
ADCMP600/ADCMP601/ADCMP602 TYPICAL PERFORMANCE CHARACTERISTICS
VCCI = VCCO = 2.5 V, TA = 25C, unless otherwise noted.
800 600 VCC = 2.5V 400
LOAD CURRENT (mA) CURRENT (A)
20 IOL VS VOL 15
VCC = 5.5V
10 5 0 -5 -10
05914-007
IOH VS VOH
200 0 -200 -400 -600 -800 -1 0 1 2 3 4 LE/HYS (V) 5 6 7
-20 -1.0 -0.6 -0.2 0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
VOUT (V)
Figure 6. LE/HYS Pin I/V Characteristics
Figure 9. VOH/VOL vs. Current Load
150
250
100
VCC = 2.5V
VCC = 5.5V
200
HYSTERESIS (mV)
CURRENT (A)
50
150
VCC = 5.5V
0
100
-50
-100
05914-027
50
05914-008
VCC = 2.5V 0 50 150 250 350 450 HYSTERESIS RESISTOR (k) 550
-150 -1
0
1
2
3
4
5
6
7
SHUTDOWN PIN VOLTAGE (V)
650
Figure 7. SDN Pin I/V Characteristics
450
VCC = 2.5V
Figure 10. Hysteresis vs. RHYS Control Resistor
20 15 10 5
400 350
HYSTERESIS (mV)
300 250 200 150 100
LOT 1
IB (A)
0 -5 IB @ +125C -10 -15 IB @ -40C -20 -1.0 -0.5 0 0.5 1.0 1.5 2.0 2.5 COMMON-MODE VOLTAGE (V) 3.0 IB @ +25C
05914-005
LOT 2
0
3.5
0
-5
-10 PIN CURRENT (A)
-15
-20
Figure 8. Input Bias Current vs. Input Common Mode
Figure 11. Hysteresis vs. Pin Current
Rev. 0 | Page 8 of 16
05914-026
50
09514-011
-15
ADCMP600/ADCMP601/ADCMP602
4.8 4.6
PROPAGATION DELAY (ns)
4.4 4.2 4.0 3.8 3.6 3.4
05914-009
3.2 3.0 0 10 20 30 40 50 60 70 80
90 100 110 120 130 140
1.00V/DIV
M4.00ns
OVERDRIVE (mV)
Figure 12. Propagation Delay vs. Input Overdrive at VCC = 2.5 V
4.0 VCM AT VCC = 2.5V 3.8
Figure 15. 50 MHz Output Waveform VCC = 5.5 V
PROPAGATION DELAY (ns)
3.6 RISE 3.4 FALL 3.2
05914-028
3.0 -0.6
0
0.6
1.2
1.8
2.4
3.0
500mV/DIV M4.00ns
COMMON-MODE VOLTAGE (V)
Figure 13. Propagation Delay vs. Input Common-Mode Voltage at VCC = 2.5 V
5.0 4.8
PROPAGATION DELAY (ns)
Figure16. 50 MHz Output Waveforms @ 2.5 V
4.6 4.4 4.2 4.0 3.8 3.6 3.4 3.2 3.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
05914-029
RISE
FALL
6.0
VCCO (V)
Figure 14. Propagation Delay vs. VCCO
Rev. 0 | Page 9 of 16
05914-013
05914-012
ADCMP600/ADCMP601/ADCMP602 APPLICATION INFORMATION
POWER/GROUND LAYOUT AND BYPASSING
The ADCMP600/ADCMP601/ADCMP602 comparators are very high speed devices. Despite the low noise output stage, it is essential to use proper high speed design techniques to achieve the specified performance. Because comparators are uncompensated amplifiers, feedback in any phase relationship is likely to cause oscillations or undesired hysteresis. Of critical importance is the use of low impedance supply planes, particularly the output supply plane (VCCO) and the ground plane (GND). Individual supply planes are recommended as part of a multilayer board. Providing the lowest inductance return path for switching currents ensures the best possible performance in the target application. It is also important to adequately bypass the input and output supplies. Multiple high quality 0.01 F bypass capacitors should be placed as close as possible to each of the VCCI and VCCO supply pins and should be connected to the GND plane with redundant vias. At least one of these should be placed to provide a physically short return path for output currents flowing back from ground to the VCC pin. High frequency bypass capacitors should be carefully selected for minimum inductance and ESR. Parasitic layout inductance should also be strictly controlled to maximize the effectiveness of the bypass at high frequencies. If the package allows and the input and output supplies have been connected separately such that VCCI VCCO, care should be taken to bypass each of these supplies separately to the GND plane. A bypass capacitor should never be connected between them. It is recommended that the GND plane separate the VCCI and VCCO planes when the circuit board layout is designed to minimize coupling between the two supplies and to take advantage of the additional bypass capacitance from each respective supply to the ground plane. This enhances the performance when split input/output supplies are used. If the input and output supplies are connected together for single-supply operation such that VCCI = VCCO, coupling between the two supplies is unavoidable; however, careful board placement can help keep output return currents away from the inputs. This delay is measured to the 50% point for the supply in use; therefore, the fastest times are observed with the VCC supply at 2.5 V, and larger values are observed when driving loads that switch at other levels. When duty cycle accuracy is critical, the logic being driven should switch at 50% of VCC and load capacitance should be minimized. When in doubt, it is best to power VCCO or the entire device from the logic supply and rely on the input PSRR and CMRR to reject noise. Overdrive and input slew rate dispersions are not significantly affected by output loading and VCC variations. The TTL-/CMOS-compatible output stage is shown in the simplified schematic diagram (Figure 17). Because of its inherent symmetry and generally good behavior, this output stage is readily adaptable for driving various filters and other unusual loads.
VLOGIC
A1
Q1
+IN -IN AV
OUTPUT
A2
Q2
05914-014
GAIN STAGE
OUTPUT STAGE
Figure 17. Simplified Schematic Diagram of TTL-/CMOS-Compatible Output Stage
USING/DISABLING THE LATCH FEATURE
The latch input is designed for maximum versatility. It can safely be left floating for fixed hysteresis or be tied to VCC to remove the hysteresis, or it can be driven low by any standard TTL/CMOS device as a high speed latch. In addition, the pin can be operated as a hysteresis control pin with a bias voltage of 1.25 V nominal and an input resistance of approximately 7000 . This allows the comparator hysteresis to be easily and accurately controlled by either a resistor or an inexpensive CMOS DAC. Hysteresis control and latch mode can be used together if an open drain, an open collector, or a three-state driver is connected parallel to the hysteresis control resistor or current source. Due to the programmable hysteresis feature, the logic threshold of the latch pin is approximately 1.1 V regardless of VCC.
TTL-/CMOS-COMPATIBLE OUTPUT STAGE
Specified propagation delay performance can be achieved only by keeping the capacitive load at or below the specified minimums. The outputs of the devices are designed to directly drive one Schottky TTL or three low power Schottky TTL loads or the equivalent. For large fan outputs, buses, or transmission lines, use an appropriate buffer to maintain the excellent speed and stability of the comparator. With the rated 5 pF load capacitance applied, more than half of the total device propagation delay is output stage slew time, even at 2.5 V VCC. Because of this, the total prop delay decreases as VCCO decreases, and instability in the power supply may appear as excess delay dispersion.
Rev. 0 | Page 10 of 16
ADCMP600/ADCMP601/ADCMP602
OPTIMIZING PERFORMANCE
As with any high speed comparator, proper design and layout techniques are essential for obtaining the specified performance. Stray capacitance, inductance, inductive power and ground impedances, or other layout issues can severely limit performance and often cause oscillation. Large discontinuities along input and output transmission lines can also limit the specified pulsewidth dispersion performance. The source impedance should be minimized as much as is practicable. High source impedance, in combination with the parasitic input capacitance of the comparator, causes an undesirable degradation in bandwidth at the input, thus degrading the overall response. Thermal noise from large resistances can easily cause extra jitter with slowly slewing input signals; higher impedances encourage undesired coupling.
INPUT VOLTAGE 1V/ns VN VOS 10V/ns
Q/Q OUTPUT
Figure 19. Propagation Delay--Slew Rate Dispersion
COMPARATOR HYSTERESIS
The addition of hysteresis to a comparator is often desirable in a noisy environment, or when the differential input amplitudes are relatively small or slow moving. Figure 20 shows the transfer function for a comparator with hysteresis. As the input voltage approaches the threshold (0.0 V, in this example) from below the threshold region in a positive direction, the comparator switches from low to high when the input crosses +VH/2, and the new switching threshold becomes -VH/2. The comparator remains in the high state until the new threshold, -VH/2, is crossed from below the threshold region in a negative direction. In this manner, noise or feedback output signals centered on 0.0 V input cannot cause the comparator to switch states unless it exceeds the region bounded by VH/2.
OUTPUT
COMPARATOR PROPAGATION DELAY DISPERSION
The ADCMP600/ADCMP601/ADCMP602 comparators are designed to reduce propagation delay dispersion over a wide input overdrive range. Propagation delay dispersion is the variation in propagation delay that results from a change in the degree of overdrive or slew rate (that is, how far or how fast the input signal exceeds the switching threshold). Propagation delay dispersion is a specification that becomes important in high speed, time-critical applications, such as data communication, automatic test and measurement, and instrumentation. It is also important in event-driven applications, such as pulse spectroscopy, nuclear instrumentation, and medical imaging. Dispersion is defined as the variation in propagation delay as the input overdrive conditions are changed (Figure 18 and Figure 19). The device dispersion is typically < 2 ns as the overdrive varies from 10 mV to 125 mV. This specification applies to both positive and negative signals because the device has very closely matched delays both positive-going and negative-going inputs.
500mV OVERDRIVE
VOH
VOL
-VH 2
0
+VH 2
Figure 20. Comparator Hysteresis Transfer Function
INPUT VOLTAGE 10mV OVERDRIVE VN VOS
Q/Q OUTPUT
Figure 18. Propagation Delay--Overdrive Dispersion
05914-015
DISPERSION
The customary technique for introducing hysteresis into a comparator uses positive feedback from the output back to the input. One limitation of this approach is that the amount of hysteresis varies with the output logic levels, resulting in hysteresis that is not symmetric about the threshold. The external feedback network can also introduce significant parasitics that reduce high speed performance and induce oscillation in some cases. These ADCMP600 features a fixed hysteresis of approximately 2 mV. The ADCMP601 and ADCMP602 comparators offer a programmable Hysteresis feature that can significantly improve accuracy and stability. Connecting an external pull-down resistor or a current source from the LE/HYS pin to GND, varies the amount of hysteresis in a predictable, stable manner.
Rev. 0 | Page 11 of 16
05914-017
INPUT
05914-016
DISPERSION
ADCMP600/ADCMP601/ADCMP602
Leaving the LE/HYS pin disconnected results in a fixed hysteresis of 2 mV; driving this pin high removes hysteresis. The maximum hysteresis that can be applied using this pin is approximately 160 mV. Figure 21 illustrates the amount of hysteresis applied as a function of the external resistor value, and Figure 11 illustrates hysteresis as a function of the current. The hysteresis control pin appears as a 1.25 V bias voltage seen through a series resistance of 7 k 20% throughout the hysteresis control range. The advantages of applying hysteresis in this manner are improved accuracy, improved stability, reduced component count, and maximum versatility. An external bypass capacitor is not recommended on the HYS pin because it impairs the latch function and often degrades the jitter performance of the device. As described in the Using/Disabling the Latch Feature section, hysteresis control need not compromise the latch function.
250
200
HYSTERESIS (mV)
150
VCC = 5.5V
100
50
05914-030
VCC = 2.5V 0 50 150 250 350 450 HYSTERESIS RESISTOR (k) 550
650
Figure 21. Hysteresis vs. RHYS Control Resistor
CROSSOVER BIAS POINT
In both op amps and comparators, rail-to-rail inputs of this type have a dual front-end design. Certain devices are active near the VCC rail and others are active near the VEE rail. At some predetermined point in the common-mode range, a crossover occurs. At this point, normally VCC/2, the direction of the bias current reverses and the measured offset voltages and currents change. The ADCMP600/ADCMP601/ADCMP602 comparators slightly elaborate on this scheme. Crossover points can be found at approximately 0.8 V and 1.6 V.
MINIMUM INPUT SLEW RATE REQUIREMENT
With the rated load capacitance and normal good PC Board design practice, as discussed in the Optimizing Performance section, these comparators should be stable at any input slew rate with no hysteresis. Broadband noise from the input stage is observed in place of the violent chattering seen with most other high speed comparators. With additional capacitive loading or poor bypassing, oscillation is observed. This oscillation is due to the high gain bandwidth of the comparator in combination with feedback parasitics in the package and PC board. In many applications, chattering is not harmful.
Rev. 0 | Page 12 of 16
ADCMP600/ADCMP601/ADCMP602 TYPICAL APPLICATION CIRCUITS
5V 0.1F
2k
2k
2.5V
ADCMP600
OUTPUT
05914-019
0.1F
Figure 22. Self-Biased, 50% Slicer
INPUT 1.25V 50mV
ADCMP600
CMOS PWM OUTPUT
CMOS VDD 2.5V TO 5V
INPUT 1.25V REF 10k
10k
ADCMP601
10k
05914-020
100
ADCMP600
CMOS
82pF
LE/HYS
05914-022
05914-023
40k
Figure 23. LVDS-to-CMOS Receiver
Figure 25. Oscillator and Pulse-Width Modulator
2.5V TO 5V
2.5V
10k 20k
ADCMP601
OUTPUT 1.5MHz TO 30MHz
ADCMP601
20k CONTROL VOLTAGE 0V TO 2.5V 82pF LE/HYS
DIGITAL INPUT
74 AHC 1G07
LE/HYS
05914-021
100k
100k
HYSTERESIS CURRENT
10k
Figure 24. Voltage-Controlled Oscillator
Figure 26. Hysteresis Adjustment with Latch
Rev. 0 | Page 13 of 16
ADCMP600/ADCMP601/ADCMP602 OUTLINE DIMENSIONS
2.20 2.00 1.80 1.35 1.25 1.15 PIN 1 1.00 0.90 0.70
5 1 2 4 3
2.20 2.00 1.80
2.40 2.10 1.80
1.35 1.25 1.15 PIN 1
0.40 0.10 0.46 0.36 0.26
6 1
5 2
4 3
2.40 2.10 1.80
0.65 BSC 1.10 0.80
1.30 BSC 1.00 0.90 0.70
0.65 BSC 1.10 0.80 0.40 0.10 0.46 0.36 0.26
0.10 MAX
0.30 0.15
SEATING PLANE
0.22 0.08
0.10 COPLANARITY COMPLIANT TO JEDEC STANDARDS MO-203-AA
0.10 MAX
0.30 0.15 0.10 COPLANARITY
SEATING PLANE
0.22 0.08
COMPLIANT TO JEDEC STANDARDS MO-203-AB
Figure 27. 5-Lead Thin Shrink Small Outline Transistor Package (SC70) (KS-5) Dimensions shown in millimeters
2.90 BSC
Figure 29. 6-Lead Thin Shrink Small Outline Transistor Package (SC70) (KS-6) Dimensions shown in millimeters
3.20 3.00 2.80
5
4
1.60 BSC
1 2 3
2.80 BSC
3.20 3.00 2.80 PIN 1
8
5
1
5.15 4.90 4.65
PIN 1 0.95 BSC 1.30 1.15 0.90 1.90 BSC
0.95 0.85 0.75
4
0.65 BSC 1.10 MAX 8 0 0.80 0.60 0.40
1.45 MAX
0.22 0.08 10 5 0 0.60 0.45 0.30
0.15 MAX
0.15 0.00
0.38 0.22 SEATING PLANE
0.50 0.30
0.23 0.08
SEATING PLANE
COPLANARITY 0.10
COMPLIANT TO JEDEC STANDARDS MO-178-AA
COMPLIANT TO JEDEC STANDARDS MO-187-AA
Figure 28. 5-Lead Small Outline Transistor Package (SOT-23) (RJ-5) Dimensions shown in millimeters
Figure 30. 8-Lead Mini Small Outline Package (MSOP) (RM-8) Dimensions shown in millimeters
ORDERING GUIDE
Model ADCMP600BRJZ-R2 1 ADCMP600BRJZ-RL1 ADCMP600BRJZ-REEL71 ADCMP600BKSZ-R21 ADCMP600BKSZ-RL1 ADCMP600BKSZ-REEL71 ADCMP601BKSZ-R21 ADCMP601BKSZ-RL1 ADCMP601BKSZ-REEL71 ADCMP602BRMZ1 ADCMP602BRMZ-REEL1 ADCMP602BRMZ-REEL71
1
Temperature Range -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C
Package Description 5-Lead SOT23 5-Lead SOT23 5-Lead SOT23 5-Lead SC70 5-Lead SC70 5-Lead SC70 6-Lead SC70 6-Lead SC70 6-Lead SC70 8-Lead MSOP 8-Lead MSOP 8-Lead MSOP
Package Option RJ-5 RJ-5 RJ-5 KS-5 KS-6 KS-6 KS-6 KS-6 KS-6 RM-8 RM-8 RM-8
Branding G0C G0C G0C G0C G0C G0C G0N G0N G0N GF GF GF
Z = Pb-free part.
Rev. 0 | Page 14 of 16
ADCMP600/ADCMP601/ADCMP602 NOTES
Rev. 0 | Page 15 of 16
ADCMP600/ADCMP601/ADCMP602 NOTES
(c)2006 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D05914-0-10/06(0)
Rev. 0 | Page 16 of 16


▲Up To Search▲   

 
Price & Availability of ADCMP601BKSZ-REEL7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X