Part Number Hot Search : 
PN29388 NE5532 SW670 GD74HC76 2SK239 MJ10011 SDR936DZ 167BG
Product Description
Full Text Search
 

To Download 60CTQ045PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20856 10/04
60CTQ045PBF
SCHOTTKY RECTIFIER 60 Amp
IF(AV) = 60Amp VR = 45V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform (Per Device) IFRM @ TC = 113C (Per Leg) VRRM IFSM @ tp = 5 s sine VF TJ @ 30 Apk, TJ = 125C range 60 45 1500 0.53 - 65 to 150 A V A V C
Description/ Features Units
A This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap TO-220 package Low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
60
Case Styles 60CTQ045PBF
Base Common Cathode
2
1
Anode
2 Common Cathode
3
Anode
TO-220
www.irf.com
1
60CTQ045PBF
Bulletin PD-20856 10/04
Voltage Ratings
Parameters
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
60CTQ045PBF
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward (Per Leg) Current (Per Device) IFRM Peak Repetitive Forward Current (Per Leg) IFSM EAS IAR Max.Peak One Cycle Non -Repetitive Surge Current (Per Leg) Non -Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
Values
30 60 60 1500 300 20 3
Units Conditions
A A A mJ A 50% duty cycle @ TC = 113C, rectangular wave form Rated VR, square wave, 20kHz TC = 113 C
Following any rated load 5s Sine or 3s Rect. pulse condition and with rated 10ms Sine or 6ms Rect. pulse VRRM applied
TJ = 25C, IAS = 3Amps, L = 4.40mH Current decaying linearty to zero in 1 sec Frequency limited by TJ max. V A = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (1) IRM CT LS
Typ. Max. Units Conditions
0.51 0.66 0.48 0.68 0.56 0.72 0.53 0.75 2 250 8.0 10000 V V V V mA mA pF nH V/ s
(1) Pulse Width < 300s, Duty Cycle <2%
@ 30A @ 60A @ 30A @ 60A TJ = 25 C TJ = 125 C
TJ = 25 C TJ = 125 C Rated DC voltage
Max. Instantaneus Reverse Current 0.33 145 Max. Junction Capacitance Typical Series Inductance 2000
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Values
-65 to 150 -65 to 175 1.2 0.50 2 (0.07) Min. Max. 6 (5) 12 (10)
Units Conditions
C C C/W DC operation C/W Mounting surface, smooth and greased g (oz.) Kg-cm Non-lubricated threads (Ibf-in)
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthCS Typical Thermal Resistance Case to Heatsink wt T Approximate Weight Mounting Torque Marking Device
60CTQ045
2
www.irf.com
60CTQ045PBF
Bulletin PD-20856 10/04
1000
(mA)
1000 100 10 1
T = 150C J 125C 100C 75C 50C 25C
Reverse Current - I
(A)
R
Instantaneous Forward Current - I
100
0.1 0.01
0 5 10 15 20 25 30 35 40 45
Reverse Voltage - VR (V) Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
F
10000
10
Junction Capacitance - C
T
(pF)
T J = 25C
Tj = 150C Tj = 125C Tj = 25C
1000
1 0 0.2
Forward Voltage Drop - VFM (V)
100
0.4
0.6
0.8
1
1.2
1.4
0
5
10 15 20 25 30 35 40 45
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
(C/W)
thJC
Thermal Impedance Z
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
PDM
t1 t2 Notes: 1. Duty factor D = t1/ t 2 2. Peak Tj = Pdmx ZthJC + Tc
0.1
Single Pulse (Thermal Resistance)
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
www.irf.com
3
60CTQ045PBF
Bulletin PD-20856 10/04
160
Allowable Case Temperature (C) Average Power Loss (Watts)
30 25 20
RMS Limit
150 140 130 120 110 100 90 80 70 60 0 5 10 15 20 25 30 35 40 45
Average Forward Current - I
F(AV)
DC
15 10 5 0 0 5 10 15 20 25 30 35 40 45
Average Forward Current - I
F(AV)
Square wave (D = 0.50) 80% Rated Vr applied
see note (2)
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D DC0.20 = DC
(A)
(A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
FSM
(A)
10000
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
Non-Repetitive Surge Current - I
1000
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x IR (1 - D); I R @ VR1 = 80% rated VR
4
www.irf.com
60CTQ045PBF
Bulletin PD-20856 10/04
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 123 14.09 (0.55) 13.47 (0.53) 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03)
2 Common Cathode
1.32 (0.05) DIA. 6.48 (0.25) 6.23 (0.24) 2 1.22 (0.05)
2.92 (0.11) 2.54 (0.10) TERM 2
0.10 (0.004)
Base Common Cathode
2
2.89 (0.11) 2.64 (0.10)
123 4.57 (0.18) 4.32 (0.17)
1
0.61 (0.02) MAX.
3
Anode
Anode
5.08 (0.20) REF.
Conform to JEDEC outline TO-220AB Dimensions in millimeters and (inches)
Part Marking Information
IRXC Assembly Line EXAMPLE: THIS IS A 60CTQ045 LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C" PART NUMBER
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
DATE CODE P = LEAD-FREE YEAR 1 = 2001 WEEK 19 LINE C
IRMX Assembly Line EXAMPLE: THIS IS A 60CTQ045 LOT CODE 1789 ASSEMBLED ON WW 19, 2001
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 1 = 2001 WEEK 19 P = LEAD-FREE
www.irf.com
5
60CTQ045PBF
Bulletin PD-20856 10/04
Ordering Information Table
Device Code
60
1
C
2
T
3
Q
4
045 PbF
5 6
1 2 3 4 5 6
-
Current Rating (60 = 60A) Circuit Configuration C = Common Cathode Package T = TO-220 Schottky "Q" Series Voltage Rating (045 = 45V) none = Standard Production PbF = Lead-Free Tube Standard Pack Quantity : 50 pieces
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 10/04
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 60CTQ045PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X