Part Number Hot Search : 
ST211 GT40RR21 C2751 HPI6FFR4 CVA2415 IL223AT MF194SC CD401
Product Description
Full Text Search
 

To Download 443115000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT FUSES
WICKMANN
use ip-Fcting Chst A a
F
UL 248-14, 63V
* FaxBack Document # 321: * Approvals:
cULus Recognized: File No. E 67006
Series 443
T im e-curre nt c ha racteristics
(M in-M ax Limits )
10 0 ,0 00 10 ,0 0 0
T es t v alu e
* Packaging:
00: Blister Tape (3000 pcs. per Reel)
1 ,0 00
* Soldering Conditions:
235C, 2 sec. (Wave and Reflow)
* Soldering Heat Resistance:
Time in seconds
10
260C, 10 sec. (IEC 68-2-58)
* Recommended Solder Glue:
Grace Amicon 125 F
* Material:
Housing:1 Ceramic substrate, Glass encapsulated Terminals: Tinned, metallized
* Vibration Resistance:
24 cycles each 15 min. (EN 60068-6) 10 - 60Hz at 0.75mm amplitude 60 - 2000Hz at 10g acceleration
CHIP SIZE 3216
1 0 .1 0 .0 1 0 .0 01
1 1 .5 2 3 4 5 6 7 8 9 10 15
10 0
IFault /IRated
Note: Contact WICKMANN for individual I-t curves
* Solder Pad Layout:
Wave Reflow
* Blister Tape (00):
Per IEC 286, Part 3
Copper layer thickness: 0.035mm
* Limits for Pre-arcing Time
Rated Current
750mA ... 2.00A
100%
> 4h
250%
< 5s Voltage Drop (max) 100% x IRated (mV)
600 530 450 440
Permissible continuous operating current is 70% at ambient temperature of 23oC (73.4oF).
Rated Current2 / Rated Voltage
750mA / 63V 1.00A / * 1.50A / * 2.00A / *
Amp Code
0750 1100 1150 1200
Breaking Capacity
Melting Integral (max) 1000% x IRated (A2s)
0.03 0.05 0.2 0.4
Approvals
cURus
50A at 63VAC/DC (AC) cos = 1.0
* * * *
1 solder fuse with marked side facing up and avoid conducting paths below the fuse 2 for lower amp ratings, see Series 441
* Order Information
Qty.
OrderNumber
Series
Amp Code
Packaging
443
0 00
991109
WICKMANN USA, INC .
* 4100 Shirley Dr. * Atlanta, GA 30336 * Tel: (404) 699-7820 * Fax: (404) 699-9176 Web: http://www.wickmannusa.com * FaxBack: (800) 251-5490 * Web: http://www.wickmannusa.com


▲Up To Search▲   

 
Price & Availability of 443115000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X