Part Number Hot Search : 
M3Z5524 CS18186 SG113 RP16100 2SK711 00BZX 74AC11SJ SF1101A
Product Description
Full Text Search
 

To Download 3850800000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROTECTORS CIRCUIT PROTECTORS
No. 385 / TIP
Telecom Interface Protector Specifications Packaging Lead Free 000: Tape/Ammopack (1400 pcs.)
T ime-Current Standard
Transient Tolerant (T) UL 248-14 CSA C22.2 No. 248.14 cULus Recognized
Characteristic
Materials
Base/Cap:
Brown Thermoplastic Polyamide PA 6.6, UL 94V0 Round Pins: Copper, Sn plated -40 C to +85 C (consider de-rating) -40 C/+85 C/21 days (EN 60068-1,-2-1,-2-2,-2-78) +10 C to +60 C relative humidity 75 % yearly average, without dew, maximum value for 30 days-95 % 24 cycles at 15 min. each (EN 60068-6) 10 - 60 Hz at 0.75 mm amplitude 60 - 2000 Hz at 10 g acceleration 10N (EN 60068-2-21) 260 C, 3 s (Wave) 350 C, 3 s (Soldering iron) 260 C, 10 s (IEC 60068-2-20) , TIP, T, Current Rating
Approvals
Temperature Operating Temperature Climatic Category Stock Conditions
Features
Dimensions (mm)
8,5
max. 8
max. 4
Surge proof for telecom applications Reduced PCB space requirements Highly defined cut-off times Irreversible physical separation Low internal resistance Flame resistant encapsulated casing CCCe for China import
Vibration Resistance
0,5 min
18,8
0,6
1,5
W ebLinks
Further infos see: www.wickmanngroup.com Further application infos see Fuseology:
Lead Pull Strength Solderability
5,08
1 +0,1
www.wickmanngroup.com/download/ fuseology.pdf
Soldering Heat Resistance Marking
Holes in PCB
Unit Weight
0.60 g (approx.)
Limits for Pre-arcing Time
Rated Current
350 mA ... 1.50 A
1.0 x IN
>2h
3.0 x IN
300 ms ... 5 s
Bellcore
cURus
350mA 500mA 800mA 1.00A 1.25A 1.50A
1 FCC 47 Part 68:
0350 0500 0800 1100 1125 1150
125V 125V 125V 125V 125V 125V
50 A / 125 V AC 50-60 Hz cos = 1.0
540 320 160 105 75 60
250 220 170 140 125 120
90 110 130 130 140 170
0.6 1.2 2.7 4.5 6.7 9.0
32 48 80 100 128 155
19 26 42 52 65 78
36 61 67 67 67 67
* * * * * *
ITU-T K.20: Bellcore GR-1089:
Minimum pulse load quantity is 2 pulses at a test generator output of 800V and 10x560s waveform. Minimum pulse load quantity is 30 pulses at a test generator output of 1000V, 67A and 10x700s waveform. Minimum pulse load quantity is 50 pulses at a test generator output of 1000V and 10x1000s.
Order Information
050223
Qty.
OrderNumber
Series 385
Amp Code
Packaging
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
CCCe
FCC
ITU
Permissible continuous operating current is 70% at ambient temperature of 23C (73.4F). Rated Amp Voltage Breaking Cold Resistance Voltage Drop Power Dissipation Melting Integral 1.0 x IN 1.0 x IN 10 x IN Current Code Rating Capacity 0.1 x IN max. (m) max. (mV) max. (mW) min. (A2s)
Surge Amplitude (A)1 Approvals
* * * * * *
PROTECTORS CIRCUIT PROTECTORS
TIP / No. 385
I-t Characteristics
(Min-Max Limit) Test value
Time (sec.)
050223
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
00 0,0 10 ,00 10 0 0 1,0 0 10 0 10 1 0.1 1 0.0 01 0.0
1
1.5
2
3
4
5
6
7 8 9 10
15
IFault / I Rated
Contact WICKMANN for individual I-t curves
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of 3850800000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X