Part Number Hot Search : 
AC100 N5551 TVW7JR43 UDN2962 Z5221B 22200 SA211 BU42XXF
Product Description
Full Text Search
 

To Download 30CTH02S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20768 rev. C 09/04
30CTH02 30CTH02S 30CTH02-1 30CTH02FP
Hyperfast Rectifier
Features
* * * * Hyperfast Recovery Time Low Forward Voltage Drop Low Leakage Current 175C Operating Junction Temperature
trr =30ns max. IF(AV) = 30Amp VR = 200V
Description/ Applications International Rectifier's 200V series are the state of the art Hyperfast recovery rectifiers specifically designed with optimized performance of forward voltage drop and hyperfast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as free-wheeling diode in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
Absolute Maximum Ratings Parameters
VRRM IF(AV) Peak Repetitive Reverse Voltage Average Rectified Forward Current @ TC = 159C Per Diode Per Device IFSM TJ, TSTG Non Repetitive Peak Surge Current @ TJ = 25C Operating Junction and Storage Temperatures @ TC = 125C (FULLPACK) Per Diode 30 200 - 65 to 175 C
Max
200 15
Units
V A
Case Styles
30CTH02
30CTH02S
30CTH02-1
30CTH02FP
Base Common Cathode
2
Base Common Cathode
2
Base Common Cathode
2
2 1
1
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
Anode
Common Cathode
3 Anode
Anode
TO-220AB www.irf.com
D2PAK
TO-262
TO-220 FULLPACK 1
30CTH02, 30CTH02S, 30CTH02-1, 30CTH02FP
Bulletin PD-20768 rev. C 09/04
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
200 V V V A A pF nH IR = 100A IF = 15A, TJ = 25C IF = 15A, TJ = 125C VR = VR Rated TJ = 125C, VR = VR Rated VR = 200V Measured lead to lead 5mm from package body
0.92 1.05 0.78 0.85 5 57 8 10 300 -
IR
Reverse Leakage Current
-
CT LS
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TC = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
26 40 2.8 6.0 37 120 35 30 nC A ns IF = 1A, diF/dt = 50A/s, VR = 30V IF = 1A, diF/dt = 100A/s, VR = 30V TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 15A diF/dt = 200A/s VR = 160V
IRRM
Peak Recovery Current
-
Qrr
Reverse Recovery Charge
-
Thermal - Mechanical Characteristics
Parameters
TJ TStg RthJC Max. Junction Temperature Range Max. Storage Temperature Range Thermal Resistance, Junction to Case Device Marking - 65 Per Diode Fullpack (Per Diode)
Min
-
Typ
175 30CTH02 30CTH02S 30CTH02-1 30CTH02FP
Max
175 1.1 3.5
Units
C C/W Case Style TO-220 Case Style D2Pak Case Style TO-262 Case Style Fullpack
Mounting Surface, Flat, Smooth and Greased
2
www.irf.com
30CTH02, 30CTH02S, 30CTH02-1, 30CH02FP
Bulletin PD-20768 rev. C 09/04
100
( A)
100
Tj = 175C
10 1 0.1 0.01 0.001
150C 125C 100C 75C 50C 25C
Instantaneous Forward Current - I
Tj = 175C Tj = 125C
Reverse Current - I
F
(A)
R
0.0001 0 50 100 150 200
Reverse Voltage - VR (V) Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
10
Tj = 25C
1000
(pF)
T J = 25C
Junction Capacitance - C
T
100
1 0.4
10
0.6 0.8 1 1.2 1.4 1.6
0
50
100
150
200
Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
(C/W)
thJC
Thermal Impedance Z
1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01
Notes:
PDM
t1 t2
0.1
Single Pulse (Thermal Resistance)
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001 0.001 0.01 0.1 1 t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
10
www.irf.com
3
30CTH02, 30CTH02S, 30CTH02-1, 30CTH02FP
Bulletin PD-20768 rev. C 09/04
10
(C/W)
Thermal Impedance Z
1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01
thJC
PDM
t1 t2
0.1
Single Pulse (Thermal Resistance)
Notes: 1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
t1, Rectangular Pulse Duration (Seconds) Fig. 5 - Max. Thermal Impedance Z thJC Characteristics (FULLPACK)
180
Allowable Case Temperature (C) Allowable Case Temperature (C)
180 170 160 150 140 130 120
Square wave (D = 0.50) Rated Vr applied
170
DC
160
Square wave (D = 0.50)
DC
150 Rated Vr applied
see note (2)
110 see note (2) 100 0 5 10 15 20
(A) F(AV)
140 0 5 10 15 20
(A) F(AV)
25
25
Average Forward Current - I
Average Forward Current - I
Fig. 6 - Max. Allowable Case Temperature Vs. Average Forward Current
Fig. 7 - Max. Allowable Case Temperature Vs. Average Forward Current (FULLPACK)
25
Average Power Loss ( Watts )
20 15 10 5 0 0
DC
RMS Limit
D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 8); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
Average Forward Current - IF(AV) (A)
5
10
15
20
25
Fig. 8 - Forward Power Loss Characteristics
4
www.irf.com
30CTH02, 30CTH02S, 30CTH02-1, 30CH02FP
Bulletin PD-20768 rev. C 09/04
100
IF = 15 A
1000
IF = 15 A
Qrr ( nC )
V R = 390V T J = 125C T J = 25C
trr ( ns )
100
V R = 390V T J = 125C T J = 25C
10 100
1000
10 100
1000
di F /dt (A/s ) Fig. 9 - Typical Reverse Recovery vs. di F /dt
di F /dt (A/s ) Fig. 10 - Typical Stored Charge vs. di F /dt
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T. dif/dt ADJUST
diF /dt
D G IRFP250 S
Fig. 11- Reverse Recovery Parameter Test Circuit
www.irf.com
5
30CTH02, 30CTH02S, 30CTH02-1, 30CTH02FP
Bulletin PD-20768 rev. C 09/04
3
IF 0
t rr ta tb
4
Q rr
2
I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
diF /dt f
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
Fig. 13 - Reverse Recovery Waveform and Definitions
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 123 14.09 (0.55) 13.47 (0.53) 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03) 2.89 (0.11) 2.64 (0.10) 0.10 (0.004)
Base Common Cathode
2
1.32 (0.05) DIA. 6.48 (0.25) 6.23 (0.24) 2 1.22 (0.05)
2.92 (0.11) 2.54 (0.10) TERM 2
123 4.57 (0.18) 4.32 (0.17)
1
0.61 (0.02) MAX.
Anode
2 Common Cathode
3
Anode
5.08 (0.20) REF.
Conforms to JEDEC Outline TO-220AB Dimensions in millimeters and (inches)
6
www.irf.com
30CTH02, 30CTH02S, 30CTH02-1, 30CH02FP
Bulletin PD-20768 rev. C 09/04
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
BASE COMMON CATHODE 2
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
1 2 3 ANODE COMMON ANODE CATHODE 1 2
3
4.57 (0.18)
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08)
Conforms to JEDEC Outline D2PAK Dimensions in millimeters and (inches)
2X
2.54 (0.10) 2X
BASE COMMON CATHODE 2
1
2
3
ANODE COMMON ANODE CATHODE 1 2
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
www.irf.com
7
30CTH02, 30CTH02S, 30CTH02-1, 30CTH02FP
Bulletin PD-20768 rev. C 09/04
Outline Table
2 1 Anode Common Cathode 3 Anode
Conforms to JEDEC Outline TO-220 FULLPACK Dimensions in millimeters and (inches)
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) FEED DIRECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069) 24.30 (0.957) 23.90 (0.941)
TRL
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
DIA.
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532)
12.80 (0.504) DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples
60 (2.362) DIA . MIN.
360 (14.173) DIA. MAX.
of 800 pieces per reel for both TRL and TRR.
Dimensions in millimeters and (inches)
8
www.irf.com
30CTH02, 30CTH02S, 30CTH02-1, 30CH02FP
Bulletin PD-20768 rev. C 09/04
Part Marking Information
PART NUMBER
EXAMPLE: THIS IS A 32CTH02 LOT CODE 1789 ASSEMBLED ON WW 19, 2000 IN THE ASSEMBLY LINE "C"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
DATE CODE YEAR 0 = 2000 WEEK 19 LINE C
TO-220AB
THIS IS A 32CTH02S LOT CODE 8024 ASSEMBLED ON WW 02, 2000 IN THE ASSEMBLY LINE "L"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 0 = 2000 WEEK 02 LINE L
D2PAK
EXAMPLE: THIS IS A 32CTH02-1 LOT CODE 1789 ASSEMBLED ON WW 19, 1999 IN THE ASSEMBLY LINE "C"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 9 = 1999 WEEK 19 LINE C
TO-262
EXAMPLE: THIS IS A 32CTH02FP LOT CODE 1789 ASSEMBLED ON WW 19, 2000 IN THE ASSEMBLY LINE "C"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 0 = 2000 WEEK 19 LINE C
FULLPACK
www.irf.com
9
30CTH02, 30CTH02S, 30CTH02-1, 30CTH02FP
Bulletin PD-20768 rev. C 09/04
Ordering Information Table
Device Code
30
1
C
2
T
3
H
4
02
5
-1
6
TRL
7
1 2 3 4 5 6
-
Current Rating (30 = 30A) C = Common Cathode T = TO-220 H = HyperFast Recovery Voltage Rating (02 = 200V) None = TO-220AB S -1 = D2Pak = TO-262 Option
7
FP = TO-220 FULLPACK None = Tube (50 pieces) TRL TRR = Tape & Reel (Left Oriented - for D 2Pak only) = Tape & Reel (Right Oriented - for D 2Pak only)
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 09/04
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of 30CTH02S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X