Part Number Hot Search : 
24C256 BUZ31 PTF10154 H16C60 102M0 LH101510 CY7C132 720LT
Product Description
Full Text Search
 

To Download 2N5031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
2N5031
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Features
* * * Silicon NPN, To-72 packaged VHF/UHF Transistor 1.2 GHz Current-Gain Bandwidth Product @ 5mA IC Maximum Unilateral Gain - 12 dB (typ) @ 400 MHz
1 4 2 3
1. Emitter 2. Base 3. Collector 4. Case
TO-72
DESCRIPTION:
General Purpose small-signal, pre-driver, and driver, applications targeted for military and industrial equipment.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol VCEO VCBO VEBO IC Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Value 10 15 3.0 20 Unit Vdc Vdc Vdc mA
Thermal Data
P
D Total Device Dissipation @ TA = 25C Derate above 25C 200 1.14 mWatts mW/ C
MSC1303.PDF 10-25-99
2N5031
ELECTRICAL SPECIFICATIONS (Tcase = 25C)
STATIC (off)
Symbol BVCEO BVCBO BVEBO ICBO Test Conditions Min. Collector-Emitter Breakdown Voltage (IC = 1.0 mAdc, IB = 0) Collector-Base Breakdown Voltage (IC= 0.01 mAdc, IE=0) Emitter-Base Breakdown Voltage (IE = 0.01mAdc, IC = 0) Collector Cutoff Current (VCE = 6.0 Vdc, IE = 0 Vdc) 10 15 3.0 Value Typ. 1.0 Max. 10 Unit Vdc Vdc Vdc nA
(on)
HFE DC Current Gain (IC = 1.0 mAdc, VCE = 6.0 Vdc) 25 300 -
DYNAMIC
Symbol fT CCB Test Conditions Min. Current-Gain - Bandwidth Product (IC = 5.0 mAdc, VCE = 6 Vdc, f = 100 MHz) Output Capacitance (IC = 1.0 mAdc, VCE = 6 Vdc, f = 450 MHz) 1200 Value Typ. 2.5 Max. 2500 Unit MHz dB
MSC1303.PDF 10-25-99
2N5031
FUNCTIONAL
Symbol Test Conditions Min. Maximum Unilateral Gain (1) Maximum Available Gain IC = 1 mAdc, VCE = 6Vdc, f = 400 MHz IC = 1 mAdc, VCE = 6Vdc, f = 400 MHz Value Typ. 12 12.4 Max. Unit dB dB
G
U max
-
MAG
Table 1. Common Emitter S-Parameters, @ VCE = 10 V, IC = 50 mA
f
S11
(MHz)
100 200 300 400 500 600 700 800 900 1000
|S11|
.610 .659 .671 .675 .677 .678 .677 .679 .678 .682
-137 -161 -171 -178 176 172 168 184 160 156
S21
|S21|
23.8 13.2 9.0 6.8 5.5 4.6 4.0 3.5 3.1 2.8
116 98 89 83 77 72 68 64 60 56
S12
|S12|
.026 .033 .040 .047 .055 .064 .073 .082 .092 .102
46 47 51 55 58 61 62 63 64 65
S22
|S22|
.522 .351 .304 .292 .293 .299 .306 .314 .322 .311
-78 -106 -120 -128 -132 -134 -135 -136 -138 -139
MSC1303.PDF 10-25-99
2N5031
MSC1303.PDF 10-25-99


▲Up To Search▲   

 
Price & Availability of 2N5031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X