Part Number Hot Search : 
V61308P C8051F3 SMA5103 B2010 215016P BU2520AX K4B1G16 FMMT493A
Product Description
Full Text Search
 

To Download 1N6531U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2,000 V - 5,000 V Rectifiers
0.05 A - 0.25 A Forward Current 70 ns Recovery Time
SURFACE MOUNT HERMETICALLY SEALED
1N6529U 1N6531U 1N6533U
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) 55C(1) Volts 1N6529U 1N6531U 1N6533U Amps Average Rectified Current (Io) 100C(2) Amps 25C A Reverse Current @ Vrwm (Ir) 100C A 25C Volts Forward Voltage 1 Cycle Repetitive Reverse Surge Surge Recovery Current Current Time tp=8.3ms (3) (Ifsm) (Ifrm) (Trr) 25C Amps 25C Amps 25C ns Thermal Impd. Junction Cap. @50VDC @1kHz (Cj) 25C pF
(Vf) 25C Amps
uJ-C
25C C / W
6
2000 3000 5000
0.250 0.100 0.050
0.125 0.050 0.025
0.1 0.1 0.1
10 10 10
3.0 7.0 9.0
0.025 0.025 0.025
10 8 4
1.50 1.25 0.75
70 70 70
20 20 20
4.0 2.0 1.0
(1)TC=55C (2)TC=100C (3)If=12.5mA, Ir=25.0mA, Irr=6.3mA *Op. Temp.= -65C to +175C Stg. Temp.= -65C to +200C
Markings: Three Dots for polarity.
.060(1.53) (2 PL)
A
DIA. .090(2.29) MAX.
.100 (2.54)
B
Part
A
B
.022
Dimension uncontrolled in this area due to solder fillet.
1N6529U 1N6531U 1N6533U
.190(4.83) .110(2.79) MAX. .210(5.34) .130(3.30) MAX. .230(5.84) .150(3.81) MAX.
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
157
1N6529U 1N6531U 1N6533U
POWER DERATING
4.5 4.0
Maximum Maxumum Power Dissipation (W)
12 10
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
3.5 3.0 2.5 2.0 1.5 1.0 2 0.5 0.0 0 25 50 75 100 125 Lead Temperature (C) Temperature (C) 150 175 0 0.0 0.5 1.0 Forward Current (A) 1.5 2.0 Forward Voltage (V) 8
1N6531U
6
1N6529U
4
1000.0
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
16.0 14.0
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
1N6533U
Reverse Current (uA)
Forward Voltage (V)
100.0
12.0 10.0 8.0 6.0 4.0 2.0
10.0
1.0
0.1 25 50 75 100 Temperature (C) Temperature (C) 125 150
0.0 0.0 0.5 1.0 Forward Current (A) 1.5 2.0
160 140 Reverse Recovery Time (ns) 120 100 80 60 40 20 0 25
TYPICAL REVERSE RECOVERY TIME VS. TEMPERATURE
5.0 4.5 Junction Capacitance (pF) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0
TYPICAL JUNCTION CAPACITANCE VS. REVERSE VOLTAGE AT 25C
1N6529U 1N6531U
1N6533U
50
75 100 Temperature (C) Temperature (C)
125
150
0
20
40 60 Reverse Bias Voltage (V)
80
100
158


▲Up To Search▲   

 
Price & Availability of 1N6531U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X