Part Number Hot Search : 
FM305 AD8631 IC18F RFM65CW C107M020 DDTA114 OL5155 LLSD103
Product Description
Full Text Search
 

To Download TMDM-C39SH001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Microminiature Connectors
With an increasing number of MDM connectors being used in avionics and military equipment and with increasing emphasis being put on EMI, RFI and EMP shielding, Cannon have developed a range of filter connectors to suit most applications. The TMDM receptacle accommodates from 8 to 37 sizes, 24 AWG socket contacts on 1,27 (.050) centres and mates with the standard MDM plugs. Features * * * * *
Filter-TMDM
Transverse monolith filter for EMI and RFI shielding. Rugged aluminum one piece shell. Silicone interfacial environmental seal. Glass filled diallyl phthalate insulator. A variety of filter types for each pin.
Specifications
Standard materials & finishes
Shell Insulator Contact, socket Interfacial seal ELECTRICAL DATA No. of contacts Dielectric withstanding voltage Insulation resistance Voltage rating (working) Current rating Maximum capacitance Filter type MECHANICAL FEATURES Size or length Coupling Polarization Contact spacing Shell style Aluminum alloy per QQ-A-200/8 with electroless nickel finish per QQ-N-290 Glass filled diallyl phthalate per MIL-M-14. Type SDGF Copper alloy, 50 microinch gold per MIL-G-45204, Type ll, Class l Silicone base rubber 9 to 37 300 VAC 5000 Mohm at 100 VDC 100 VDC 3 amps max. 250, 500, 1000, 2000 picofarads C 6 sizes Friction/jackscrews Keystone shaped shell .050 (1,27) centers Single piece receptacle
How to Order
TMDM - C1
Series Filter type Number of contacts Contact style Termination type Termination/modifier code Mounting code Modification code
Series: Filter TMDM - Micro "D" - Metal housing Filter type: "C" capacitor type C1 150 - 250 pF capacitance 300 - 500 pF capacitance C2 C3 700 - 1000 pF capacitance C4 1300 - 2000 pF capacitance Number of contacts: 9, 15, 21, 25, 31, 37 only Contact style: S - socket (receptacle) P - Pin (plug) Dimensions shown in inch (mm) Specifications and dimensions subject to change Termination type: H - harness, insulated solid or stranded wire L - lead, solid uninsulated wire Termination: Consult standard wire termination code for lead material and lead length Mounting code: A - Flange mounting, O.125 (3,18) mounting holes B - Flange mounting, O.092 (2,34) mounting holes L - Low profile (slotted head) M2 - Allen head jackscrew assembly, low profile M3 - Allen head jackscrew assembly, high profile M5 - Slot head jackscrew assembly, low profile M6- Slot head jackscrew assembly, high profile M7 - Jacknut assembly P - Jackpost Modification code: Shell finish MOD. Codes. * To be assigned as required * No number = Standard tin/lead finish
15
S
H
001 B-
*
www.ittcannon.com
25
Microminiature Connectors
Guaranteed Minimum Attenuation
Filter designation C1 C2 C3 C4 Capacitance range (pF) 150 - 250 300 - 500 700 - 1000 1300 - 2000 5 3 8 3 7 13 10 MHz 15 MHz 30 MHz Minimum Insertion Loss-decibels 50 MHz 100 MHz 200 MHz 4 6 13 18 6 12 17 23 15 18 25 30
Filter-TMDM
500 MHz 20 25 38 40
1 GHz 35 40 48 50
Standard Wire Termination Codes
Cannon Modification Codes - (Not Mil Spec) The following termination codes are listed for your information. For additional codes please refer to Appendix on page 79 and 81. All wire lengths are minimum. Harness Type (H) #26 AWG per MIL-W-16878/4 Type E Teflon, stranded Length (76.2) 3 6 (152.4) 8 (203.2) 10 (254.0) 12 (304.8) 18 (457.2) 20 (508.0) 24 (509.6) 30 (762.0) 36 (914.4) 48 (1219.2) 72 (1828.8) 120 (3048.0) All Yellow H020 H019 H026 H029 H028 H001 H038 H009 H010 H011 H013 H017 H042 Color Coded H027 H016 H034 H025 H002 H003 H023 H004 H005 H006 H048 H046 H041 Solid Uninsulated Type (L) #25 AWG gold plated copper. Code L61 L56 L57 L39 L58 L1 L14 L2 L7 L6 L6 L10 Length .125 (.18) .150 (3.81) .190 (4.83) .250 (5.35) .375 (9.52) .500 (12.70) .750 (19.05) 1.000 (25.40) 1.500 (38.10) 2.000 (50.80) 2.500 (63.50) 3.000 (76.20)
Shell Dimensions
A F B 7,60 10,90 (.299) (.500)* MAX MAX 5,06 (.199) MAX
D
G
E
2 HOLES O2,32 (.091) 0,08 (.003) Part Number by shell size MDMT-9S* MDMT-15S* MDMT-21S* MDMT-25S* MDMT-31S* MDMT-37S* A max .785 (19,94) .935 (23,75) 1.085 (27,60) 1.185 (30,10) 1.335 (33,90) 1.485 (37,70) B max .400 (10,16) .550 (13,97) .700 (17,78) .800 (20,32) .950 (24,13) 1.100 (28,00) C max .400 (10,16) .550 (13,97) .700 (17,78) .800 (20,32) .950 (24,13) 1.100 (28,00) D max .270 (6,86) .270 (6,86) .270 (6,86) .270 (6,86) .270 (6,86) .270 (6,86) E max .308 (7,83) .308 (7,83) .308 (7,83) .308 (7,83) .308 (7,83) .308 (7,83)
C *.750 max for pre-wired versions (H modifier above) F max 0,13 (.005) .565 (14,36) .715 (18,17) .865 (21,98) .965 (24,52) 1.115 (28,30) 1.265 (32,20) G max .251 (6,38) .251 (6,38) .251 (6,38) .251 (6,38) .251 (6,38) .251 (6,38)
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
26
Microminiature Connectors
Typical Filter Performance
Filter-TMDM
70 1300-2000 pF 60 700-1000 pF ATTENUATION (dB) 50 40 300-500 pF 30 150-250 pF 20 10 0 1 10 100 FREQUENCY (MHz) 1000
Dimensions shown in inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
27


▲Up To Search▲   

 
Price & Availability of TMDM-C39SH001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X