Part Number Hot Search : 
IRF7754 GOA94012 SK5200 EM78P W567S100 00152 LTC5509 BP2U1
Product Description
Full Text Search
 

To Download TL1107AF130BR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SERIES TL TACT SWITCHES
SWITCHES
SPECIFICATIONS
Rating: Electrical Life: Contact Resistance: Insulation Resistance: Dielectric Strength: Operating Force: 50mA@50 VDC 100,000 cycles 100m max., typical @ 2-4 VDC 100mA for both silver and gold plated contacts 1,000 min. >1,000 V rms at sea level 130 50 gf, 180 50 gf, 260 50 gf
MATERIALS
Housing: Actuator: Cover: Contacts: Terminals: 4/6 Nylon 4/6 Nylon Stainless steel Silver or Gold Stainless steel Silver or Gold plated brass
HOW TO ORDER
Series Model No. Actuator
("L" Dimension)
Operating Force
Termination
Contact Material
1107
A=4.3mm B=5.0mm
F130 F180 F260
B=Straight lead E=Reverse lead W=Side retention lead C=Base retention lead
Q=Silver R=Gold
EXAMPLE
TL 1107 A F130 E Q
ACTUATOR LENGTH (L)
Model No. TL1107A TL1107B `L' Dim. 4.3mm 5.0mm
OPERATING FORCE
Operating Force F130 = 130 50gf F180 = 180 50gf F260 = 260 50gf
86
Phone: 763-504-3525
Fax: 763-531-8235
www.e -switch.com
info@e-switch.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE.
TL
SERIES TL
SWITCHES TACT SWITCHES
TERMINATION OPTIONS
P.C. MOUNTING
8.54
1.3 [.051] (2 PL)
TL1107
B Termination (Straight Lead)
P.C. MOUNTING
8.54
1.3 [.051] (2 PL) 3.75 [.147]
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE.
TL1107
E Termination (Reverse Lead)
6.33 [.249]
P.C. MOUNTING
8.54
1.3 [.051] (2 PL)
TL1107
W Termination (Side Retention Lead)
P.C. MOUNTING
5.00 [.196]
1.3 [.051] (2 PL)
TL1107
C Termination (Base Retention Lead)
Phone: 763-504-3525
Fax: 763-531-8235
www.e -switch.com
info@e-switch.com
87


▲Up To Search▲   

 
Price & Availability of TL1107AF130BR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X