Part Number Hot Search : 
M55302 UES2604 SC1602D BU4316F RF1210D THN4301E 99000 40113
Product Description
Full Text Search
 

To Download TL1100AF160QTAK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SERIES TL TACT SWITCHES
SWITCHES
SPECIFICATIONS
Rating: Electrical Life: Contact Resistance: Insulation Resistance: Dielectric Strength: Operating Force: 50mA@50 VDC 100,000 cycles 100m max., typical @ 2-4 VDC 100mA for both silver and gold plated contacts 1,000M min. >1,000 V rms at sea level 160 50 gf, 260 50 gf
MATERIALS
Housing: Actuator: Cover: Contacts: Terminals: Polybutylene Terephthalate (PBT) Polybutylene Terephthalate (PBT) Polyester Silver plated phosphor bronze Silver plated copper alloy
HOW TO ORDER
Series Model No. Actuator
("L" Dimension)
Operating Force
Contact Material
Cap
(Where Avail.)
Cap Color
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE.
5.00 [.197]
TL
1100 (None)=3.3mm A=3.8mm B=4.554mm C=6.45mm Rt. Angle D=4.3mm E=7.5mm F=12mm G=11.2mm Rt. Angle F160 F260 Q=Silver R=Gold
/
See Cap Options
= Square Snap-on Actuator Head "L" Dimension is 7.3mm
EXAMPLE
TL 1100 C F260 Q TAK GRY
P.C. MOUNTING
1.80 [.071] 3.50 [.138] 1.80 [.071] 12.50 [.492] 14.10 [.555] 3.30 [.130] SQ. 0.50 [.020] 1.00x0.30 [.040x.012]
4.00 [.157]
1.30 [.051] TYP.
7.30 [.287]
12.50 [.492]
TL 1100
5.00 [.197]
80
Phone: 763-504-3525
Fax: 763-531-8235
www.e -switch.com
info@e-switch.com
SERIES TL
SWITCHES TACT SWITCHES
P.C. MOUNTING
1.30 [.051] TYP. 5.00 [.197]
1.7
12.50 [.492]
TL 1100 A
P.C. MOUNTING
2.4 [.094] TYP. 1.30 [.051] TYP.
5.00 [.197]
CL
9.00 [.354]
2.75 [.108]
TL 1100 C
1.30 [.051] (2 PL)
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE.
P.C. MOUNTING
1.30 [.051] TYP. 5.00 [.197]
TL 1100 B
12.50 [.492]
Actuator Length (L) in mm B = 4.55 mm D = 4.3 mm
TL 1100 D
P.C. MOUNTING
1.30 [.051] TYP.
1.7
5.00 [.197]
TL 1100 E
12.50 [.492]
Phone: 763-504-3525
Fax: 763-531-8235
www.e -switch.com
info@e-switch.com
81
SERIES TL TACT SWITCHES
SWITCHES
P.C. MOUNTING
1.30 [.051] TYP.
5.00 [.197]
1.7
12.50 [.492]
TL1100 F
P.C. MOUNTING
2.4 [.094] TYP. 1.30 [.051] TYP.
5.00 [.197]
CL
9.00 [.354]
TL1100 G
1.30 [.051] (2 PL)
82
Phone: 763-504-3525
Fax: 763-531-8235
www.e -switch.com
info@e-switch.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE.
2.75 [.108]


▲Up To Search▲   

 
Price & Availability of TL1100AF160QTAK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X