Part Number Hot Search : 
CZT751 S2001 CZT751 NJU7775F IC16C773 DM562P P0720SL 2SD1646
Product Description
Full Text Search
 

To Download SRU5028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
NT
Features
Available in E6 series Unit height of 2.8 mm Current up to 3.5 A Lead free RoHS compliant*
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
*R
oH
S
CO
M
PL
680
SRU5028 Series - Shielded SMD Power Inductors
Electrical Specifications
Inductance 100 KHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) I rms Max. (A) I sat Typ. (A)
RDC (m)
SRU5028-1R2Y SRU5028-2R2Y SRU5028-3R3Y SRU5028-4R7Y SRU5028-6R8Y SRU5028-100Y SRU5028-150Y SRU5028-220Y SRU5028-330Y SRU5028-470Y SRU5028-680Y SRU5028-101Y
1.2 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0

30 30 30 30 30 30 30 30 30 30 30 30
10 10 10 9 10 18 18 15 15 13 13 15
7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 0.796
200 130 90 50 55 25 23 18 16 13 10 8
16.8 21.0 24.0 32.0 42.0 63.0 108.0 162.0 203.0 285.0 450.0 625.0
3.50 3.20 2.80 2.20 2.00 1.80 1.10 0.95 0.80 0.70 0.56 0.47
3.40 2.50 2.10 1.85 1.55 1.40 1.00 0.85 0.68 0.62 0.46 0.42
General Specifications Test Voltage.....................................0.1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ................................260 C for 10 sec. Materials Core.....................Ferrite DR and RI core Wire .............................Enameled copper Base ......................................LCP E4008 Terminal ....................................Ag/Ni/Sn Rated Current ....................Ind. drop 35 % typ. at Isat Temperature Rise ......................40 C max. at rated Irms Packaging.....................600 pcs. per reel Product Dimensions
5.2 0.2 (.205 .008)
Electrical Schematic
Inductor Connection
5.2 0.2 (.205 .008)
LCR METER 2.8 0.2 (.110 .008)
Recommended Layout
1.1 (.043) REF. 1.1 (.043) REF. 1.1 (.043) REF.
3.7 (.146) REF.
3.9 TYP. (.154)
1.7 (.067) TYP.
3.7 (.146) REF. 2.0 (.079) REF. 1.1 (.043) REF. REF. 2.0 (.079)
1.8 TYP. (.071) 1.7 TYP. (.067)
DIMENSIONS:
MM (INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SRU5028 Series - Shielded SMD Power Inductors
Packaging Specifications
178 DIA. (7.008)
2.0 0.5 (.079 .020)
16.5 (.650) 13.0 0.5 (.512 .020) DIA. 50.0 (1.969) COVER TAPE EMBOSSED CAVITY
21.0 0.8 (.827 .031)
13.0 0.5 DIA. (.512 .020) 14 (.551)
EMBOSSED CARRIER 12.0 (.472)
END
4 (.157)
START
8 (.315)
NO COMPONENT NO COMPONENT COMPONENTS
160 (6.299)
400 (15.748)
USER DIRECTION OF FEED
QTY: 600 PCS. PER REEL DIMENSIONS: MM (INCHES)
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SRU5028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X