Part Number Hot Search : 
YDT157 15LR260 54FCT AD8188 160AT T1117 3362P253 TDA7273
Product Description
Full Text Search
 

To Download SRR1260-101M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
NT
Features
Available in E12 values
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
CO
M
PL
*R
47 0
oH
Inductance as low as 1.2 H Current rating to 9.2 amps Lead free RoHS compliant*
S
SRR1260 Series - Shielded SMD Power Inductors
Electrical Specifications
Inductance 100 kHz Bourns Part No. (H) Tol. % Q Typ. Test Frequency (MHz) SRF Min. (MHz) RDC Max. () I rms Max. (A) I sat Typ. (A)
SRR1260-1R2Y SRR1260-2R4Y SRR1260-3R5Y SRR1260-4R7Y SRR1260-6R1Y SRR1260-7R6Y SRR1260-100M SRR1260-120M SRR1260-150M SRR1260-180M SRR1260-220M SRR1260-270M SRR1260-330M SRR1260-390M SRR1260-470M SRR1260-560M SRR1260-680M SRR1260-820M SRR1260-101M
1.20 2.40 3.50 4.70 6.10 7.60 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0

30 30 30 30 30 30 20 20 20 20 20 20 20 20 20 20 20 20 20
18 18 22 19 21 16 32 27 25 28 29 26 27 22 22 24 22 25 26
7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796
91.1 63.8 37.6 36.7 29.8 27.9 21.0 19.4 17.6 15.5 13.4 12.7 9.97 10.4 7.63 7.92 7.43 6.85 6.07
0.0080 0.0115 0.0130 0.0155 0.0170 0.0190 0.0200 0.0230 0.0270 0.0360 0.0430 0.0450 0.0600 0.0700 0.0860 0.1000 0.1100 0.1450 0.1800
9.20 7.80 7.50 6.80 6.60 6.00 5.50 5.20 5.00 4.20 4.00 3.60 3.00 2.80 2.60 2.30 2.10 1.95 1.70
9.80 8.00 7.60 7.00 6.80 6.20 5.50 5.00 4.60 3.90 3.70 3.30 2.80 2.70 2.50 2.20 2.10 1.90 1.70
General Specifications Test Voltage.....................................0.1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ................................260 C for 10 sec. Materials Core ............................Ferrite DR and RI Wire .............Enameled copper wire 130 Terminal.....................................Cu/Ni/Sn Rated Current ....................Ind. drop 25 % typ. at Isat Temperature Rise ..................40 C max. at rated Irms Packaging ....................600 pcs. per reel
Product Dimensions
12.5 0.3 (.492 .012)
Electrical Schematic
Recommended Layout
REF. 5.4 (.213)
100
12.5 0.3 (.492 .012)
6.0 0.3 (.236 .012)
2.9 (.114) REF.
6.8 (.268) REF.
2.9 (.114) REF. 5.0 0.3 (.197 .012)
7.0 TYP. (.276)
DIMENSIONS:
MM (INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SRR1260 Series - Shielded SMD Power Inductors
Packaging Specifications
330 DIA. (12.99)
2.0 0.5 (.079 .020)
30.4 (1.197) 13.0 0.5 (.512 .020) DIA. 50.0 (1.969) THICKNESS 0.10 (.004) MAX. EMBOSSED CAVITY
21.0 0.8 (.827 .031)
13.0 0.5 DIA. (.512 .020) 26 (1.024) EMBOSSED CARRIER
END
4 (.157)
START
24 (.945)
100
100
100
16.0 (.63)
5.3 (.209)
NO COMPONENT
COMPONENTS
NO COMPONENT
160 (6.299)
390 (15.354)
USER DIRECTION OF FEED
QTY: 600 PCS. PER REEL
DIMENSIONS:
MM (INCHES)
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SRR1260-101M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X