Part Number Hot Search : 
1N4700C TL072BCN 1GT101DC 74LV1G PAM2845 HT3810H A3010 VP531
Product Description
Full Text Search
 

To Download SMA4012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A4012/SMA4012
1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER * WIDE BANDWIDTH: 1.0 TO 4.0 GHz * HIGH GAIN: 18 dB (TYP.) * MEDIUM OUTPUT POWER: +15.5 dBm (TYP.) * LOW NOISE FIGURE: 3.5 dB (TYP.)
Typical Performance @ 25C
Specifications (Rev. Date: 2/02)*
Characteristics Frequency Small Signal Gain (min.) Gain Flatness (max.) Reverse Isolation Noise Figure (max.) Power Output @ 1 dB comp. (min.) IP3 IP2 Second Order Harmonic IP VSWR Input / Output (max.) DC Current @ 5 Volts (max.) Typical
0 to 50C
Guaranteed
-54 to +85C
0.8-4.5 GHz 18.0 dB 0.4 dB 36 dB 3.5 dB 15.5 dBm +26 dBm +34 dBm +49 dBm 1.7:1 / 1.7:1 65 mA
1.0-4.0 GHz 17.5 dB 0.6 dB
4.0 dB 14.5 dBm
1.0-4.0 GHz 17.0 dB 0.8 dB 4.5 dB 14.0 dBm
1.9:1 / 1.9:1 73 mA
2.0:1 / 2.0:1 78 mA
*
Measured in a 50-ohm system at +5 Vdc Nominal. Subject to change without notice.
Absolute Maximum Ratings
Storage Temperature Max. Case Temperature Max. DC Voltage Max. Continuous RF Input Power Max. Short Term RF Input Power (1 minute max.) Max. Peak Power (3 sec max.) "S" Series Burn-in Temperature (Case)
-65 to +125C 125C +6 Volts +13 dBm 100 mW 0.25 W 125C
Thermal Data: Vcc = 5 Vdc
Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc
132C/W 0.171 W 24C
Outline Drawings
Package Figure Model TO-8 BG A4012 Surface Mount AA SMA4012 SMA Connectorized CE CA4012
Specifications subject to change without notice. * North America: 1-800-366-2266 Visit www.macom.com for complete contact and product information.
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of SMA4012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X