Part Number Hot Search : 
P30CA TIP122 C1403 B105K LTC37 11N60C TIP36B CMX602B
Product Description
Full Text Search
 

To Download SI3850DV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI3850DV
Vishay Siliconix
Complementary MOSFET Half-Bridge (N- and P-Channel)
PRODUCT SUMMARY
VDS (V)
N-Channel 20
rDS(on) (W)
0.500 @ VGS = 4.5 V 0.750 @ VGS = 3.0 V 1.00 @ VGS = -4.5 V 1.30 @ VGS = -3.0 V
ID (A)
"1.2 "1.0 "0.85 "0.75
P-Channel
-20
S2
TSOP-6 Top View
G1 D G2 1 6 S1 D D
2
5
G2
3
4
S2
G1
S1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C) Pulsed Drain Current Continuous Source Current (Diode Conduction) Maximum Power Dissipation p (Surface M (S f Mounted on FR4 B d) td Board) Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
N-Channel
20 "12 "1.2 "0.95 "3.5 1 1.25 0.8
P-Channel
-20 "12 "0.85 "0.65 "2.5 -1
Unit
V
A
W _C
-55 to 150
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient (Surface Mounted on FR4 Board, " v 10 sec)
Symbol
RthJA
N- or P- Channel
100
Unit
_C/W
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm Document Number: 70778 S-55457--Rev. B, 09-Mar-98 www.vishay.com S FaxBack 408-970-5600
2-1
SI3850DV
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage VGS(th) IGSS VDS = VGS, ID = 250 mA VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "12 V VDS = 20 V, VGS = 0 V Z G Vl DiC Zero Gate Voltage Drain Current IDSS VDS = -20 V, VGS = 0 V VDS = 20 V, VGS = 0 V, TJ = 70_C VDS = -20 V, VGS = 0 V, TJ = 70_C On-State Drain Currenta ID(on) VDS = 5 V, VGS = 4.5 V VDS = -5 V, VGS = -4.5 V VGS = 4.5 V, ID = 0.5 A Drain-Source On-State Resistancea DiS OS Ri rDS(on) VGS = -4.5 V, ID = -0.5 A VGS = 3.0 V, ID = 0.5 A VGS = -3.0 V, ID = -0.5 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = 10 V, ID = 1.2 A VDS = -10 V, ID = -0.85 A IS = 1 A, VGS = 0 V IS = -1 A, VGS = 0 V N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch 3.0 -2.0 0.38 0.70 0.55 1.10 2.7 1.2 1.2 -1.2 0.500 1.00 0.750 1.30 S W N-Ch P-Ch 0.6 -0.6 "100 1 -1 10 -10 A A mA V nA
Symbol
Test Condition
Min
Typ
Max
Unit
V
Dynamicb
Total Gate Charge Qg Qgs Qgd td(on) tr td(off) tf trr IF = 1 A, di/dt = 100 A/ms IF = -1 A, di/dt = 100 A/ms N-Channel N Ch Channel l VDD = 10 V, RL = 10 W ID ^ 1 A, VGEN = 4.5 V, RG = 6 W P-Channel VDD = -10 V RL = 10 W 10 V, ID ^ -1 A, VGEN = -4.5 V, RG = 6 W N-Ch N-Channel N Ch l VDS = 10 V, VGS = 4.5 V, ID = 1 2 A V 45V 1.2 P-Channel P Ch l VDS = -10 V, VGS = -4.5 V ID = -0.85 A P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch 0.8 1.10 0.25 0.50 0.2 0.2 10 8 20 20 20 10 16 8 40 40 20 15 40 40 40 20 30 15 80 80 ns 2.0 2.5 nC C
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Source-Drain Reverse Recovery Time
Notes a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width v 300 ms, duty cycle v 2%.
www.vishay.com S FaxBack 408-970-5600
2-2
Document Number: 70778 S-55457--Rev. B, 09-Mar-98
SI3850DV
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
3.5 VGS = 5.0 thru 4.0 V 3.0 I D - Drain Current (A) I D - Drain Current (A) 2.5 3.0 V 2.0 1.5 1.0 0.5 0 0 0.5 1.0 1.5 2.0 2.5 3.0 1.5 V 2.0 V 3.5 V 3.5 TC = -55_C 3.0 25_C 2.5 2.0 1.5 1.0 0.5 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 125_C
N CHANNEL
Transfer Characteristics
2.5 V
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.7 VGS = 3.0 V r DS(on)- On-Resistance ( W ) 0.6 0.5 0.4 0.3 0.2 VGS = 4.5 V C - Capacitance (pF)
120
Capacitance
100 Ciss
80
60
Coss
40
20 0.1 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 ID - Drain Current (A) 0 0
Crss
4
8
12
16
20
VDS - Drain-to-Source Voltage (V)
5 V GS - Gate-to-Source Voltage (V) VGS = 10 V ID = 1.2 A 4
Gate Charge
2.0 r DS(on)- On-Resistance ( W ) (Normalized)
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 1.2 A
1.6
3
1.2
2
0.8
1
0.4
0 0 0.2 0.4 0.6 0.8
0 -50
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 70778 S-55457--Rev. B, 09-Mar-98
www.vishay.com S FaxBack 408-970-5600
2-3
SI3850DV
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) N CHANNEL
Source-Drain Diode Forward Voltage
4.0 0.8
On-Resistance vs. Gate-to-Source Voltage
r DS(on)- On-Resistance ( W )
I S - Source Current (A)
TJ = 150_C 1.0
0.6
0.4
TJ = 25_C
0.2
ID = 1.2 A
0.1 0 0.3 0.6 0.9 1.2 1.5 VSD - Source-to-Drain Voltage (V)
0 0 1 2 3 4 5
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.2 30
Single Pulse Power
0.1 V GS(th) Variance (V) ID = 250 mA Power (W) -25 0 25 50 75 100 125 150 -0.0
24
18
-0.1
12 -0.2 6
-0.3
-0.4 -50
0 0.001
0.010
0.100 Time (sec)
1.000
10.000
TJ - Temperature (_C) 2 1 Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Normalized Effective Transient Thermal Impedance
0.2
Notes:
0.1 0.1 0.05
PDM t1
0.02
t2 1. Duty Cycle, D =
t1 t2 2. Per Unit Base = RthJA = 100_C/W
Single Pulse 0.01 10-4
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10-3
10-2
10-1
1
10
30
Square Wave Pulse Duration (sec) www.vishay.com S FaxBack 408-970-5600 Document Number: 70778 S-55457--Rev. B, 09-Mar-98
2-4
SI3850DV
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
2.5 VGS = 5.0 thru 4.0 V 2.0 I D - Drain Current (A) 3.5 V I D - Drain Current (A) 2.0 25_C 1.5 125_C 1.0 2.5 TC = -55_C
P CHANNEL
Transfer Characteristics
1.5 3.0 V 1.0 2.5 V 0.5 2.0 V 0 0 0.5 1.0 1.5 2.0 2.5 3.0
0.5
0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
2.0 r DS(on)- On-Resistance ( W ) VGS = 3.0 V
120
Capacitance
100 C - Capacitance (pF) 1.6 Ciss 80
1.2 VGS = 4.5 V 0.8
60
Coss
40 Crss
0.4
20
0 0 0.5 1.0 1.5 2.0 2.5 ID - Drain Current (A)
0 0 4 8 12 16 20
VDS - Drain-to-Source Voltage (V)
8 V GS - Gate-to-Source Voltage (V) VGS = 10 V ID = 0.85 A 6
Gate Charge
2.0 r DS(on)- On-Resistance ( W ) (Normalized)
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 0.85 A
1.6
1.2
4
0.8
2
0.4
0 0 0.3 0.6 0.9 1.2 1.5 1.8
0 -50
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 70778 S-55457--Rev. B, 09-Mar-98
www.vishay.com S FaxBack 408-970-5600
2-5
SI3850DV
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) P CHANNEL
Source-Drain Diode Forward Voltage
4.0 2.0
On-Resistance vs. Gate-to-Source Voltage
r DS(on)- On-Resistance ( W )
I S - Source Current (A)
TJ = 150_C 1.0
1.5
1.0
TJ = 25_C
0.5
ID =0.85 A
0.1 0 0.3 0.6 0.9 1.2 1.5 VSD - Source-to-Drain Voltage (V)
0 0 1 2 3 4 5
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.4 30
Single Pulse Power
0.3 V GS(th) Variance (V)
24 Power (W) 75 100 125 150
0.2
ID = 250 mA
18
0.1
12 0.0 6
-0.1
-0.2 -50
-25
0
25
50
0 0.001
0.010
0.100 Time (sec)
1.000
10.000
TJ - Temperature (_C) 2 1 Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Normalized Effective Transient Thermal Impedance
0.2
Notes:
0.1 0.1 0.05 0.02
PDM t1 t2 1. Duty Cycle, D = t1 t2
2. Per Unit Base = RthJA = 100_C/W
Single Pulse 0.01 10-4 10-3 10-2 10-1
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
1
10
30
Square Wave Pulse Duration (sec) www.vishay.com S FaxBack 408-970-5600 Document Number: 70778 S-55457--Rev. B, 09-Mar-98
2-6


▲Up To Search▲   

 
Price & Availability of SI3850DV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X