Part Number Hot Search : 
BLW29 93313 M5236 BLW29 SFR102 SMBD6100 2405E2 KK4027B
Product Description
Full Text Search
 

To Download SDR1307-150ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
NT
Features
Available in E12 series Small design of only 13 mm maximum
Applications
Input/output of DC/DC converters Power supplies for:
oH
S
CO
M
PL
diameter RoHS compliant*
*R
* Portable communications equipment * Camcorders * LCD TVs * CD players * Car radios
SDR1307 Series - SMD Power Inductors
Electrical Specifications
Inductance 100 kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) RDC (m) I rms Max. (A) I sat Typ. (A)
SDR1307-1R5ML SDR1307-2R2ML SDR1307-2R7ML SDR1307-3R3ML SDR1307-4R7ML SDR1307-5R6ML SDR1307-6R8ML SDR1307-8R2ML SDR1307-100ML SDR1307-120ML SDR1307-150ML SDR1307-180ML SDR1307-220ML SDR1307-270ML SDR1307-330KL SDR1307-390KL SDR1307-470KL SDR1307-560KL SDR1307-680KL SDR1307-820KL SDR1307-101KL SDR1307-121KL SDR1307-151KL SDR1307-181KL SDR1307-221KL SDR1307-271KL SDR1307-331KL SDR1307-391KL SDR1307-471KL SDR1307-561KL SDR1307-681KL SDR1307-821KL SDR1307-102KL
1.5 2.2 2.7 3.3 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000

20 20 20 20 20 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
20 22 24 26 25 24 24 24 22 25 28 28 40 35 35 28 24 22 24 18 25 20 20 18 15 15 15 12 12 10 10 10 10
7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.252
65.0 50.0 40.0 38.0 36.0 28.0 26.0 24.0 22.0 20.0 17.0 16.0 15.0 11.0 10.0 9.0 7.5 7.2 7.0 6.0 5.8 5.5 4.5 4.0 3.8 3.5 3.2 2.5 2.2 2.0 1.6 1.5 1.4
5.0 6.0 8.0 8.7 10.0 15.0 17.0 19.0 21.0 30.0 34.0 36.0 47.0 60.0 65.0 75.0 82.0 95.0 120.0 140.0 180.0 210.0 250.0 280.0 360.0 410.0 520.0 600.0 720.0 880.0 1000.0 1300.0 1600.0
9.50 9.00 8.20 7.50 7.00 6.50 6.00 5.80 5.60 4.80 4.50 4.20 3.60 3.30 3.10 2.90 2.70 2.50 2.30 2.10 1.90 1.80 1.60 1.50 1.30 1.20 1.10 1.00 0.90 0.85 0.80 0.75 0.65
20.00 18.00 16.00 15.00 13.00 11.00 10.50 9.80 9.20 8.00 7.50 7.00 6.50 5.50 5.00 4.60 4.20 3.80 3.50 3.20 3.00 2.80 2.60 2.30 2.10 1.80 1.60 1.50 1.40 1.30 1.20 1.10 1.00
General Specifications Test Voltage.....................................0.1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature ..-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core ...............................Ferrite DR core Wire ...................Enamelled copper wire Terminal.....................................Ag/Ni/Sn Rated Current ....................Ind. drop 10 % typ. at Isat Temperature Rise ......................40 C max. at rated Irms Packaging.....................400 pcs. per reel Product Dimensions
13.0 0.5 (.512 .020)
7.0 0.3 (.276 .012)
5.0 REF. (.197)
13.0 0.5 (.512 .020)
Recommended Layout
REF. 14.0 (.551) 4.5 (.177) REF.
Electrical Schematic
14.0 REF. (.551)
DIMENSIONS:
MM (INCHES)
Typical Part Marking
START
101
FINISH
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SDR1307 Series - SMD Power Inductors
Packaging Specifications
2.0 0.5 (.079 .020)
330 (12.992) DIA.
30.4 (1.197) THICKNESS 0.10 (.004) MAX. 50.0 (1.969) EMBOSSED CAVITY
21 0.8 (.827 .039)
13.0 0.5 (.512 .020) DIA.
13.0 0.5 DIA. (.512 .020) EMBOSSED CARRIER 26.0 (1.024) 24.0 (.945)
DIMENSIONS:
24.0 (.945)
END
MM (INCHES)
4 (.157)
START
101
101
101
101
16 (.630)
NO COMPONENT NO COMPONENT COMPONENTS
160 (6.299)
390 (15.354)
USER DIRECTION OF FEED
QTY: 400 PCS. PER REEL
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR1307-150ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X