Part Number Hot Search : 
APTGT200 2N3055 HZC10 28F512 HV101K5 MC74HC SKHI21A CMF04
Product Description
Full Text Search
 

To Download SDR0805-180ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features
Available in E12 series Small design of only 7.8 mm maximum
Applications
Input/output of DC/DC converters Power supplies for:
oH
S
CO
M
NT
diameter RoHS compliant*
*R
* Portable communications equipment * Camcorders * LCD TVs * CD-players * Car radios
SDR0805 Series - SMD Power Inductors
Electrical Specifications
Inductance 1kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) RDC () I rms Max. (A) I sat Typ. (A)
SDR0805-1R5ML SDR0805-2R5ML SDR0805-3R3ML SDR0805-3R9ML SDR0805-4R7ML SDR0805-5R6ML SDR0805-6R8ML SDR0805-7R5ML SDR0805-100ML SDR0805-120ML SDR0805-150ML SDR0805-180ML SDR0805-220ML SDR0805-270KL SDR0805-330KL SDR0805-390KL SDR0805-470KL SDR0805-560KL SDR0805-680KL SDR0805-820KL SDR0805-101KL SDR0805-121KL SDR0805-151KL SDR0805-181KL SDR0805-221KL SDR0805-271KL SDR0805-331KL SDR0805-391KL SDR0805-471KL SDR0805-561KL SDR0805-681KL SDR0805-821KL SDR0805-102KL SDR0805-122KL SDR0805-152KL SDR0805-182KL SDR0805-222KL SDR0805-272KL SDR0805-332KL SDR0805-392KL SDR0805-472KL
1.5 2.5 3.3 3.9 4.7 5.6 6.8 7.5 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700

20 20 20 20 20 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
32 32 32 32 31 31 30 29 25 25 25 20 20 20 15 15 15 15 15 12 12 12 12 12 12 12 12 12 12 30 29 28 27 28 27 30 29 31 28 28 30
7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.252 0.252 0.252 0.252 0.252 0.252 0.252 0.252 0.252
120 70 55 45 38 34 33 30 22 20 16 15 13 12 10 10 9 9 8 7 7 6 6 5 5 5 4 4 4 4 3 3 3 2 2 2 2 1 1 1 1
0.02 0.02 0.02 0.02 0.03 0.04 0.04 0.05 0.07 0.08 0.09 0.10 0.11 0.12 0.14 0.16 0.20 0.24 0.30 0.37 0.45 0.48 0.68 0.77 0.96 1.11 1.26 1.77 1.96 2.50 2.80 4.00 4.50 6.80 8.00 9.20 10.00 11.80 16.50 18.00 21.00
6.00 5.00 4.50 4.40 3.70 3.50 3.20 2.80 2.30 2.00 1.80 1.60 1.50 1.30 1.20 1.10 1.00 0.94 0.85 0.78 0.72 0.66 0.58 0.51 0.49 0.42 0.40 0.36 0.34 0.30 0.28 0.23 0.21 0.17 0.15 0.14 0.13 0.12 0.10 0.09 0.08
9.10 7.20 6.30 5.70 5.00 4.60 4.10 3.70 3.20 3.00 2.70 2.60 2.30 2.10 1.90 1.70 1.60 1.50 1.30 1.20 1.10 1.00 0.85 0.80 0.80 0.66 0.58 0.55 0.50 0.46 0.42 0.35 0.34 0.28 0.26 0.23 0.20 0.18 0.17 0.16 0.15
General Specifications Test Frequency ..............................1 KHz Test Voltage........................................1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core ................................Ferrite DR core Wire .....................Enameled copper wire Terminal.....................................Ag/Ni/Sn Rated Current ....................Ind. drop 10 % typ. at Isat Temperature Rise .......................40C max. at rated Irms Packaging...................1000 pcs. per reel Product Dimensions
7.8 MAX. (.307)
5.3 MAX. (.209)
2.6 TYP. (.102)
7.8 MAX. (.307)
Recommended Layout
8.0 MAX. (.315) 2.6 (.102) MAX.
8.0 MAX. (.315)
DIMENSIONS:
MM (INCHES)
Typical Part Marking
START
101
FINISH
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SDR0805 Series - SMD Power Inductors
Packaging Specifications
2.0 0.5 (.079 .020)
Materials Paper Plastics
22.4 (.883) THICKNESS 0.10 (.004) MAX. EMBOSSED CAVITY 50.0 (1.969)
330 (12.992) DIA.
21 0.8 (.827 .039)
13.0 0.5 (.512 .020) DIA.
13.0 0.5 DIA. (.512 .020)
EMBOSSED CARRIER 18 (.709)
DIMENSIONS:
16 (.63)
END
MM (INCHES)
4 (.157)
START
12 (.472)
NO COMPONENT COMPONENTS NO COMPONENT
6.2 .244
200 (7.874) t = .35 (.014)
12000 (472.441)
400 (15.748)
USER DIRECTION OF FEED
QTY: 1000 PCS. PER REEL
Strength Of Cover Tape
165 TO 180 TOP COVER TAPE
BASE TAPE
The force for tearing off cover tape is 10 to 130 grams in the arrow direction.
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR0805-180ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X