Part Number Hot Search : 
2SC6098 2SC213 2SB16 2453D ON0613 LC74402 GRM32 STS26B21
Product Description
Full Text Search
 

To Download SDR0703-100KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features
Available in E12 series Low height of only 2.7 mm High Isat of 3.2 Amps RoHS compliant*
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
*R
oH
S
CO
M
NT
SDR0703 Series - SMD Power Inductors
Electrical Specifications
Inductance 100 kHz
Bourns Part No. (H) Tol. %
Q Ref.
Test Frequency (MHz)
SRF Min. (MHz)
RDC ()
I rms Max. (A)
I sat Typ. (A)
SDR0703-1R0ML SDR0703-1R2ML SDR0703-1R8ML SDR0703-2R2ML SDR0703-2R7ML SDR0703-3R3ML SDR0703-3R9ML SDR0703-4R7ML SDR0703-5R6ML SDR0703-6R8ML SDR0703-8R2ML SDR0703-100KL SDR0703-120KL SDR0703-150KL SDR0703-180KL SDR0703-220KL SDR0703-270KL SDR0703-330KL SDR0703-390KL SDR0703-470KL SDR0703-560KL SDR0703-680KL SDR0703-820KL SDR0703-101KL SDR0703-121KL SDR0703-151KL SDR0703-181KL SDR0703-221KL SDR0703-271KL SDR0703-331KL SDR0703-391KL SDR0703-471KL SDR0703-561KL SDR0703-681KL SDR0703-821KL SDR0703-102KL
1.0 1.2 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000

20 20 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
25 25 25 24 23 23 22 20 20 20 20 23 20 23 20 20 20 17 18 20 20 18 18 33 32 30 33 31 30 33 36 33 36 32 32 30
7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.252
160.0 145.0 105.0 95.0 80.0 65.0 70.0 60.0 56.0 45.0 40.0 36.0 36.0 30.0 30.0 26.0 20.0 20.0 18.0 15.0 13.0 13.0 12.0 11.0 10.0 9.0 7.0 7.0 7.0 6.0 5.5 5.0 4.2 4.0 3.6 3.2
0.042 0.047 0.052 0.060 0.065 0.075 0.080 0.100 0.105 0.115 0.150 0.170 0.180 0.240 0.280 0.300 0.400 0.450 0.550 0.720 0.800 0.900 1.18 1.56 1.75 2.00 2.70 3.00 3.60 4.80 6.20 7.00 9.20 10.50 12.00 14.20
2.20 2.00 1.90 1.80 1.70 1.65 1.58 1.50 1.40 1.30 1.10 1.00 0.90 0.75 0.70 0.65 0.60 0.56 0.50 0.40 0.39 0.38 0.33 0.27 0.26 0.25 0.19 0.18 0.17 0.16 0.14 0.13 0.11 0.10 0.09 0.08
3.20 3.00 2.70 2.60 2.50 2.35 2.25 2.10 2.00 1.90 1.50 1.40 1.30 1.12 1.05 0.95 0.88 0.82 0.73 0.64 0.60 0.56 0.47 0.40 0.37 0.34 0.30 0.28 0.22 0.19 0.18 0.16 0.15 0.15 0.14 0.13
General Specifications Test Voltage.....................................0.1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature ..-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ................................260 C for 10 sec. Materials Core ..............................................Ferrite Wire ................Enameled copper 130 C Base..................................................LCP Adhesive ....................................6020H-6 Terminal .........................................Cu/Sn Rated Current ....................Ind. drop 10 % typ. at Isat Temperature Rise ..................20 C max. at rated Irms Packaging ....................500 pcs. per reel Product Dimensions
6.5 0.3 (.256 .012)
4.5 0.2 (.177 .008)
2.7 0.2 (.106 .008)
2.4 REF. (.094) 4.9 (.193) REF.
Recommended Layout
7.0 (.276) REF.
Electrical Schematic
3.2 (.126) REF.
REF.
1.5 (.059)
4.0 (.157) REF.
1.5 REF. (.059)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
DIMENSIONS:
MM (INCHES)
SDR0703 Series - SMD Power Inductors
Typical Part Marking
START 178.0 (7.00) DIA.
Packaging Specifications
2.0 0.5 (.079 .020)
100
18.4 (.724)
THICKNESS 0.10 (.004) MAX.
21.0 0.8 (.827 .031)
13.0 0.5 (.512 .020) DIA. 50.0 (1.969)
EMBOSSED CAVITY
13.0 0.5 DIA. (.512 .020)
EMBOSSED CARRIER
14.0 (.551)
8.0 (.315)
4.0 (.157)
100
100
100
100
100
QTY: 500 PCS. PER REEL
DIMENSIONS:
MM (INCHES)
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR0703-100KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X