Part Number Hot Search : 
BAT40 TVT15AW 316MS8E IP122 90W10 80N6F P125K 1C474
Product Description
Full Text Search
 

To Download SD101C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD101A - SD101C
FEATURES :
* For general purpose applications * The LL101 series is a metal-on-silicon Schottky barrier device which is protected by a PN junction guard ring. * The low forward voltage drop and fast switching make it ideal for protection of MOS devices, steering, biasing and coupling diodes for fast switching and low logic level applications. * These diodes are also available in the MiniMELF case with type designations LL101A thru LL101C. * Pb / RoHS Free
SCHOTTKY BARRIER DIODES
DO - 35 Glass (DO-204AH)
0.079(2.0 )max.
1.00 (25.4) min.
Cathode Mark
0.150 (3.8) max.
0.020 (0.52)max.
MECHANICAL DATA :
Case: DO-35 Glass Case Weight: approx. 0.13g
1.00 (25.4) min.
Dimensions in inches and ( millimeters )
Maximum Ratings and Thermal Characteristics (Rating at
Parameter
Repetitive Peak Reverse Voltage Maximum Single Cycle Surge 10ms Square Wave Power Dissipation (Infinite Heatsink) Thermal Resistance Junction to Ambient Air Junction Temperature Storage temperature range SD101A SD101B SD101C
25 C ambient temperature unless otherwise specified.)
Symbol
VRRM IFSM PD RJA TJ TS
Value
60 50 40 2 (1) 400 (1) 0.3 125(1) -55 to + 150 (1)
Unit
V A mW C/mW C C
Note: (1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature.
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter
Reverse Breakdown Voltage SD101A SD101B SD101C SD101A SD101B SD101C SD101A SD101B SD101C SD101A SD101B SD101C
Symbol
V(BR)R
Test Condition
IR = 10 A VR = 50 V VR = 40 V VR = 30 V IF = 1mA
Min 60 50 40 -
Typ -
Max 200 200 200 0.41 0.4 0.39 1.0 0.95 0.9 1
Unit V
Reverse Current
IR
nA
Forward Voltage Drop
VF IF = 15mA Trr IF = IR = 5mA , recover to 0.1IR
V
Reverse Recovery Time Page 1 of 2
ns
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( SD101A - SD101C )
Typical variation of forward current and forward voltage for primary conduction through the schottky barrier 10
SD101C
Typical forward conduction curve of combination Schottky barrier and PN junction guard ring 100
SD101A
5 Forward Current , IF (mA) 2 1 0.5 0.2 0.1 0.05 0.02 0.01 0 0.5
SD101A SD101B
SD101B
Forward Current , IF (mA)
80
SD101C
60
40
20
0 1 0 0.5 Forward Voltage , VF (V) Typical variation of reverse current at various temperatures 1 Forward Voltage , VF (V) Typical capacitance curve as a function of reverse Voltage
2
Tj = 25C
100 50 20
Reverse Current , IR (A)
10 5 2 1 0.5 0.2 0.1 0.05 0.02
Ta = 125C
Typical Capacitance , C (pF) T
SD101B
SD101C
1
SD101A
Ta = 25C
0 0 10 20 30 40 50 Reverse Voltage , VR (V)
0.01 0 10 20 30 40 50
Reverse Voltage , VR (V)
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of SD101C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X