Part Number Hot Search : 
CA3035 B4812 EUP3458 93L66 TL432B HCT04 80MHZ TL432B
Product Description
Full Text Search
 

To Download SA1A-TN1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sensors
SA1A and SA1B: High-Speed, Slim Style Photoelectric Sensors
SA1A and SA1B: High-Speed, Slim Style Photoelectric Sensors
Key features of the SA1A and SA1B include: * Ideal for installations with broad or narrow clearances * Available with through-beam between the projector and receiver, which features a sensing range of 6'-6-3/4" (2m) * Sensing by diffuse-reflected light available, with a sensitivity adjustment for eliminating the interference of background light * Through-beam and diffuse-reflected light sensors are featured in all configurations * Configurations include NPN or PNP transistor output, with light on or dark on (senses the presence or absence of an object) * Adverse results and circuit damage are avoided through protection from reverse polarity * High-speed, 1ms response time * Automatic reset with power-up * Protection rated IP66 Power Voltage Operating Voltage Current Draw Dielectric Strength Insulation Resistance Operating Humidity Operating Temperature Storage Temperature Vibration Resistance Shock Resistance Extraneous Light Immunity Material Degree of Protection Cable Cable Extension Weight
12V to 24V DC 10V to 30V DC, (ripple 10% maximum) 25mA (maximum) Between live and dead parts: 1,000V AC, 50/60Hz, 1 minute Between live and dead parts: 20M (minimum), with 500V DC megger 35 to 85% RH (avoid condensation) -15 to +55C (avoid freezing) -25 to +65C Damage limits: 10 to 55Hz, amplitude 1.5mm p-p, 2 hours in each of 3 axes Damage limits: 500m/s2 (approximately 50G), 10 shocks in each of 3 axes Sunlight: 10,000 lux (maximum), Incandescent light: 3,000 lux (maximum) -- defined as incident or unwanted light received by a sensor, unrelated to the presence or absence of the intended object Housing and lens: polycarbonate IP66 -- IEC Pub 529, sensors rated IP66 are dust-tight, water-resistant, and perform best when not subjected to heavy particle or water blasts Cable type: 0.2mm2; Vinyl cabtyre cable #26 AWG x 6'-6-3/4" (2m) long Transmitter: 2-core, Receiver: 4-core 328' (100m) maximum using #22 AWG (0.3mm2) cabtyre cable or better Projector: 40g; Receiver: 45g
General Specifications
Narrow/Flat Type Function Specifications Detection Sensitivity Hysteresis Output Light Source LED Response
SA1A/B-TN1, -TN2
Through-beam ---- ----
SA1A/B-DN1, -DN2
Diffuse-reflected light Adjustable 20% (maximum)
SA1A/B-TP1, -TP2
Through-beam ---- ----
SA1A/B-DP1, -DP2
Diffuse-reflected light Adjustable 20% (maximum)
NPN transistor open collector 30V DC, 100mA (maximum) Infrared LED (modulation mode) On: When output is on 1ms (maximum)
PNP transistor open collector 30V DC, 100mA (maximum)
Q
Sensors
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
Q-47
SA1A and SA1B: High-Speed, Slim Style Photoelectric Sensors
Part Numbers: SA1A and SA1B Sensors Part Number Type Output On SA1A-TN1
NPN Light On: No Object Detected Dark On: Object Detected Light On: No Object Detected Dark On: Object Detected Light On: Object Detected Dark On: No Object Detected Light On: Object Detected Dark On: No Object Detected Light On: No Object Detected Dark On: Object Detected Light On: No Object Detected Dark On: Object Detected Light On: Object Detected Dark On: No Object Detected Light On: Object Detected Dark On: No Object Detected
Sensors
Detects Style
Sensing Range
SA1A-TN2 SA1A-TP1 SA1A-TP2 SA1A-DN1
ThroughBeam PNP
6' - 6-3/4" (2m)
Opaque Objects O 0.20" (5mm) Minimum
NPN
SA1A-DN2 SA1A-DP1 SA1A-DP2 SA1B-TN1
Reflected Light PNP
1.97" (50mm)
Opaque or Transparent Objects
Broad Style
NPN
SA1B-TN2 SA1B-TP1 SA1B-TP2 SA1B-DN1
ThroughBeam PNP
6' - 6-3/4" (2m)
Opaque Objects O 0.20" (5mm) Minimum
NPN
SA1B-DN2 SA1B-DP1 SA1B-DP2
Reflected Light PNP
1.97" (50mm)
Opaque or Transparent Objects
Narrow Style
All sensors include mounting brackets/screws. Through-beam sensors come with a crimping tool, and diffuse-reflected sensors include a screwdriver.
Modifying Beam Width: Through-Beam
Slit options, ordered separately, modify the beam size of through-beam sensors. Use when interference results from mounting sensors in close proximity. Part Number and Slit Width
SA9Z-S01 0.02" (0.5mm) SA9Z-S02 0.04" (1mm) SA9Z-S03 0.08" (2mm)
Used on One Side
19.69" (0.5m) 39.37" (1m) 59.06" (1.5m)
Used on Both Sides
11.81" (0.3m) 23.62" (0.6m) 35.43" (0.9m)
Q
Sensors
Q-48
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
Sensors
SA1A and SA1B: High-Speed, Slim Style Photoelectric Sensors
Dimensions
SA1A (Broad View): Through-Beam and Diffuse-Reflected Light 0.87"
(22mm)
0.07"
(1.8mm)
0.31"
(8mm)
0.04"
(1mm)
Center of Projection 1.50" 0.75"
(19mm) (38mm)
0.22"
(5.5mm)
Through-Beam 0.79" (20mm) Diffuse-Reflected 0.65" (16.5mm) 0.98"
(25mm)
0.22"
(5.5mm)
0.30"
(7.5mm)
0.12"
(3mm)
O 0.126" x 0.28" Deep
(3.2 x 7.1mm) Two Places
0.63"
(16mm)
0.55" to 0.87"
(14 to 22mm)
0.43"
(11mm)
SA1B (Narrow View): Through-Beam and Diffuse-Reflected Light 0.04" 0.30"
(7.5mm) (1mm)
0.39"
(10mm)
0.04"
(1mm)
0.87"
(22mm)
Center of Projection O 0.126" x 0.28" Deep
(3.2 x 7.1mm) Two Places
0.22"
(5.5mm)
O 0.12"
(M3) Two Places
0.75"
(19mm)
Through-Beam 0.83" (21mm) Diffuse-Reflected 0.69" (17.5mm) 0.71"
(18mm)
1.42"
(36mm)
0.98"
(25mm)
0.12"
(3mm)
0.43" 0.22"
(5.5mm) (11mm)
0.63"
(16mm)
Option with Slit: Modify Beam Size of Through-Beam Sensor
Part No. SA9Z-
(6.1mm)
0.24"
(19.2mm)
0.76"
(4.5mm)
0.18"
0.35"
(9mm)
S01: O 0.02" (0.5mm) x 0.20" (5mm) S02: O 0.04" (1.0mm) Long Slot S03: O 0.08" (2mm) Two Places
(7mm)
0.28"
2. For through-beam sensors, dimensions for the projector and receiver are the same. On all sensors, the cord is O 0.16" x 6' - 6-3/4" long (O 4mm x 2m).
Q
Sensors
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
Q-49
Sensors
General Information
Specifications Do not operate a sensor under any conditions exceeding these specifications. Do not operate a sensor under current and voltage conditions other than those for which the individual sensor is rated. Do not exceed the recommended operating temperature and humidity. Although sensors are rated for operation below 0C, this specification does not imply that performance characteristics will remain constant under prolonged freezing conditions. Continued exposure and the accompanying frost, ice, dew, and condensation which accumulate on the optical surface will adversely affect sensor performance. To maintain superior performance characteristics, do not exceed vibration and shock resistance ratings while operating a sensor. In addition, avoid isolated impacts to the sensor housing which are severe enough to adversely affect the waterproof characteristics. Extraneous Light
General Information
Bright, extraneous light such as sunlight, incandescent lights, or fluorescent lights may impair the performance of sensors in detecting color or light.
3. SA6A ultrasonic sensors are not affected by extraneous light.
Make sure that extraneous light does not exceed recommended levels found in the individual specifications sections. When 500 lux is specified, this is equal to 50 footcandles. The average factory illumination is ordinarily below this level, except in areas where visual inspection is being performed. Only in such brightly lit areas is incident light of particular concern. Unwanted light interference can often be avoided simply by making sure that the optical receiver is not aimed directly toward a strong light source. When mounting direction cannot be adjusted, place a light barrier between all nearby light sources and the receiver. Reflected-Light Sensors
IEC (International Electrotechnical Commission) Ratings Sensors rated IP67 are resistant to moisture when occasionally immersed in still water. Sensors rated IP64 through IP66 are resistant to moisture when occasionally subjected to splashing or when located in the vicinity of turbulent waters. These ratings do not imply that a sensor is intended for use under continual high-pressure water spray. Avoid such applications to maintain optimal sensor performance. Sensors rated IP64 through IP67 are dust-tight and water-tight. For best performance, avoid using any sensor in an area where it will be subjected to heavy particle blasts and where dust, water, or steam will accumulate on the optical surface.
When installing sensors which detect reflected light, make sure that unwanted light reflections from nearby surfaces, such as the floor, walls, reflective machinery, or stainless steel, do not reach the optical receiver. Also, make sure that reflected-light sensors mounted in close proximity do not cause interfering reflections. When it is not possible to maintain the recommended clearance between sensors, as noted in the individual installation sections, provide light barriers between sensors. Through-Beam Sensors A slit attachment is available to modify the beam size of through-beam sensors. This option is recommended for detecting very small objects (near the size of the smallest object which a sensor can detect) or for eliminating light interference when sensors are mounted in close proximity. Laser Sensors IMPORTANT: Always consider safety when installing a laser sensor of any kind. Make sure that the laser beam cannot inadvertently shine into the eyes of people passing by or working in the vicinity. See safety information on page Q-20.
Start-up Do not test the housing for dielectric strength and insulation resistance, since the housing is connected to the electronic circuit ground of a sensor. Do not perform dielectric strength and insulation resistance tests on electrical systems without disconnecting photoelectric sensors, as such testing may result in damage to the sensor. Several lines of sensors, as noted in the individual operation sections, are provided with an internal circuit to turn an output off for a specified amount of time upon power-up. This delay is normal; it prevents a transient state when turning power on.
Mounting The mounting bracket and hardware are included with sensors, where applicable. Use the appropriate hardware for mounting, along with washers and spring washers or lock nuts. Do not overtighten attachment hardware. Overtightening causes damage to the housing and will adversely affect the waterproof characteristics of the sensor. Best results can be obtained when the sensor is mounted so that the object sensed is in the center of the beam, rather than when the object is located near the edges of the sensing window. In addition, the most reliable sensing occurs when the majority of the objects being sensed are well within the sensing range, rather than at the extreme near and far limits.
Optimum Performance The optical surface of each sensor must be cleaned on a regular basis for continual superior performance. Use a soft cloth dipped in isopropyl alcohol to remove dust and moisture build-up. IMPORTANT: Do not use organic solvents (such as thinner, ammonia, caustic soda, or benzene) to clean any part of a sensor. All sensors experience signal inconsistencies under the influence of inductive noise. Do not use sensors in close proximity to transformers, large inductive motors, or generators. Avoid using sensors in direct contact with sources of excessive heat. Also avoid operation in close proximity to welding equipment.
1. 2.
Q
Sensors
Even though the SA6A ultrasonic sensor features protection against noise, there may be adverse effects from strong noise. It is strongly recommended to avoid using any sensor where it will be continually subjected to elements which impair performance or cause corrosive damage to the sensor. In particular, avoid strong vibrations and shocks, corrosive gases, oils, and chemicals, as well as blasts of water, steam, dust, or other particles.
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
Q-55
General Information
Wiring Avoid running high-voltages or power lines in the same conduit with sensor signal lines. This prevents inaccurate results or damage from induced noise. Use a separate conduit when the influence of power lines or electromagnetic equipment may occur, particularly when the distance of the wiring is extended. IMPORTANT: Connect the sensor cables and wires as noted in the individual Wiring sections. Failure to connect as shown in wiring diagrams will result in damage to the internal circuit. When extending sensor cables and wires, make sure to use cables equal or superior to that recommended in the individual specifications sections. When wiring terminals, be sure to prevent contact between adjoining terminals. When using ring or fork lug terminals, use the insulated sleeve style only. Each sensor terminal can accept only one ring of fork lug terminal. On ISF series photoelectric sensors, use recommended cable, along with the attached packing gland and washer, when wiring the terminals. This ensures waterproof and dustproof characteristics. Power Supply Noise resistance characteristics are improved when a sensor is grounded to the 0V power terminal. If the 0V power terminal is not at ground potential, use a ceramic 0.01F capacitor which can withstand 250V AC minimum. When using a switching power supply, be sure to ground the FG terminal to eliminate high-frequency noise. The power supply should include an insulating transformer, not an autotransformer. On ISF series photoelectric sensors, the power supply should be sized according to the voltage drop through the lead wire when using a long extension for the DC type (328' or 100m maximum extension). Power Supply The compact PS5R-A power supply is the perfect companion item for most IDEC sensors. This power supply is only 1.77" (45mm) wide, 3.15" (80mm) tall, and 2.76" (70mm) deep. Call an IDEC representative for more details. Part Number PS5R-A12 PS5R-A24 Output Ratings 12V DC, 0.62A 24V DC, 0.32A
Sensors
Glossary Attenuation: Reduction of beam intensity as a result of environmental factors such as dust, humidity, steam, etc. Dark on: Output energized when light is not detected by the receiving element. For through-beam sensors, light from the projector is not detected by the receiver when an object is present. For reflected light sensors, light is not detected when it is not reflected from an object surface. Diffuse-reflected light sensors: Sensors that detect all scattered, reflected light. Light reflected from nearby surfaces, as well as intended object surface, is detected. Diffuse-reflected light sensors are often called "proximity switches," since they switch when any object is near. Also use to detect color contrast when colors reflect light intensity differently (green LED recommended for this application). EEPROM: Acronym which stands for electronically erasable, programmable, read only memory. Excess gain: Ratio of optical power available at a given projector-toreceiver range divided by the minimum optical power required to trigger the receiver. Extraneous light: Incident light received by a sensor, irrelated to the presence or absence of object being detected. Extraneous light is usually unwanted background light such as sunlight and incandescent lamps in close proximity. E: The measurement of color difference as a three-variable function, located on an XYZ axis of light, hue, and chroma values. Hysteresis: Operating point and release point at different levels. For solid state sensors, this is accomplished electrically. For mechanical switches, it results from storing potential energy before the transition occurs. Light on: Output energized when light is detected by receiving element. For through-beam sensors, light from the projector is detected by the receiver when an object is not present. For reflected light sensors, light is detected when it is reflected from an object surface. Linearity: Measurement of how nearly linear, that is, how accurate actual analog output is, with respect to distance. NPN/PNP: Types of open collector transistors. NPN is a sink transistor; output on establishes negative potential difference. PNP is a source transistor; output on establishes positive potential difference. Polarizing: Filtering out all reflected light except that which is projected in one plane only. Polarized retro-reflected light sensors detect the light from corner-cube type reflectors when an object is not present. Reflected-light sensors: Sensors with the projector and receiver in one housing. Light is projected by the light source, and reflected light is received by the optical surface. Includes diffuse-reflected, retro-reflected, limited-reflected, and spot-reflected sensors. Miscellaneous Repeatability: Ability of a sensor to reproduce output readings consistently when the same value is applied consecutively, in the same direction, for a specified number of cycles, or for a specified time duration. Resolution: Overall dimension of the smallest object which can be detected (when sensing the presence of an object) or smallest increment of distance which can be distinguished with reliable results (when sensing the position of an object). Response time: Time elapsed between input and output. Total response time is the sum of object detection, amplifier response, and output response times.
Strong magnetic fields may detract from the accuracy of the sensing measurement. Avoid mounting a sensor directly to machinery, since the housing is connected to the electronic circuit ground of the sensor. If it is necessary to mount a sensor on machinery, use the insulating plate and sleeve provided.
Q
Sensors
Retro-reflective scan: This type of reflected light sensor uses a special reflector to return projected light when an object is not present. Sensor detects the presence of an object when the light is reflected differently. Through-beam sensors: Sensors with a separate projector and receiver. The light source from the projector is detected by the receiver, except when an object is present. Transient: Undesirable surge of current (many times larger than normal current) for a very short period, such as during the start-up of an inductive motor.
Q-56
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC


▲Up To Search▲   

 
Price & Availability of SA1A-TN1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X