Part Number Hot Search : 
BZX85C39 Y5DU56 R60R065 86M90C0B 35000 SRC1207M EGP10G C8051F
Product Description
Full Text Search
 

To Download S7AH-12F250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input 1.0V-3.3V/12A Output
x7AH-12Fxx0 Series
* * * * Non-Isolated Fixed frequency (300kHz) Low profile package (7.82mm) Under-voltage lockout (UVLO) * * * * OCP/SCP Trim function (Option) Remote On/Off Remote Sense (SMD module)
Description
The Bel x7AH-12Fxx0 series are part of the low cost non-isolated DC/DC converter series. These converters are available in a range of output voltages from 1.0V to 3.3V. It is packaged in a compact, overmolded package rated at 12A. The output is closely regulated and the efficiency of 3.3V output module is typically 93% at full load. Typical features include remote on/off, input under voltage lockout, over current protection and short circuit protection.
Part Selection
Output Voltage 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V Input Voltage 4.5V - 5.5V 3.6V - 5.5V 3.0V - 5.5V 3.0V - 5.5V 3.0V - 5.5V 3.0V - 5.5V Max. Output Current 12A 12A 12A 12A 12A 12A Max. Output Power 39.6W 30.0W 21.6W 18.0W 14.4W 12.0W Typical Efficiency 93% 89% 87% 84% 82% 80% Part Number Surface Mount S7AH-12F330 S7AH-12F250 S7AH-12F180 S7AH-12F150 S7AH-12F120 S7AH-12F100 Part Number Vertical Mount V7AH-12F330 V7AH-12F250 V7AH-12F180 V7AH-12F150 V7AH-12F120 V7AH-12F100
Note: Add "0" suffix at the end of the model number to indicate "Tube Packaging", and "R" for "Reel Packaging", and "G" for "Tray Packaging".
Absolute Maximum Ratings
Parameter Input Voltage (continuous) Output Enable Terminal Voltage Ambient Temperature Storage Temperature Min -0.3V -0.3V -40C -55C Typ Max 6V 7V 85C 125C Notes
Input Specifications
Parameter Input Voltage VO=3.3V VO=2.5V VO=1.8-1.0V Input Current (no load) Input Current (full load) VO=3.3V VO=2.5V VO=1.8V VO=1.5V VO=1.2V VO=1.0V Remote Off Input Current 4.5V 3.6V 3.0V 120mA 2mA 5.5V 5.5V 5.5V 200mA 11A 10.5A 9.0A 8.1A 6.5A 5.2A 5mA Min Typ Max Notes
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input
Parameter Input Reflected Ripple Current (pk-pk) Input Reflected Ripple Current (RMS) I t Inrush Current Transient Turn on Voltage Threshold Turn off Voltage Threshold
2
1.0V-3.3V/12A Output
Min Typ 260mA 75mA 0.09A s 2.1V 2V
2
Input Specifications (continued)
Max 320mA 120mA 0.2A s 2.4V
2
Notes With simulated source impedance of 500nH, 5Hz to 20MHz; use a 270uF/6.3V cap with ESR=0.03 ohm max at 100KHz
Note: All specifications are typical at 25C unless otherwise stated.
Output Specifications
Parameter Output Voltage Set Point VO=3.3V VO=2.5V VO=1.8V VO=1.5V VO=1.2V VO=1.0V Line Regulation Load Regulation Regulation Over Temperature (-40C to +85C) VO=3.3V VO=2.5V VO=1.8V VO=1.5V VO=1.2V VO=1.0V Output Current Current Limit Threshold Short Circuit Surge Transient Ripple and Noise (RMS) Ripple and Noise (pk-pk) Turn on Time Overshoot at Turn on Output Capacitance Transient Response Overshoot 50% ~ 100% Max Load Settling Time Overshoot 100% ~ 50% Max Load Settling Time Overshoot 50% ~ 100% Max Load Settling Time Overshoot 100% ~ 50% Max Load Settling Time Overshoot 50% ~ 100% Max Load Settling Time Overshoot 100% ~ 50% Max Load Settling Time Min 3.234V 2.450V 1.764V 1.470V 1.176V 0.980V 0A 20A 330uF Typ 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 1mV 2mV 10mV 9mV 7mV 6mV 5mV 4mV 2 0.3A s 12mV 50mV 5mS 0% 110mV 40uS 110mV 40uS 100mV 30uS 100mV 30uS 90mV 20uS 90mV 20uS Max 3.366V 2.550V 1.836V 1.530V 1.224V 1.020V 4mV 5mV 15mV 13mV 12mV 11mV 10mV 9mV 12A 30A 2 0.6A s 21mV 90mV 10mS 3% 4800uF 150mV 80uS 150mV 80uS 150mV 60uS 150mV 60uS 130mV 40uS 130mV 40uS Test conditions: 0-20MHz BW; 1uF ceramic capacitor and 330uF external capacitor at the output. Notes
Test conditions: Vin=5V, Io= 50% load
VO=3.3V
VO=2.5V
Test conditions: di/dt=0.5A/us, Vin=5V, with 330uF external load capacitance.
VO=1.0V 1.8V
Note: 1. All specifications are typical at 5V input, full load at 25C unless otherwise stated.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input 1.0V-3.3V/12A Output
General Specifications
Parameter Efficiency VO=3.3V VO=2.5V VO=1.8V VO=1.5V VO=1.2V VO=1.0V Efficiency VO=1.8V VO=1.5V VO=1.2V VO=1.0V Switching Frequency Output Trim Range Remote Sense Compensation MTBF Dimensions (surface mount) Inches (L x W Millimeters (L x W Dimensions (vertical) Inches (L x W Millimeters (L x W Weight x H) x H) x H) x H) 85% 81% 79% 76% 250KHz 90%VO 88% 84% 82% 79% 300KHz 4,038,174 hours 0.78 x 0.70 x 0.32 19.81 x 17.78 x 8.128 0.70 x 0.308 x 0.65 17.78 x 7.82 x 16.51 5.1g 350KHz 110%VO 10% SMD module Calculated Per Bell Core TR-332 (IO = 9.6A, Vin=5V; Ta = 25C) Vin=3.3V, full load 90% 86% 84% 81% 79% 77% 93% 89% 87% 84% 82% 80% Vin=5V, full load Min Typ Max Notes
Control Specifications
Parameter Remote On/Off Min Signal Low (Unit Off) 2.1V (Vin=3.0V) Signal High (Unit On) 3.15V (Vin=4.5V) 3.85V (Vin=5.5V) Typ Max 0.9V (Vin=3.0V) 1.35V (Vin=4.5V) 1.65V (Vin=5.5V) Remote on/off pin open, unit on. Notes
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input 1.0V-3.3V/12A Output
Output Trim Equations
Equations for calculating the trim resistor (in k) given the desired adjusted voltage (Vadj) and the nominal output voltage of the converter (Vnom) are shown below. The Trim Down resistor should be connected between the Trim pin and Vout. The Trim Up resistor should be connected between the Trim pin and Ground. Only one of the resistors should be used for any given application.
RTrimDown =
A -B Vnom - Vadj
Vout Rtrimdown Module Trim GND
RTrimUp =
Vadj
C -D - Vnom
Vout Module Trim Rtrimup GND
Vnom 3.3 2.5 1.8 1.5 1.2 1.0
A 161.391 111.674 68.576 50.000 31.240 18.850
B 161.900 208.900 287.900 287.900 208.900 161.900
C 43.330 43.330 43.330 43.330 43.330 43.330
D 100.000 147.000 226.000 226.000 147.000 100.000
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input 1.0V-3.3V/12A Output
Efficiency Data
100.00% 95.00% 90.00% 85.00% 80.00% 75.00% 70.00% 1 2 3 4 5 6 7 8 9 10 11 12
75.00% 95.00%
90.00%
4.5V 5.0V 5.5V
85.00%
80.00%
3.6V 4.5V 5.5V
70.00% 1 2 3 4 5 6 7 8 9 10 11 12
x7AH-12F330
95.00% 90.00% 85.00% 80.00% 75.00% 70.00% 65.00% 60.00% 1 2 3 4 5 6 7 8 9 10 11 12 3V 3.3V 5V 5.5V
80.00% 75.00% 70.00% 65.00% 60.00% 1 2 3 95.00% 90.00% 85.00%
x7AH-12F250
3V 3.3V 5V 5.5V
4
5
6
7
8
9
10
11
12
x7AH-12F180
95.00% 90.00% 85.00% 80.00% 75.00% 70.00% 65.00% 60.00% 1 2 3 4 5 6 7 8 9 10 11 12 3V 3.3V 5V 5.5V
70.00% 65.00% 60.00% 1 2 3 95.00% 90.00% 85.00% 80.00% 75.00%
x7AH-12F150
3V 3.3V 5V 5.5V
4
5
6
7
8
9
10
11
12
x7AH-12F120
x7AH-12F100
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input 1.0V-3.3V/12A Output
Thermal Derating Curves
S7AH-12F330
V7AH-12F330
S7AH-12F250
V7AH-12F250
S7AH-12F180
V7AH-12F180
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input 1.0V-3.3V/12A Output
Thermal Derating Curves (continued)
S7AH-12F150
V7AH-12F150
S7AH-12F120
V7AH-12F120
S7AH-12F100 Test Condition: Derating curves are tested at 5V input.
V7AH-12F100
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input 1.0V-3.3V/12A Output
bel
Pin Connections
Pin 1 2 3 4 5 6 7 Function Remote On/Off (option) Vin Ground Vout Trim (option) Remote Sense (option) N/A
bel
Pin Connections
Pin Function Remote On/Off (option) Vin Ground Vout Trim (option)
bel
1 2 3 4 5
2004 Bel Fuse Inc. Specifications subject to change without notice. 112504
CORPORATE Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST Bel Fuse Ltd. 8F/ 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com


▲Up To Search▲   

 
Price & Availability of S7AH-12F250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X