Part Number Hot Search : 
AS15DC B89PV 2SC39 MAX6337 MAX20 MOC30 41612 RFP450
Product Description
Full Text Search
 

To Download RT1416B6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCI & PCIX Network
Technical Data Sheet
RoHS Compliant Parts Available
Description
This system bus bias network is designed to provide high performance resistor bias termination for single ended parallel busses. Designed with a ceramic substrate, this device minimizes channel capacitance, a primary cause of reduced system performance. In addition, the BGA package eases routing design, saving the designer many hours of printed circuit layout. The BGA packaging has been proven to reduce rework and improve reliability.
Features
* *
* * * * 8 or 16 Bit Network Compliant to PCI and PCIX Ultra Low Channel Capacitance Laser Trimmed Resistance to 1% Tolerance Slim BGA Package RoHS Compliant Designs Available * Compatible with both lead and lead free processes
Style F
8 Bits
3 2 1 A B C D
16 Bits
3 2 1 A B C D E F G H
Electrical Specifications
Resistor Tolerance: TCR Operating Temperature Range Maximum Resistor Power: Maximum Package Power: Process Requirements: Maximum Temperature 1.0% 200ppm/C -55C to +125C 0.05 Watts at 70C 1.0 Watts at 70C Per IPC/JEDEC J-STD-020C
Typical Application
VTT RT24 17
Chip Set
VTT
Ordering Information
1.00mm Pitch Standard Part No. RT1415B7 RT1416B7 RT1417B7 RT1418B7 1.27mm Pitch Standard Part No. RT1415B6 RT1416B6 RT1417B6 RT1418B6 Style R Array Size 3x4 3x4 3x8 3x8 1.00mm Pitch RoHS Part No. RT2415B7 RT2416B7 RT2417B7 RT2418B7 1.27mm Pitch RoHS Part No. RT2415B6 RT2416B6 RT2417B6 RT2418B6
Packaging Information
Suffix
Tape Width Carrier Pitch Reel Diameter Parts/Reel
TR7
24 mm 8 mm 7 inch 1,000
TR13
24mm 8 mm 13 inch 4,000
8 Bits 8 Bits 16 Bits 16 Bits
4.7K 8.2K 4.7K 8.2K
Part Number Coding 7 inch reel, Add TR7 to part number, example RT2415B7TR7 13 inch reel, Add TR13 to part number, example RT2415B7TR13 (Bulk packaging is not available)
Direction of Fee d
CTS Electronic Components www.ctscorp.com
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. Page 1 PCI & PCIX Terminators
March 06
Recommended Land Pattern
Outline of Substrate
BGA Routing Scheme
VTT Island .005 Inch Wide Traces
PCB Pad Diameter 1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum) 1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Solder Mask Dia = Pad Diameter +.15mm(.006 inch)
For .006" Thick Solder Paste Stencil, Aperture Opening Should be Equal to the PCB Pad Diameter. Refer to www.ctscorp.com/components/clearone.asp for additional PCB design information
Mechanical Diagram
L H
W
RT_4__B_ CTS YRWK
A1 Identifier
P (Pitch)
P (Pitch)
K
D
1.27 mm Pitch
RT1415B6 RT1416B6 RT1417B6 RT1418B6 RT2415B6 RT2416B6 RT2417B6 RT2418B6 RT1415B7 RT1416B7 RT1417B7 RT1418B7 RT2415B7 RT2416B7 RT2417B7 RT2418B7 8 Bit mm inch 16 Bit mm inch
L
5.080.15 .200.006
W
3.810.15 .150.006
H
1.320.15 .052.006
P
1.270.25 .050.010
D
0.760.05 .030.002
K
0.640.25 .025.010
10.160.15 .400.006
3.810.15 .150.006
1.320.15 .052.006
1.270.25 .050.010
0.760.05 .030.002
0.640.25 .025.010
1.00 mm Pitch
8 Bit mm inch 16 Bit mm inch
L
4.000.15 .157.006
W
3.000.15 .118.006
H
1.190.15 .047.006
P
1.000.25 .039.010
D
0.640.05 .025.002
K
0.500.25 .020.010
8.000.15 .315.006
3.000.15 .118.006
1.190.15 .047.006
1.000.25 .039.010
0.640.05 .025.002
0.500.25 .020.010
Complete ClearONE Product, Processing, and Application Information can be found at the following link: http://www.ctscorp.com/components/clearone.asp
CTS Electronic Components www.ctscorp.com
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. Page 2 PCI & PCIX Terminators
March 06


▲Up To Search▲   

 
Price & Availability of RT1416B6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X