Part Number Hot Search : 
TQS5202 GRM033R LTC1588 MTD3055 LTC1588 ST72324 USB3315 H11AA1SD
Product Description
Full Text Search
 

To Download PG128128A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 128128-A
OUTLINE DIMENSION & BLOCK DIAGRAM
42.5 1.5 11.5 79.0 62.0 55.01
5 3 2 13 8 2
2.5 5.0 94.0 100.0 0.5
5.0 37.0
1.6
H2
6.3MAX
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 85.0 x 100.0 62.0 x 62.0 0.40 x 0.40 0.43 x 0.43
H1
0.3mm
MECHANICAL SPECIFICATION
Module W /O B/L EL B/L LED B/L
0.03
H2 / H1 6.1 / 14.0 6.1 / 14.0 9.2 / 17.1
PIN ASSIGNMENT
Pin no. 1 2 3 4 5 6 7 8 9 10 11-18 19 20 Symbol FGND Vss Vdd Vo WR RD CE C/D NC RESET
ABSOLUTE MAXIMUM RATING
Min. -0.3 0 -0.3
Function Frame ground Power supply(GND) Power supply(+) Contrast Adjust Data write Data read
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
0.4
5.0
3.0
4-R1.75
m o .c U t4 e e h S ta a .D w w w
128 x 128 Dots
A K 47.5
50.0
73.4 62.0 55.01
D0~D7 WR RD CE CD RESET FS Vss Vo Vdd A K
8 T6963C
COM COM 8K RAM
CRYSTAL
64
LCD PANEL
64 80 4 48
COL
4
COL
4
BACKLIGHT
0.4
13.3
20
2
AK
0.03
19
1
20- 1.0 PAD20- 1.8 22.86 8.0 (P2.54 x 9) 75.0 85.0 0.5
2.5 2.54
4- 1.0 24.0
Max. Units V 7.0 22.0 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Chip enable Command / data select No connection Reset DB0-DB7 Data bus line FS Font selection No connection NC
Item Symbol Condition Min. Typical Max. Units 4.5 5.5 Power supply voltage Vdd-Vss 25oC V Top N WNW NW V -20oC V LCD operation voltage Vop
0oC
18.1 19 20
LCM current consumption (No B/L)
Idd
Backlight current consumption
LED/edge VB/L=4.2V
LED/array VB/L=4.2V
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
om .c 4U et he aS at .D w w w
25oC
17.5 18.4 19.3
50oC
16.5
17.4
18.3
70oC
Vdd=5V
8.0
450
V V V V mA mA mA


▲Up To Search▲   

 
Price & Availability of PG128128A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X