Part Number Hot Search : 
PC910 BL0938 KTA1270 2A122K TA8205AH P6MTP NFM41 4ACT5
Product Description
Full Text Search
 

To Download MDS001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDS Series Micro Snap-acting Detect Switches
Features/Benefits * Snap-acting tactile feel * Small package size * Available in vertical or
right angle PCB mount
Typical Applications * Detect the presence of
a mechanical device * Medical devices * Consumer electronic devices
* Long total travel of 2,9 mm * RoHS compliant
Specifications
CONTACT RATING: 0.3A @ 6 VDC. MECHANICAL & ELECTRICAL LIFE: 10,000 operations. CONTACT RESISTANCE: 200 m max. OPERATING TEMPERATURE: -25C to +70C. SOLDERABILITY: Wave solder, no wash. PACKAGING: Bulk.
Materials
HOUSING & BASE: P.P.S. ACTUATOR: Nylon 4/6 MOVABLE CONTACT: Copper alloy, tin & silver plated. STATIONARY CONTACTS: Copper alloy, silver plated. TERMINALS: Copper alloy, tin plated.
NOTE: MDS series is RoHS compliant, but not compatible. See technical data section of this catalog for RoHS compliant and compatible definitions and specifications. NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
How To Order
Complete part numbers for MDS Series Switches are shown below.
PC MOUNTING
.276 (7,0) OP. POS.
PART NUMBER
DESCRIPTION Vertical
MDS001
SCHEMATIC
MDS001 SPDT
SPDT
F Detect
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
F-14
www.ittcannon.com
MDS Series Micro Snap-acting Detect Switches
PC MOUNTING
PART NUMBER
DESCRIPTION Right Angle, Left bend
.276 (7,0) OP. POS.
MDS002
SCHEMATIC
MDS002 SPDT
.060 (1,52)
SPDT
PC MOUNTING
PART NUMBER
DESCRIPTION Right Angle, Right bend
.276 (7,0) OP. POS.
MDS003
SCHEMATIC
MDS003 SPDT
SPDT
.060 (1,52)
PC MOUNTING
F Detect
.091 (2,3)
PART NUMBER
DESCRIPTION Right Angle, Right bend
.063 DIA. (1,6) .059 TYP. (1,5)
.157 (4,0)
.276 (7,0) OP. POS.
MDS005
SCHEMATIC
.268 (6,8) .024 TYP. (0,6) COM NO NC .063 (1,6) .106 (2,7) .098 TYP. (2,5) .323 (8,2) .106 (2,7)
SPDT
.031 TYP. (0,8) .051 TYP. (1,3)
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
F-15
www.ittcannon.com
MDS Series Micro Snap-acting Detect Switches
PC MOUNTING
.091 (2,3)
PART NUMBER
DESCRIPTION Right Angle, Left Bend
.063 DIA. (1,6) .059 TYP. (1,5)
.157 (4,0)
.276 (7,0) OP. POS. .268 (6,8)
MDS006
SCHEMATIC
COM NO NC
SPDT
.031 TYP. (0,8) .051 TYP. (1,3) .323 (8,2)
.063 (1,6)
.024 TYP. (0,6)
.106 (2,7) .106 (2,7)
.098 TYP. (2,5)
PC MOUNTING
.091 (2,3)
PART NUMBER
DESCRIPTION Vertical
.063 DIA. (1,6) .181 (4,6)
.157 (4,0)
.276 (7,0) OP. POS. .268 (6,8)
MDS007
SCHEMATIC
SPDT
COM NO NC
.172 (4,37)
.063 (1,6) .024 TYP. (0,6) .106 (2,7)
.031 TYP. (0,8) .051 TYP. (1,3) .323 (8,2) .098 TYP. (2,5)
F Detect
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
F-16
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of MDS001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X