Part Number Hot Search : 
AP2012EC AMS5010 CSFR102 TL431I PUMH1 OMY140 LM101 47M355
Product Description
Full Text Search
 

To Download MC74LVX138 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74LVX138 3-to-8 Line Decoder
With 5V-Tolerant Inputs
The MC74LVX138 is an advanced high speed CMOS 3-to-8 line decoder. The inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V systems to 3.0 V systems. When the device is enabled, three Binary Select inputs (A0 - A2) determine which one of the outputs (O0 - O7) will go Low. When enable input E3 is held Low or either E2 or E1 is held High, decoding function is inhibited and all outputs go high. E3, E2, and E1 inputs are provided to ease cascade connection and for use as an address decoder for memory systems.
Features
http://onsemi.com MARKING DIAGRAMS
16 SOIC-16 D SUFFIX CASE 751B 1 LVX138 AWLYWW
* * * * * * * * *
High Speed: tPD = 5.5 ns (Typ) at VCC = 3.3 V Low Power Dissipation: ICC = 4 mA (Max) at TA = 25 C Power Down Protection Provided on Inputs Balanced Propagation Delays Low Noise: VOLP = 0.5 V (Max) Pin and Function Compatible with Other Standard Logic Families Latchup Performance Exceeds 300 mA ESD Performance: Human Body Model > 2000 V; Machine Model > 200 V Pb-Free Packages are Available*
16 TSSOP-16 DT SUFFIX CASE 948F 1 LVX 138 ALYW
16 SOEIAJ-16 M SUFFIX CASE 966 1 LVX138 ALYW
A WL or L Y WW or W
= = = =
Assembly Location Wafer Lot Year Work Week
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
March, 2005 - Rev. 2
Publication Order Number: MC74LVX138/D
MC74LVX138
VCC 16 O0 15 O1 14 O2 13 O3 12 O4 11 O5 10 O6 9
PIN NAMES
Pins A0-A2 E1-E2 E3 O0-O7 Function Address Inputs Enable Inputs Enable Input Outputs
1 A0
2 A1
3 A2
4 E1
5 E2
6 E3
7 O7
8 GND
Figure 1. 16-Lead Pinout (Top View)
15 14 13 12 11 10 9 7
O0 O1 O2 O3 O4 O5 O6 O7 DATA OUTPUTS
A0
1
SELECT INPUTS
A1
2
A2
3
E1 ENABLE INPUTS E2 E3
4 5 6
Figure 2. Logic Diagram
INPUTS E1 H X X L L L L L L L L E2 X H X L L L L L L L L E3 X X L H H H H H H H H A0 X X X L H L H L H L H A1 X X X L L H H L L H H A2 X X X L L L L H H H H O0 H H H L H H H H H H H O1 H H H H L H H H H H H O2 H H H H H L H H H H H
OUTPUTS O3 H H H H H H L H H H H O4 H H H H H H H L H H H O5 H H H H H H H H L H H O6 H H H H H H H H H L H O7 H H H H H H H H H H L
H = High Voltage Level; L = Low Voltage Level; X = High or Low Voltage Level and Transitions Are Acceptable; For I CC reasons, DO NOT FLOAT Inputs
http://onsemi.com
2
MC74LVX138
A0 A1 A2 A3 A4 H 123 A0 A1 A2 E A0 A1 A2 123 E A0 A1 A2 123 E A0 A1 A2 123 E
`04
O0 O1 O2 O3 O4 O5 O6 O7 O0
O0 O1 O2 O3 O4 O5 O6 O7
O0 O1 O2 O3 O4 O5 O6 O7
O0 O1 O2 O3 O4 O5 O6 O7 O31
Figure 3. Expansion to 1-of-32 Decoding
ORDERING INFORMATION
Device MC74LVX138DR2 MC74LVX138DR2G MC74LVX138DTR2 MC74LVX138M MC74LVX138MG MC74LVX138MEL MC74LVX138MELG Package SOIC-16 SOIC-16 (Pb-Free) TSSOP-16* SOEIAJ-16 SOEIAJ-16 (Pb-Free) SOEIAJ-16 SOEIAJ-16 (Pb-Free) Shipping 2500 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel 50 Units / Rail 50 Units / Rail 2000 Tape & Reel 2000 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS
SymbolIIIIIIIIIIIIIIIIIIIIIII Parameter VCC Vin DC Supply Voltage DC Input Voltage Value Unit V V V -0.5 to +7.0 -0.5 to +7.0 Vout IIK DC Output Voltage -0.5 to VCC +0.5 -20 20 25 75 Input Diode Current mA mA mA mA IOK Iout Output Diode Current DC Output Current, per Pin ICC PD DC Supply Current, VCC and GND Pins Power Dissipation 180 mW _C Tstg Storage Temperature -65 to +150 Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
http://onsemi.com
3
II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III I II III I I I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III I II III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII I II III I II III II III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III I I III I I I I I I II III I II III I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III I I III I I I I I I II III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII I III I I I I I I I II IIII I I II II IIII I II IIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I II IIII II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII I IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I II IIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I I I IIIIIIIIIIIIIIIIIIIIII I II IIII I II IIII I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII III I I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I III IIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
DC ELECTRICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
Symbol
Symbol
SymbolIIIIIIIIIIIIIIIIIIIIIIIMinIIII Unit Parameter Max
Dt/DV
tOSHL tOSLH
tPLH, tPHL
tPLH, tPHL
tPLH, tPHL
VOH
VCC
Vout
VOL
VIH
ICC
VIL
Vin
TA
Iin
Output-to-Output Skew (Note 1)
Propagation Delay E1 or E2 to O
Propagation Delay E3 to O
Propagation Delay Input to Output
Quiescent Supply Current
Input Leakage Current
Low-Level Output Voltage (Vin = VIH or VIL)
High-Level Output Voltage (Vin = VIH or VIL)
Low-Level Input Voltage
High-Level Input Voltage
Input Rise and Fall Time
Operating Temperature, All Package Types
DC Output Voltage
DC Input Voltage
DC Supply Voltage
Parameter
Parameter
VCC = 2.7V VCC = 3.3 0.3V
VCC = 3.3 0.3V
VCC = 2.7V
VCC = 3.3 0.3V
VCC = 2.7V
VCC = 3.3 0.3V
VCC = 2.7V
IOH = -50mA IOH = -50mA IOH = -4mA
Vin = VCC or GND
Vin = 5.5V or GND
IOL = 50mA IOL = 50mA IOL = 4mA
Test Conditions
Test Conditions
http://onsemi.com
MC74LVX138
CL = 15pF CL = 50pF
CL = 15pF CL = 50pF
CL = 15pF CL = 50pF
CL = 15pF CL = 50pF
CL = 15pF CL = 50pF
CL = 15pF CL = 50pF
CL = 50pF CL = 50pF
VCC V
4 3.6 3.6 2.0 3.0 3.0 2.0 3.0 3.0 2.0 3.0 3.6 2.0 3.0 3.6 1.9 2.9 2.58 Min Min 1.5 2.0 2.4 - - - - - - - - - - - - - - - - - - - - - - TA = 25C TA = 25C 8.8 11.3 8.7 11.2 Typ Typ 6.9 9.4 6.8 9.3 5.5 8.0 7.1 9.6 0.0 0.0 - 2.0 3.0 - - - - - - - - - - - 8.8 12.3 0.1 0.1 0.36 10.4 13.9 16.0 19.5 10.6 14.1 16.3 19.8 13.8 17.3 Max 0.1 Max 4.0 0.5 0.8 0.8 - - - - - - 2.5 2.5 TA = - 40 to 85C TA = - 40 to 85C 1.9 2.9 2.48 Min Min -40IIII _C +85 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 1.5 2.0 2.4 - - - - - - - - 0 0 0 - - 0.1 0.1 0.44 18.5 22.0 12.5 16.0 19.5 23.0 10.5 14.0 16.5 20.0 Max 40.0 Max 11.5 15.0 1.0 VCC 100 5.5 3.6 0.5 0.8 0.8 - - - - - - 2.5 2.5 ns/V Unit Unit mA mA ns ns ns ns V V V V V V V
MC74LVX138
III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I III I I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
CAPACITIVE CHARACTERISTICS
TA = 25C Typ 4 TA = - 40 to 85CIII MinIIII Unit Max - - 10 - pF pF Symbol Cin Parameter Min - - Max 10 - Input Capacitance CPD Power Dissipation Capacitance (Note 2) 34 2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC . CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 3.3V, Measured in SOIC Package)
TA = 25C Symbol VOLP VOLV VIHD VILD Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum High Level Dynamic Input Voltage Maximum Low Level Dynamic Input Voltage Characteristic Typ - - - - Max 0.5 -0.5 2.0 0.8 Unit V V V V
SWITCHING WAVEFORMS
VALID A tPLH O 50% VCC 50% tPHL O VALID VCC GND E3 tPHL 50% VCC 50% tPLH VCC GND
Figure 4. .
VCC 50% tPHL O 50% VCC tPLH GND
Figure 5. .
E2 or E1
Figure 6.
TEST CIRCUIT
TEST POINT OUTPUT DEVICE UNDER TEST CL*
*Includes all probe and jig capacitance
Figure 7.
http://onsemi.com
5
MC74LVX138
PACKAGE DIMENSIONS
SOIC-16 D SUFFIX CASE 751B-05 ISSUE J
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
TSSOP-16 DT SUFFIX CASE 948F-01 ISSUE A
16X K REF NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
K K1
16
2X
L/2
9
J1 B -U-
L
PIN 1 IDENT. 1 8
J
N 0.15 (0.006) T U
S
0.25 (0.010) M
A -V- N F DETAIL E
C 0.10 (0.004) -T- SEATING
PLANE
H D G
DETAIL E
http://onsemi.com
6
EEE CCC EEE CCC
SECTION N-N
-W-
DIM A B C D F G H J J1 K K1 L M
MC74LVX138
SOEIAJ-16 M SUFFIX CASE 966-01 ISSUE O
16
9
LE Q1 E HE M_ L DETAIL P
1
8
Z D e A VIEW P
c
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
b 0.13 (0.005)
M
A1 0.10 (0.004)
http://onsemi.com
7
MC74LVX138
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC74LVX138/D


▲Up To Search▲   

 
Price & Availability of MC74LVX138

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X