Part Number Hot Search : 
MOF5W 3404A ARA1400 29410 1N914B FR104 MM5Z43V 74LS51
Product Description
Full Text Search
 

To Download MBR0520LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR0520LT1, MBR0520LT3
Preferred Devices
Surface Mount Schottky Power Rectifier
Plastic SOD-123 Package
The Schottky Power Rectifier employs the Schottky Barrier principle with a barrier metal that produces optimal forward voltage drop-reverse current tradeoff. Ideally suited for low voltage, high frequency rectification, or as free wheeling and polarity protection diodes in surface mount applications where compact size and weight are critical to the system. This package provides an alternative to the leadless 34 MELF style package. These state-of-the-art devices have the following features:
Features http://onsemi.com
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES, 20 VOLTS
* * * * * *
Guardring for Stress Protection Very Low Forward Voltage (0.38 V Max @ 0.5 A, 25C) 125C Operating Junction Temperature Epoxy Meets UL 94 V-0 @ 0.125 in Package Designed for Optimal Automated Board Assembly Pb-Free Packages are Available
SOD-123 CASE 425 STYLE 1
Mechanical Characteristics
* Reel Options: * * * * *
MBR0520LT1 = 3,000 per 7 reel / 8 mm tape MBR0520LT3 = 10,000 per 13 reel / 8 mm tape Polarity Designator: Cathode Band Weight: 11.7 mg (approximately) Case: Epoxy, Molded Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds
MARKING DIAGRAM
B2 M G G
B2 = Device Code M = Date Code G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
Device MBR0520LT1 MBR0520LT1G MBR0520LT3 MBR0520LT3G Package SOD-123 SOD-123 (Pb-Free) SOD-123 SOD-123 (Pb-Free) Shipping 3000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 10,000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2006
1
May, 2006 - Rev. 5
Publication Order Number: MBR0520LT1/D
MBR0520LT1, MBR0520LT3
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR, TL = 90C) Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Storage Temperature Range Operating Junction Temperature Voltage Rate of Change (Rated VR) ESD Ratings: Machine Model = C Human Body Model = 3B Symbol VRRM VRWM VR IF(AV) IFSM Tstg TJ dv/dt Value 20 Unit V
0.5 5.5 -65 to +150 -65 to +125 1000 > 400 > 8000
A A C C V/ms V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Rating Thermal Resistance; Junction-to-Ambient (Note 1) Thermal Resistance; Junction-to-Lead Symbol RqJA RqJL Value 206 150 Unit C/W C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2) (iF = 0.1 Amps) (iF = 0.5 Amps) Maximum Instantaneous Reverse Current (Note 2) (VR = 10 V) (Rated DC Voltage = 20 V) 1. 1 inch square pad size (1 x 0.5 inch for each lead) on FR4 board. 2. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2%. IR vF TJ = 25C 0.300 0.385 TJ = 25C 75 mA 250 mA TJ = 100C 0.220 0.330 TJ = 100C 5 mA 8 mA mA V
http://onsemi.com
2
MBR0520LT1, MBR0520LT3
iF, INSTANTANEOUS FORWARD CURRENT (AMPS) 10,000 I R, REVERSE CURRENT ( A) 1
TJ = 100C 1000
0.1
TJ = 100C
75C
25C
-25 C
75C 100
0.01
0.1 0.2 0.3 0.4 vF , INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.5
0
5
10 15 VR, REVERSE VOLTAGE (VOLTS)
20
25
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
200
100 I R, REVERSE CURRENT ( A) TJ = +25C
C, CAPACITANCE (pF)
150
10
100
1 -25 C
50
0.1
0
0
5
10 15 20 VR, REVERSE VOLTAGE (VOLTS)
25
0.01
0
5
10 15 20 VR, REVERSE VOLTAGE (VOLTS)
25
Figure 3. Typical Capacitance
Figure 4. Typical Reverse Current
P F(AV), AVERAGE POWER DISSIPATION (WATT)
1 AVERAGE FORWARD CURRENT (AMP) 0.875 0.75 0.625 0.5 0.375 0.25 0.125 0 60 67 5 10 20 74 95 102 109 81 88 LEAD TEMPERATURE (C) 116 123 130 DC IPK = p = SQUARE WAVE IAV
0.35 0.315 0.28 0.245 0.21 0.175 0.14 0.105 0.07 0.035 0 0 0.5 0.625 0.75 0.875 0.125 0.25 0.375 IF(AV), AVERAGE FORWARD CURRENT (AMP) 1 IPK + 20 10 IAV 5 p TJ = 125C SQUARE WAVE DC
Figure 5. Current Derating (Lead)
Figure 6. Power Dissipation
http://onsemi.com
3
MBR0520LT1, MBR0520LT3
PACKAGE DIMENSIONS
SOD-123 CASE 425-04 ISSUE E
D
A A1
HE
2.36 0.093 4.19 0.165
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
4
EE EE EE
EE EE EE
AAAA AAAA AAAA
2
1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. MILLIMETERS DIM MIN NOM MAX A 0.94 1.17 1.35 A1 0.00 0.05 0.10 b 0.51 0.61 0.71 --- --- c 0.15 D 1.40 1.60 1.80 E 2.54 2.69 2.84 HE 3.56 3.68 3.86 --- --- L 0.25 STYLE 1: PIN 1. CATHODE 2. ANODE MIN 0.037 0.000 0.020 --- 0.055 0.100 0.140 0.010 INCHES NOM 0.046 0.002 0.024 --- 0.063 0.106 0.145 --- MAX 0.053 0.004 0.028 0.006 0.071 0.112 0.152 ---
E
L C
b
SOLDERING FOOTPRINT*
0.91 0.036 1.22 0.048
SCALE 10:1
mm inches
MBR0520LT1/D


▲Up To Search▲   

 
Price & Availability of MBR0520LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X